Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

RT9715FGB Datasheet(PDF) 6 Page - Richtek Technology Corporation

Part No. RT9715FGB
Description  Operating Range : 2.7V to 5.5V, Reverse Blocking Current
Download  15 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  RICHTEK [Richtek Technology Corporation]
Homepage  http://www.richtek.com
Logo 

RT9715FGB Datasheet(HTML) 6 Page - Richtek Technology Corporation

Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
RT9715
6
DS9715-03 April 2011
www.richtek.com
Current Limit vs. Input Voltage
1.6
1.7
1.8
1.9
2.0
2.1
2.2
2.3
2.4
2.7
3.1
3.5
3.9
4.3
4.7
5.1
5.5
Input Voltage (V)
Short Current vs. Input Voltage
1.0
1.1
1.2
1.3
1.4
1.5
1.6
1.7
1.8
1.9
2.0
2.7
3.1
3.5
3.9
4.3
4.7
5.1
5.5
Input Voltage (V)
Output Voltage vs. Output Current
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
6.0
0
0.25 0.5 0.75
1
1.25 1.5 1.75
2
2.25 2.5
Output Current (A)
VIN = 5V
VIN = 3.3V
Short Current vs. Temperature
1.00
1.10
1.20
1.30
1.40
1.50
1.60
1.70
1.80
1.90
2.00
-40 -25 -10
5
20
35
50
65
80
95
110
Temperature (
°C)
VIN = 5V
UVLO Threshold vs. Temperature
1.0
1.2
1.4
1.6
1.8
2.0
2.2
-40 -25 -10
5
20
35
50
65
80
95 110
Temperature
Rising
Falling
(
°C)
Current Limit vs. Temperature
2.00
2.05
2.10
2.15
2.20
2.25
2.30
2.35
2.40
-40 -25 -10
5
20
35
50
65
80
95
110
Temperature (
°C)
VIN = 5V


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn