Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

RT9715FGB Datasheet(PDF) 5 Page - Richtek Technology Corporation

Part No. RT9715FGB
Description  Operating Range : 2.7V to 5.5V, Reverse Blocking Current
Download  15 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  RICHTEK [Richtek Technology Corporation]
Homepage  http://www.richtek.com
Logo 

RT9715FGB Datasheet(HTML) 5 Page - Richtek Technology Corporation

 
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
RT9715
5
DS9715-03 April 2011
www.richtek.com
Typical Operating Characteristics
On Resistance vs. Input Voltage
90
92
94
96
98
100
102
104
106
108
2.7
3.1
3.5
3.9
4.3
4.7
5.1
5.5
Input Voltage (V)
IOUT = 2A
SOP-8
SOT-23-5
On Resistance vs. Temperature
70
75
80
85
90
95
100
105
110
115
120
125
-40
-25
-10
5
20
35
50
65
80
Temperature
VIN = 5V, IOUT = 2A
SOP-8
SOT-23-5
(
°C)
Quiescent Current vs. Input Voltage
40
42
44
46
48
50
52
54
56
58
60
2.7
3.1
3.5
3.9
4.3
4.7
5.1
5.5
Input Voltage (V)
No Load
Quiescent Current vs. Temperature
50
51
52
53
54
55
56
57
58
59
60
-40 -25 -10
5
20
35
50
65
80
95
110
Temperature (
°C)
VIN = 5V,No Load
Shutdown Current vs. Input Voltage
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
2.7
3.1
3.5
3.9
4.3
4.7
5.1
5.5
Input Voltage (V)
No Load
Shutdown Current vs. Temperature
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
-40 -25 -10
5
20
35
50
65
80
95
110
Temperature (°C)
VIN = 5V


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn