Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

RT9715FGB Datasheet(PDF) 4 Page - Richtek Technology Corporation

Part No. RT9715FGB
Description  Operating Range : 2.7V to 5.5V, Reverse Blocking Current
Download  15 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  RICHTEK [Richtek Technology Corporation]
Homepage  http://www.richtek.com
Logo 

RT9715FGB Datasheet(HTML) 4 Page - Richtek Technology Corporation

 
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
RT9715
4
DS9715-03 April 2011
www.richtek.com
Note 1.
Stresses beyond those listed under Absolute Maximum Ratingsmay cause permanent damage to the device.
These are stress ratings only, and functional operation of the device at these or any other conditions beyond those
indicated in the operational sections of the specifications is not implied. Exposure to absolute maximum rating
conditions for extended periods may affect device reliability.
Note 2.
θJA is measured in the natural convection at TA = 25°C on a low effective single layer thermal conductivity test board of
JEDEC 51-3 thermal measurement standard.
Note 3.
Devices are ESD sensitive. Handling precaution is recommended.
Note 4.
The device is not guaranteed to function outside its operating conditions.
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
Logic_High Voltage
VIH
VIN = 2.7V to 5.5V
2
--
--
V
EN/EN
Threshold
Logic_Low Voltage
VIL
VIN = 2.7V to 5.5V
--
--
0.8
V
EN/EN Input Current
IEN/EN
VEN = 5V
--
0.01
0.1
uA
Output Leakage Current
ILEAKAGE
VEN = 0V, RLOAD = 0Ω
--
0.5
1
uA
Output Turn-On Rise Time
TON_RISE
10% to 90% of VOUT Rising
--
200
--
us
FLG Output Resistance
RFLG
ISINK = 1mA
--
20
--
Ω
FLG Off Current
IFLG_OFF
VFLG = 5V
--
0.01
1
uA
FLG Delay Time
TD
From fault condition to FLG
assertion
5
12
20
ms
Shutdown Auto-Discharge
Resistance
RDischarge
VEN = 0V, VEN = 5V
--
100
150
Ω
Under-Voltage Lockout
VUVLO
VIN Rising
1.3
1.7
--
V
Under-Voltage Hysteresis
ΔVUVLO
VIN Decreasing
--
0.1
--
V
VOUT > 1V
--
120
--
°C
Thermal Shutdown Protection
TSD
VOUT = 0V
--
100
--
°C
Thermal Shutdown Hysteresis
VOUT = 0V
--
20
--
°C


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn