Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RT9193-35PB Datasheet(PDF) 8 Page - Richtek Technology Corporation

Part # RT9193-35PB
Description  Ultra Low Noise for RF Application, Ultra Fast Response in Line/Load Transient
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9193-35PB Datasheet(HTML) 8 Page - Richtek Technology Corporation

Back Button RT9193-35PB Datasheet HTML 4Page - Richtek Technology Corporation RT9193-35PB Datasheet HTML 5Page - Richtek Technology Corporation RT9193-35PB Datasheet HTML 6Page - Richtek Technology Corporation RT9193-35PB Datasheet HTML 7Page - Richtek Technology Corporation RT9193-35PB Datasheet HTML 8Page - Richtek Technology Corporation RT9193-35PB Datasheet HTML 9Page - Richtek Technology Corporation RT9193-35PB Datasheet HTML 10Page - Richtek Technology Corporation RT9193-35PB Datasheet HTML 11Page - Richtek Technology Corporation RT9193-35PB Datasheet HTML 12Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
RT9193
8
DS9193-16
January 2013
www.richtek.com
Copyright
2013 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
©
Applications Information
Like any low dropout regulator, the external capacitors
used with the RT9193 must be carefully selected for
regulator stability and performance. Using a capacitor
whose value is >1
μF on the RT9193 input and the amount
of capacitance can be increased without limit. The input
capacitor must be located a distance of not more than 0.5
inch from the input pin of the IC and returned to a clean
analog ground. Any good quality ceramic or tantalum can
be used for this capacitor. The capacitor with larger value
and lower ESR (equivalent series resistance) provides
better PSRR and line-transient response. The output
capacitor must meet both requirements for minimum
amount of capacitance and ESR in all LDOs application.
The RT9193 is designed specifically to work with low ESR
ceramic output capacitor in space-saving and performance
consideration. Using a ceramic capacitor whose value is
at least 1
μF with ESR is >1mΩ on the RT9193 output
ensures stability. The RT9193 still works well with output
capacitor of other types due to the wide stable ESR range.
Figure 1 shows the curves of allowable ESR range as a
function of load current for various output capacitor values.
Output capacitor of larger capacitance can reduce noise
and improve load transient response, stability, and PSRR.
The output capacitor should be located not more than 0.5
inch from the VOUT pin of the RT9193 and returned to a
clean analog ground.
Figure 1
Bypass Capacitor and Low Noise
Connecting a 22nF between the BP pin and GND pin
significantly reduces noise on the regulator output, it is
critical that the capacitor connection between the BP pin
and GND pin be direct and PCB traces should be as short
as possible. There is a relationship between the bypass
capacitor value and the LDO regulator turn on time. DC
leakage on this pin can affect the LDO regulator output
noise and voltage regulation performance.
Enable Function
The RT9193 features an LDO regulator enable/disable
function. To assure the LDO regulator will switch on, the
EN turn on control level must be greater than 1.2 volts.
The LDO regulator will go into the shutdown mode when
the voltage on the EN pin falls below 0.4 volts. For to
protecting the system, the RT9193 have a quick-discharge
function. If the enable function is not needed in a specific
application, it may be tied to VIN to keep the LDO regulator
in a continuously on state.
Thermal Considerations
Thermal protection limits power dissipation in RT9193.
When the operation junction temperature exceeds 165
°C,
the OTP circuit starts the thermal shutdown function turn
the pass element off. The pass element turn on again
after the junction temperature cools by 30
°C.
For continue operation, do not exceed absolute maximum
operation junction temperature 125
°C. The power
dissipation definition in device is :
PD = (VIN
− VOUT) x IOUT + VIN x IQ
The maximum power dissipation depends on the thermal
resistance of IC package, PCB layout, the rate of
surroundings airflow and temperature difference between
junction to ambient. The maximum power dissipation can
be calculated by following formula :
PD(MAX) = ( TJ(MAX)
− TA ) /θJA
Where TJ(MAX) is the maximum operation junction
temperature 125
°C, TA is the ambient temperature and
the
θJA is the junction to ambient thermal resistance.
Region of Stable COUT ESR vs. Load Current
0.001
0.01
0.1
1
10
100
0
50
100
150
200
250
300
Load Current (mA)
Instable
Stable
RT9193-15xU5
CIN = COUT = 1
μF, X7R


Similar Part No. - RT9193-35PB

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT9193-35PB RICHTEK-RT9193-35PB Datasheet
208Kb / 12P
   300mA, Ultra-Low Noise, Ultra-Fast CMOS LDO Regulator
RT9193-35PB RICHTEK-RT9193-35PB Datasheet
191Kb / 14P
   300mA, Ultra-Low Noise, Ultra-Fast CMOS LDO Regulator
RT9193-35PB RICHTEK-RT9193-35PB Datasheet
296Kb / 12P
   300mA, Thermal Folded Back CMOS LDO Regulator
RT9193-35PB RICHTEK-RT9193-35PB Datasheet
195Kb / 14P
   Ultra Low Noise for RF Application, Ultra Fast Response in Line/Load Transient
More results

Similar Description - RT9193-35PB

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT9193-18GB RICHTEK-RT9193-18GB Datasheet
195Kb / 14P
   Ultra Low Noise for RF Application, Ultra Fast Response in Line/Load Transient
RT9198-33GBR RICHTEK-RT9198-33GBR Datasheet
275Kb / 18P
   Low-Noise for RF Application, Fast Response in Line/Load Transient
logo
Leshan Radio Company
LR9198 LRC-LR9198_15 Datasheet
734Kb / 12P
   Ultra-low Noise for RF Application
logo
Lowpower Semiconductor ...
LP3983H POWER-LP3983H Datasheet
512Kb / 10P
   Ultra-Low-Noise for RF Application
LP3987H POWER-LP3987H Datasheet
428Kb / 9P
   Ultra-Low-Noise for RF Application
logo
M.S. Kennedy Corporatio...
MSK5251-15 MSK-MSK5251-15 Datasheet
335Kb / 6P
   Ultra-Fast Transient Response
MSK5251-09 MSK-MSK5251-09 Datasheet
335Kb / 6P
   Ultra-Fast Transient Response
MSK5251-08 MSK-MSK5251-08 Datasheet
335Kb / 6P
   Ultra-Fast Transient Response
MSK5251-13 MSK-MSK5251-13 Datasheet
335Kb / 6P
   Ultra-Fast Transient Response
MSK5251-12 MSK-MSK5251-12 Datasheet
335Kb / 6P
   Ultra-Fast Transient Response
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com