Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

0805CS Datasheet(PDF) 2 Page - Coilcraft lnc.

Part # 0805CS
Description  Exceptional Q values, even at high frequencies, Wirewound construction provides the highest SRFs in 0805 size
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COILCRAFT [Coilcraft lnc.]
Direct Link  http://www.coilcraft.com
Logo COILCRAFT - Coilcraft lnc.

0805CS Datasheet(HTML) 2 Page - Coilcraft lnc.

  0805CS_12 Datasheet HTML 1Page - Coilcraft lnc. 0805CS_12 Datasheet HTML 2Page - Coilcraft lnc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
US
UK
Taiwan
China
Singapore
+1-847-639-6400 sales@coilcraft.com
+44-1236-730595 sales@coilcraft-europe.com
+886-2-2264 3646 sales@coilcraft.com.tw
+86-21-6218 8074 sales@coilcraft.com.cn
+ 65-6484 8412 sales@coilcraft.com.sg
© Coilcraft Inc. 2012
This product may not be used in medical of high
risk applications without prior Coilcraft approval.
Specification subject to change without notice.
Please check out web site for latest information.
0805CS Series (2012)
Document 100-2
Typical Q vs Frequency
Typical L vs Frequency
J
H
A
B
overall
F
G
E
terminal
F
C
D
Terminal wraparound:
approx 0.015/0,38 both ends
Recommended
Land Pattern
I
I
Pick and
place
material
1
10
100
1000
10
100
1000
Frequency (MHz)
220 nH
100 nH
39 nH
15 nH
3.3 nH
12 nH
6.8 nH
3.3 nH
22 nH
39 nH
68 nH
120 nH
270 nH
10
100
Frequency (MHz)
1000
10,000
100
90
80
70
60
50
40
30
20
10
0
-40
-20
020406080
100
140
120
Ambient temperature (°C)
120
110
100
90
80
70
60
50
40
30
20
10
0
Irms Derating
Designer’s Kit C303contains10ofeach5%part
Designer’s Kit C303-2contains10ofeach2%part
Core material Ceramic
Environmental RoHScompliant,halogenfreeoptional
Terminations RoHScompliantsilver-palladium-platinum-glassfrit.
Otherterminationsavailableatadditionalcost.
Weight 10.2–11.6mg
Ambient temperature –40°Cto+125°CwithIrmscurrent,+125°Cto
+140°Cwithderatedcurrent
Storage temperature Component:–40°Cto+140°C.
Packaging:–40°Cto+80°C
Resistance to soldering heat Maxthree40secondreflowsat
+260°C,partscooledtoroomtemperaturebetweencycles
Temperature Coefficient of Inductance (TCL) +100to+250ppm/°C
Moisture Sensitivity Level (MSL) 1(unlimitedfloorlifeat<30°C/
85%relativehumidity)
Failures in Time (FIT) / Mean Time Between Failures (MTBF)
Oneperbillionhours/onebillionhours,calculatedperTelcordiaSR-332
Packaging 2000/7
″reel;7500/13″reel. Plastictape: 8mmwide,
0.23mmthick,4mmpocketspacing,1.65mmpocketdepth
PCB washing Onlypurewateroralcoholrecommended
Document 100-2 Revised 01/11/12
A
B
C
D
max max
max
ref
E
F
G
H
I
J
0.090 0.068 0.060
0.020 0.050 0.020 0.040 0.070 0.040 0.030 inches
2,29
1,73
1,52
0,51
1,27
0,51
1,02
1,78 1,02
0,76 mm
Note: Heightdimension(C)isbeforeoptionalsolderapplication.Formaximum
heightdimensionincludingsolder,add0.006in/0,152mm.


Similar Part No. - 0805CS_12

ManufacturerPart #DatasheetDescription
logo
Coilcraft lnc.
0805CS-120XFLB COILCRAFT-0805CS-120XFLB Datasheet
107Kb / 2P
   Chip Inductors
0805CS-120XFLC COILCRAFT-0805CS-120XFLC Datasheet
160Kb / 2P
   Chip Inductors - 0805CS (2012)
0805CS-120XFLC COILCRAFT-0805CS-120XFLC Datasheet
107Kb / 2P
   Chip Inductors
0805CS-120XFLD COILCRAFT-0805CS-120XFLD Datasheet
160Kb / 2P
   Chip Inductors ??0805CS (2012)
0805CS-120XFLD COILCRAFT-0805CS-120XFLD Datasheet
160Kb / 2P
   Chip Inductors - 0805CS (2012)
More results

Similar Description - 0805CS_12

ManufacturerPart #DatasheetDescription
logo
Coilcraft lnc.
0603CS COILCRAFT-0603CS_12 Datasheet
146Kb / 2P
   Ultra-small size, exceptional Q and high SRFs make these inductors ideal for high frequency applications where size is at a premium
1812LS COILCRAFT-1812LS_12 Datasheet
177Kb / 2P
   Highest inductance values of all our chip inductors, Ferrite construction for high current handling
logo
OmniVision Technologies...
OH01A10 OMNIVISION-OH01A10 Datasheet
679Kb / 2P
   highest resolution in small die size
logo
Coilcraft lnc.
0603HP COILCRAFT-0603HP_12 Datasheet
150Kb / 2P
   Higher Q and lower DCR than other 0603 inductors, Highest SRF values ??as high as 16 GHz
logo
List of Unclassifed Man...
RB2015 ETC2-RB2015 Datasheet
244Kb / 2P
   It denotes the values at the maximum energy absorption per one cycle.
logo
Littelfuse
T2200 LITTELFUSE-T2200 Datasheet
217Kb / 2P
   The T2200 detects the highest
logo
Vishay Siliconix
TLDR4100 VISHAY-TLDR4100 Datasheet
582Kb / 5P
   Very high intensity even at low drive currents
Rev. 1.1, 23-Apr-13
logo
Ohmite Mfg. Co.
RES-CS3 OHMITE-RES-CS3 Datasheet
328Kb / 2P
   Values beginning at 1 miliohm
logo
RENCO ELECTRONICS, INC.
RL-7700-3HQ RENCO-RL-7700-3HQ Datasheet
1Mb / 2P
   HIGH Q CERAMIC WIREWOUND CHIP INDUCTORS
logo
Vishay Siliconix
TLDR6400 VISHAY-TLDR6400 Datasheet
482Kb / 5P
   Very high intensity even at low drive currents
Rev. 1.1, 29-Apr-13
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com