Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RT8008GB Datasheet(PDF) 1 Page - Richtek Technology Corporation

Part # RT8008GB
Description  1.0V, 1.2V, 1.5V, 1.8V, 2.5V and 3.3V Fixed/Adjustable Output Voltage
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT8008GB Datasheet(HTML) 1 Page - Richtek Technology Corporation

  RT8008GB Datasheet HTML 1Page - Richtek Technology Corporation RT8008GB Datasheet HTML 2Page - Richtek Technology Corporation RT8008GB Datasheet HTML 3Page - Richtek Technology Corporation RT8008GB Datasheet HTML 4Page - Richtek Technology Corporation RT8008GB Datasheet HTML 5Page - Richtek Technology Corporation RT8008GB Datasheet HTML 6Page - Richtek Technology Corporation RT8008GB Datasheet HTML 7Page - Richtek Technology Corporation RT8008GB Datasheet HTML 8Page - Richtek Technology Corporation RT8008GB Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
RT8008
1
DS8008-07
March 2011
www.richtek.com
Features
2.5V to 5.5V Input Range
Adjustable Output From 0.6V to VIN
1.0V, 1.2V, 1.5V, 1.8V, 2.5V and 3.3V Fixed/
Adjustable Output Voltage
600mA Output Current, 1A Peak Current
95% Efficiency
No Schottky Diode Required
1.5MHz Fixed Frequency PWM Operation
Small SOT-23-5 and TSOT-23-5 Package
RoHS Compliant and 100% Lead (Pb)-Free
Applications
Cellular Telephones
Personal Information Appliances
Wireless and DSL Modems
MP3 Players
Portable Instruments
1.5MHz, 600mA, High Efficiency PWM Step-Down DC/DC
Converter
General Description
The RT8008 is a high-efficiency pulse-width-modulated
(PWM) step-down DC/DC converter. Capable of delivering
600mA output current over a wide input voltage range from
2.5V to 5.5V, the RT8008 is ideally suited for portable
electronic devices that are powered from 1-cell Li-ion
battery or from other power sources within the range such
as cellular phones, PDAs and handy-terminals.
Internal synchronous rectifier with low RDS(ON) dramatically
reduces conduction loss at PWM mode. No external
Schottky diode is required in practical application. The
RT8008 automatically turns off the synchronous rectifier
while the inductor current is low and enters discontinuous
PWM mode. This can increase efficiency at light load
condition.
The RT8008 enters Low-Dropout mode when normal PWM
cannot provide regulated output voltage by continuously
turning on the upper P-MOSFET. RT8008 enter shutdown
mode and consumes less than 0.1
μAwhen ENpin is pulled
low.
The switching ripple is easily smoothed-out by small
package filtering elements due to a fixed operation
frequency of 1.5MHz. This along with small SOT-23-5 and
TSOT-23-5 package provides small PCB area application.
Other features include soft start, lower internal reference
voltage with 2% accuracy, over temperature protection,
and over current protection.
Ordering Information
Pin Configurations
(TOP VIEW)
SOT-23-5/TSOT-23-5
EN GND LX
FB/VOUT
VIN
4
23
5
Note :
Richtek products are :
RoHS compliant and compatible with the current require-
ments of IPC/JEDEC J-STD-020.
Suitable for use in SnPb or Pb-free soldering processes.
RT8008(-
)
Package Type
B : SOT-23-5
J5 : TSOT-23-5
Output Voltage
Default : Adjustable
10 : 1.0V
12 : 1.2V
15 : 1.5V
18 : 1.8V
25 : 2.5V
33 : 3.3V
Lead Plating System
P : Pb Free
G : Green (Halogen Free and Pb Free)
Marking Information
For marking information, contact our sales representative
directly or through a Richtek distributor located in your
area.


Similar Part No. - RT8008GB

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT8008GB RICHTEK-RT8008GB Datasheet
454Kb / 10P
   Evaluation Board
RT8008GB RICHTEK-RT8008GB Datasheet
211Kb / 14P
   1.5MHz, 600mA, High Efficiency PWM Step-Down DC/DC Converter
More results

Similar Description - RT8008GB

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
ZLDO1117 DIODES-ZLDO1117 Datasheet
220Kb / 12P
   1A Low Dropout Positive Regulator 1.2V, 1.5V, 1.8V, 2.5V, 3.3V, 5.0V and Adjustable outputs
logo
Galaxy Power, Inc.
G2PW5V030 GALAXY-G2PW5V030 Datasheet
636Kb / 7P
   48V or 24V Input 1.0V, 1.2V, 1.5V, 1.8V, 2.0V, 2.5VDC, 60A Output 3.3V, 45A; 5.0V, 30A Output
logo
Interpion semiconductor
IP1117 INTERPION-IP1117 Datasheet
315Kb / 11P
   LDO Regulator with Adjustable and Fixed 1.8V, 2.5V,3.3V,5.0V
logo
Anpec Electronics Corop...
APL1117 ANPEC-APL1117_10 Datasheet
299Kb / 19P
   1A Low Dropout Fast Response Positive Adjustable Regulator and Fixed 1.2V,1.8V, 2.5V, 2.85V, 3.3V and 5V
logo
Maxim Integrated Produc...
MAX38641AEVK MAXIM-MAX38641AEVK Datasheet
455Kb / 6P
   1.0V to 3.3V Configurable Output Voltage
Rev 1; 7/19
logo
Anpec Electronics Corop...
APL1087R ANPEC-APL1087R Datasheet
116Kb / 12P
   800mA Low Dropout Fast Response Positive Adjustable Regulator and Fixed 1.8V, 2.5V and 3.3V
APL1087 ANPEC-APL1087 Datasheet
139Kb / 14P
   800mA Low Dropout Fast Response Positive Adjustable Regulator and Fixed 1.8V, 2.5V and 3.3V
APL1087E ANPEC-APL1087E Datasheet
143Kb / 14P
   800mA Low Dropout Fast Response Positive Adjustable Regulator and Fixed 1.8V, 2.5V and 3.3V
APL1086 ANPEC-APL1086_08 Datasheet
229Kb / 15P
   1.5A Low Dropout Fast Response Positive Adjustable Regulator and Fixed 1.8V, 2.5V, 2.85V, and 3.3V
APL1117 ANPEC-APL1117 Datasheet
156Kb / 18P
   1A Low Dropout Fast Response Positive Adjustable Regulator and Fixed 1.8V, 2.5V, 2.85V and 3.3V
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com