Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RT8064ZQW Datasheet(PDF) 2 Page - Richtek Technology Corporation

Part # RT8064ZQW
Description  High Efficiency : Up to 95%, Adjustable Frequency : 200kHz to 2MHz
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT8064ZQW Datasheet(HTML) 2 Page - Richtek Technology Corporation

  RT8064ZQW Datasheet HTML 1Page - Richtek Technology Corporation RT8064ZQW Datasheet HTML 2Page - Richtek Technology Corporation RT8064ZQW Datasheet HTML 3Page - Richtek Technology Corporation RT8064ZQW Datasheet HTML 4Page - Richtek Technology Corporation RT8064ZQW Datasheet HTML 5Page - Richtek Technology Corporation RT8064ZQW Datasheet HTML 6Page - Richtek Technology Corporation RT8064ZQW Datasheet HTML 7Page - Richtek Technology Corporation RT8064ZQW Datasheet HTML 8Page - Richtek Technology Corporation RT8064ZQW Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
RT8064
2
DS8064-07
November 2012
www.richtek.com
©
Copyright
2012 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
Typical Application Circuit
VOUT (V)
R1 (k
Ω)
R2 (k
Ω)
RCOMP (kΩ)
CCOMP (pF)
L (
μH)
COUT (μF)
3.3
75
24
33
560
2
22
2.5
51
24
22
560
2
22
1.8
30
24
15
560
1.5
22
1.5
21
24
13
560
1.5
22
1.2
12
24
11
560
1.5
22
1
6
24
8.2
560
1.5
22
Table 1. Recommended Components Selection for fSW = 1MHz
VIN
RT8064
VIN
2.7V to 5.5V
RT
LX
COMP
FB
GND
ROSC
L
COUT
RCOMP
VOUT
CIN
10µF
CCOMP
R1
R2
SS
CSS
10nF
Chip Enable
R3
100k
PGOOD
PGOOD
EN
4
8
6
3
2
9 (Exposed Pad)
1
7
5
Pin Configurations
(TOP VIEW)
SOP-8 (Exposed Pad)
COMP
SS
EN
VIN
PGOOD
FB
LX
RT
GND
2
3
4
5
6
7
8
9
COMP
SS
VIN
PGOOD
FB
RT
LX
EN
7
6
5
1
2
3
4
8
9
WDFN-8L 3x3


Similar Part No. - RT8064ZQW

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT8064ZSP RICHTEK-RT8064ZSP Datasheet
202Kb / 13P
   2A, 2MHz, Synchronous Step-Down Converter
More results

Similar Description - RT8064ZQW

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AOZ1110QI AOSMD-AOZ1110QI Datasheet
681Kb / 16P
   Efficiency up to 95%
logo
Maxim Integrated Produc...
MAX15039EVKIT MAXIM-MAX15039EVKIT Datasheet
241Kb / 11P
   500kHz to 2MHz Adjustable Frequency
Rev 1; 5/10
logo
STMicroelectronics
VIPER50A-22-E STMICROELECTRONICS-VIPER50A-22-E Datasheet
353Kb / 31P
   ADJUSTABLE SWITCHING FREQUENCY UP TO 200 kHz
logo
Recom International Pow...
RO-E RECOM-RO-E Datasheet
90Kb / 2P
   High Efficiency up to 84%
logo
Arch Electronics Corp.
AQF120U_SERIES ARCH-AQF120U_SERIES Datasheet
355Kb / 5P
   High Efficiency up to 93%
AQC100_SERIES ARCH-AQC100_SERIES Datasheet
291Kb / 4P
   High Efficiency up to 93% Typical
AQF100O_SERIES ARCH-AQF100O_SERIES Datasheet
338Kb / 5P
   High Efficiency up to 93% Typical
logo
Total Power Internation...
MPW2000 TOTAL-POWER-MPW2000 Datasheet
435Kb / 8P
   Efficiency up to 89%
logo
Artesyn Technologies
ATA ARTESYN-ATA Datasheet
395Kb / 2P
   Efficiency up to 86%
logo
Recom International Pow...
RB-E RECOM-RB-E Datasheet
95Kb / 2P
   High Efficiency up to 84% Full Load
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com