Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN75ALS173NSRE4 Datasheet(PDF) 5 Page - Texas Instruments

Part # SN75ALS173NSRE4
Description  Meets or Exceeds the Requirements of ITU Recommendations V.10, V.11, X.26, and X.27
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN75ALS173NSRE4 Datasheet(HTML) 5 Page - Texas Instruments

  SN75ALS173NSRE4 Datasheet HTML 1Page - Texas Instruments SN75ALS173NSRE4 Datasheet HTML 2Page - Texas Instruments SN75ALS173NSRE4 Datasheet HTML 3Page - Texas Instruments SN75ALS173NSRE4 Datasheet HTML 4Page - Texas Instruments SN75ALS173NSRE4 Datasheet HTML 5Page - Texas Instruments SN75ALS173NSRE4 Datasheet HTML 6Page - Texas Instruments SN75ALS173NSRE4 Datasheet HTML 7Page - Texas Instruments SN75ALS173NSRE4 Datasheet HTML 8Page - Texas Instruments SN75ALS173NSRE4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
SN75ALS173
QUADRUPLE DIFFERENTIAL LINE RECEIVER
SLLS132C – SEPTEMBER 1991 – REVISED MAY 1995
5
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
PARAMETER MEASUREMENT INFORMATION
VOL
VOH
– 2.5 V
2.5 V
Output
Input
1.3 V
1.3 V
tPHL
tPLH
0 V
0 V
2 V
Output
CL = 15 pF
(see Note B)
50
TEST CIRCUIT
VOLTAGE WAVEFORMS
Generator
(see Note A)
Figure 2. Test Circuit and Voltage Waveforms
See Note D
≈ 0
S1 Open
S1 Closed
1.3 V
1.3 V
tPHZ
tPZH
0.5 V
See Note C
VCC
2 k
S1
5 k
2.5 V
CL
(see Note B)
Output
2 V
1.3 V
Input
Output
3 V
0 V
VOH
≈ 1.4 V
50
TEST CIRCUIT
VOLTAGE WAVEFORMS
Generator
(see Note A)
Figure 3. Test Circuit and Voltage Waveforms
NOTES: A. The input pulse is supplied by a generator having the following characteristics: PRR = 1 MHz, duty cycle = 50%, tr ≤ 6 ns, tf ≤ 6 ns,
ZO = 50 Ω.
B. CL includes probe and jig capacitance.
C. All diodes are 1N916 or equivalent.
D. To test the active-low enable G, ground G and apply an inverted input waveform to G.


Similar Part No. - SN75ALS173NSRE4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN75ALS173NSRG4 TI-SN75ALS173NSRG4 Datasheet
111Kb / 7P
[Old version datasheet]   QUADRUPLE DIFFERENTIAL LINE RECEIVER
More results

Similar Description - SN75ALS173NSRE4

ManufacturerPart #DatasheetDescription
logo
Grayhill, Inc
70L-ODC GRAYHILL-70L-ODC Datasheet
76Kb / 2P
   Transient Protection: Meets the requirements of IEEE 472
70L-IAC GRAYHILL-70L-IAC_10 Datasheet
85Kb / 2P
   Transient Protection: Meets the requirements of IEEE 472
logo
TE Connectivity Ltd
T92 TEC-T92 Datasheet
1Mb / 4P
   Meets requirements of UL Class F construction
logo
Grayhill, Inc
70L-OAC GRAYHILL-70L-OAC Datasheet
85Kb / 2P
   Transient Protection: Meets the requirements of IEEE 472, Surge Withstanding Capability Test
logo
Littelfuse
RXEF010 LITTELFUSE-RXEF010 Datasheet
354Kb / 2P
   Cured, Flame Retardant Epoxy Polymer meets UL94 V-0 Requirements
logo
List of Unclassifed Man...
NV08C-CSM ETC-NV08C-CSM Datasheet
1Mb / 27P
   NV08C-CSM v.3.x, v.4.x
February 18, 2014
BL600 ETC2-BL600 Datasheet
123Kb / 2P
   Meets Safety Agency Requirements
logo
Zilog, Inc.
Z8ENCORE000ZAC ZILOG-Z8ENCORE000ZAC Datasheet
814Kb / 6P
   The voltage and current requirements of the Z8 Encore
logo
LOGIC Devices Incorpora...
LF2246 LODEV-LF2246 Datasheet
248Kb / 7P
   11 x 10-bit Image Filter
logo
Marl International Limi...
623 MARL-623 Datasheet
326Kb / 4P
   Minimum line quantity 20 Panel sealing meets and exceeds IP67 rating
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com