Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN74HC174DT Datasheet(PDF) 6 Page - Texas Instruments

Part # SN74HC174DT
Description  Wide Operating Voltage Range of 2 V to 6 V
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74HC174DT Datasheet(HTML) 6 Page - Texas Instruments

Back Button SN74HC174DT Datasheet HTML 2Page - Texas Instruments SN74HC174DT Datasheet HTML 3Page - Texas Instruments SN74HC174DT Datasheet HTML 4Page - Texas Instruments SN74HC174DT Datasheet HTML 5Page - Texas Instruments SN74HC174DT Datasheet HTML 6Page - Texas Instruments SN74HC174DT Datasheet HTML 7Page - Texas Instruments SN74HC174DT Datasheet HTML 8Page - Texas Instruments SN74HC174DT Datasheet HTML 9Page - Texas Instruments SN74HC174DT Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 22 page
background image
PACKAGE OPTION ADDENDUM
www.ti.com
11-Apr-2013
Addendum-Page 1
PACKAGING INFORMATION
Orderable Device
Status
(1)
Package Type Package
Drawing
Pins Package
Qty
Eco Plan
(2)
Lead/Ball Finish
MSL Peak Temp
(3)
Op Temp (°C)
Top-Side Markings
(4)
Samples
5962-8407301VEA
ACTIVE
CDIP
J
16
25
TBD
A42
N / A for Pkg Type
5962-8407301VE
A
SNV54HC174J
5962-8407301VFA
ACTIVE
CFP
W
16
25
TBD
A42
N / A for Pkg Type
5962-8407301VF
A
SNV54HC174W
84073012A
ACTIVE
LCCC
FK
20
1
TBD
Call TI
Call TI
-55 to 125
84073012A
SNJ54HC
174FK
8407301EA
ACTIVE
CDIP
J
16
1
TBD
Call TI
Call TI
-55 to 125
8407301EA
SNJ54HC174J
8407301FA
ACTIVE
CFP
W
16
1
TBD
Call TI
Call TI
-55 to 125
8407301FA
SNJ54HC174W
JM38510/65307BEA
ACTIVE
CDIP
J
16
1
TBD
A42
N / A for Pkg Type
-55 to 125
JM38510/
65307BEA
M38510/65307BEA
ACTIVE
CDIP
J
16
1
TBD
A42
N / A for Pkg Type
-55 to 125
JM38510/
65307BEA
SN54HC174J
ACTIVE
CDIP
J
16
1
TBD
A42
N / A for Pkg Type
-55 to 125
SN54HC174J
SN74HC174D
ACTIVE
SOIC
D
16
40
Green (RoHS
& no Sb/Br)
CU NIPDAU
Level-1-260C-UNLIM
-40 to 85
HC174
SN74HC174DBR
ACTIVE
SSOP
DB
16
2000
Green (RoHS
& no Sb/Br)
CU NIPDAU
Level-1-260C-UNLIM
-40 to 85
HC174
SN74HC174DBRE4
ACTIVE
SSOP
DB
16
2000
Green (RoHS
& no Sb/Br)
CU NIPDAU
Level-1-260C-UNLIM
-40 to 85
HC174
SN74HC174DBRG4
ACTIVE
SSOP
DB
16
2000
Green (RoHS
& no Sb/Br)
CU NIPDAU
Level-1-260C-UNLIM
-40 to 85
HC174
SN74HC174DE4
ACTIVE
SOIC
D
16
40
Green (RoHS
& no Sb/Br)
CU NIPDAU
Level-1-260C-UNLIM
-40 to 85
HC174
SN74HC174DG4
ACTIVE
SOIC
D
16
40
Green (RoHS
& no Sb/Br)
CU NIPDAU
Level-1-260C-UNLIM
-40 to 85
HC174
SN74HC174DR
ACTIVE
SOIC
D
16
2500
Green (RoHS
& no Sb/Br)
CU NIPDAU
Level-1-260C-UNLIM
-40 to 85
HC174
SN74HC174DRE4
ACTIVE
SOIC
D
16
2500
Green (RoHS
& no Sb/Br)
CU NIPDAU
Level-1-260C-UNLIM
-40 to 85
HC174


Similar Part No. - SN74HC174DT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74HC174DT TI1-SN74HC174DT Datasheet
1Mb / 22P
[Old version datasheet]   Wide Operating Voltage Range of 2 V to 6 V, Outputs Can Drive Up To 10 LSTTL Loads
SN74HC174DT TI1-SN74HC174DT Datasheet
1Mb / 21P
[Old version datasheet]   HEX D-TYPE FLIP-FLOPS WITH CLEAR
More results

Similar Description - SN74HC174DT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74HC174 TI1-SN74HC174 Datasheet
1Mb / 22P
[Old version datasheet]   Wide Operating Voltage Range of 2 V to 6 V, Outputs Can Drive Up To 10 LSTTL Loads
logo
Micropac Industries
65037 MICROPAC-65037 Datasheet
285Kb / 3P
   Wide operating voltage range 18 to 32 V
65041 MICROPAC-65041 Datasheet
119Kb / 2P
   Wide operating voltage range 18 to 32 V
logo
Cypress Semiconductor
MB3800 CYPRESS-MB3800 Datasheet
578Kb / 21P
   Wide supply voltage operating range: 1.8 V to 15 V
logo
First Components Intern...
MB3800 FCI-MB3800 Datasheet
63Kb / 4P
   Wide supply voltage operating range: 1.8 to 15 V
logo
Texas Instruments
SN74AHCT1G02DBVR TI-SN74AHCT1G02DBVR Datasheet
867Kb / 13P
[Old version datasheet]   Operating Range of 4.5 V to 5.5 V, Inputs Are TTL-Voltage Compatible
logo
Fairchild Semiconductor
FPF1048BUCX FAIRCHILD-FPF1048BUCX Datasheet
405Kb / 3P
   Input Voltage Operating Range: 1.5 V to 5.5 V
logo
Texas Instruments
LP239 TI1-LP239_14 Datasheet
826Kb / 14P
[Old version datasheet]   Wide Supply-Voltage Range 3 V to 30 V
logo
Rohm
BD9302FP-E ROHM-BD9302FP-E Datasheet
756Kb / 17P
   A wide input voltage range of 6 V to 18 V, Easy switching frequency setting in the range of 200 k to 2.5 MHz.
logo
Allegro MicroSystems
ATS468 ALLEGRO-ATS468 Datasheet
847Kb / 15P
   Wide operating voltage range
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com