Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HCPL-3180 Datasheet(PDF) 6 Page - AVAGO TECHNOLOGIES LIMITED

Part # HCPL-3180
Description  2.5 Amp Output Current, High Speed, Gate Drive Optocoupler
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HCPL-3180 Datasheet(HTML) 6 Page - AVAGO TECHNOLOGIES LIMITED

Back Button HCPL-3180 Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED HCPL-3180 Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED HCPL-3180 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED HCPL-3180 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED HCPL-3180 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED HCPL-3180 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED HCPL-3180 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED HCPL-3180 Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED HCPL-3180 Datasheet HTML 10Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
6
RecommendedOperatingConditions
Parameter
Symbol
Min.
Max.
Units
Note
Power Supply
VCC-VEE
10
20
V
Input Current (ON)
IF(ON)
10
16
mA
Input Voltage (OFF)
VF(OFF)
- 3.6
0.8
V
Operating Temperature
TA
-40
100
°C
ElectricalSpecifications(DC)
Over recommended operating conditions unless otherwise specified.
Test
Parameter
Symbol
Min.
Typ.
Max.
Units
Conditions
Fig.
Note
High Level Output Current
IOH
0.5
A
VO = VCC- 4
2, 3, 17
5
2.0
A
VO = VCC-10
2, 3, 17
2
Low Level Output Current
IOL
0.5
A
VO = VEE+2.5
5, 6, 18
5
2.0
A
VO = VEE+10
5, 6, 18
2
High Level Output Voltage
VOH
VCC-4
V
IO = -100 mA
1, 3, 19
6, 7
Low Level Output Voltage
VOL
0.5
V
IO = 100 mA
4, 6, 20
High Level Supply Current
ICCH
3.0
6.0
mA
Output Open 7, 8
IF = 10 to 16 mA
Low Level Supply Current
ICCL
3.0
6.0
mA
Output Open 7, 8
VF = 3.0 to 0.8 mA
Threshold Input Current
IFLH
8.0
mA
Low to High
IO = 0 mA,
9, 15, 21
Threshold Input Voltage
VFHL
0.8
V
VO > 5 V
High to Low
Input Forward Voltage
VF
1.2
1.5
1.8
V
IF = 10 mA
16
Temperature Coefficient of
DVF/DTA
–1.6
mV/°C
IF = 10 mA
Input Forward Voltage
UVLO Threshold
VUVLO+
7.9
V
IF = 10 mA,
VUVLO–
7.4
V
VO > 5 V
22, 33
UVLO Hysteresis
UVLOHYST
0.5
V
Input Reverse Breakdown
BVR
5
V
IR = 10 µA
Voltage
Input Capacitance
CIN
60
pF
f = 1 MHz,
VF = 0 V


Similar Part No. - HCPL-3180

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HCPL-3180 HP-HCPL-3180 Datasheet
466Kb / 19P
   Current, High Speed IGBT/MOSFET Gate Drive Optocoupler
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-3180-000E AVAGO-HCPL-3180-000E Datasheet
259Kb / 16P
   2.5 Amp Output Current, High Speed, Gate Drive Optocoupler
logo
Agilent(Hewlett-Packard...
HCPL-3180-060 HP-HCPL-3180-060 Datasheet
466Kb / 19P
   Current, High Speed IGBT/MOSFET Gate Drive Optocoupler
HCPL-3180-300 HP-HCPL-3180-300 Datasheet
466Kb / 19P
   Current, High Speed IGBT/MOSFET Gate Drive Optocoupler
HCPL-3180-500 HP-HCPL-3180-500 Datasheet
466Kb / 19P
   Current, High Speed IGBT/MOSFET Gate Drive Optocoupler
More results

Similar Description - HCPL-3180

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-3180-000E AVAGO-HCPL-3180-000E Datasheet
259Kb / 16P
   2.5 Amp Output Current, High Speed, Gate Drive Optocoupler
HCPL-3180-500E AVAGO-HCPL-3180-500E Datasheet
259Kb / 16P
   2.5 Amp Output Current, High Speed, Gate Drive Optocoupler
HCPL-3120-560E AVAGO-HCPL-3120-560E Datasheet
507Kb / 24P
   2.5 Amp Output Current IGBT Gate Drive Optocoupler
HCPL-3120-000E AVAGO-HCPL-3120-000E Datasheet
465Kb / 24P
   2.5 Amp Output Current IGBT Gate Drive Optocoupler
ACPL-H342-000E AVAGO-ACPL-H342-000E Datasheet
707Kb / 19P
   2.5 Amp Output Current IGBT Gate Drive Optocoupler
HCPL-3120-300E AVAGO-HCPL-3120-300E Datasheet
465Kb / 24P
   2.5 Amp Output Current IGBT Gate Drive Optocoupler
HCPL-3120-500E AVAGO-HCPL-3120-500E Datasheet
409Kb / 25P
   2.5 Amp Output Current IGBT Gate Drive Optocoupler
HCPL-J312 AVAGO-HCPL-J312 Datasheet
465Kb / 24P
   2.5 Amp Output Current IGBT Gate Drive Optocoupler
ACPL-312T-300E AVAGO-ACPL-312T-300E Datasheet
226Kb / 2P
   Automotive 2.5 Amp, Output Current IBGP Gate Drive Optocoupler
ACPL-312T-000E AVAGO-ACPL-312T-000E Datasheet
226Kb / 2P
   Automotive 2.5 Amp, Output Current IBGP Gate Drive Optocoupler
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com