Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FC8J33040L Datasheet(PDF) 1 Page - Panasonic Semiconductor

Part # FC8J33040L
Description  FC8J33040L Dual N-channel MOSFET
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

FC8J33040L Datasheet(HTML) 1 Page - Panasonic Semiconductor

  FC8J33040L Datasheet HTML 1Page - Panasonic Semiconductor FC8J33040L Datasheet HTML 2Page - Panasonic Semiconductor FC8J33040L Datasheet HTML 3Page - Panasonic Semiconductor FC8J33040L Datasheet HTML 4Page - Panasonic Semiconductor FC8J33040L Datasheet HTML 5Page - Panasonic Semiconductor FC8J33040L Datasheet HTML 6Page - Panasonic Semiconductor FC8J33040L Datasheet HTML 7Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Absolute Maximum Ratings Ta = 25
°C
Note
*1 Device mounted on a glass-epoxy board (See Figure 1)
*2 Pulse test: Ensure that the channel temperature does not exceed 150
°C
Publication date: September 2012
Ver. CED
4. Gate(FET2)
8. Drain(FET1)
Storage Temperature Range
Tstg
-55 to
°C
2. Gate(FET1)
6. Drain(FET2)
Tch
150
°C
3. Source(FET2)
7. Drain(FET1)
W
1.3
Channel Temperature
Overall
Power Dissipation (Steady State)
*1
PD
1
+150
A
Drain Current (t=10s)
*1
Drain Current (Pulsed)
*1,2
Source Current (Pulsed)
(Body Diode)
*1,2
5
ISp
(BD)
ID
5
5.5
VDS
(EU RoHS / UL-94 V-0 / MSL:Level 1 compliant)
Marking Symbol: 7A
FC8J33040L
Dual N-channel MOSFET
Panasonic
WMini8-F1
 
3 000 pcs / reel (standard)
JEITA
SC-115
FC8J33040L Embossed type (Thermo-compression sealing):
Unit: mm
1. Source(FET1)
5. Drain(FET2)
Basic Part Number
2. Gate(FET1)
6. Drain(FET2)
3. Source(FET2)
7. Drain(FET1)
High-speed switching :Qg = 2.8 nC
Halogen-free / RoHS compliant
Features
Low drain-source ON resistance:Rss(on)typ. = 48 m
Ω (VGS = 4.5V)
Drain-source Voltage
For switching
4. Gate(FET2)
8. Drain(FET1)
1
±20
V
Code
IDp
20
Parameter
Symbol
VGS
Drain Current (Steady State)
*1
Power Dissipation (t=10s)
*1
Gate-source Voltage
Packaging
Dual Nch MOS 33V (Individual)
FC8J33040L
FET1
FET2
Pin name
1. Source(FET1)
5. Drain(FET2)
Rating
Unit
33
V
1
2
3
4
8
7
6
5
1
2
3
4
8
7
6
5
1
2
3
4
8
7
6
5
1
2
3
4
8
7
6
5
FET1
FET2
FR-4 (Unit:mm)
25.4 x 25.4 x 0.8
(Figure 1) Glass-Epoxy Board


Similar Part No. - FC8J33040L

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
FC801 SANYO-FC801 Datasheet
43Kb / 2P
   Composite Diode for High-Speed Switching Applications
FC802 SANYO-FC802 Datasheet
42Kb / 2P
   Composite Diode for High-Speed Switching Applications
FC803 SANYO-FC803 Datasheet
46Kb / 2P
   30V, 70mA Rectifier
FC804 SANYO-FC804 Datasheet
47Kb / 2P
   30V, 200mA Rectifier
FC805 SANYO-FC805 Datasheet
50Kb / 2P
   30V, 500mA Rectifier
More results

Similar Description - FC8J33040L

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
SSI2154 SECOS-SSI2154 Datasheet
562Kb / 4P
   Dual N-Channel MOSFET
logo
Guangdong Kexin Industr...
AO6804A-HF KEXIN-AO6804A-HF Datasheet
1Mb / 4P
   Dual N-Channel MOSFET
AO6808-HF KEXIN-AO6808-HF Datasheet
1Mb / 4P
   Dual N-Channel MOSFET
AO6810 KEXIN-AO6810 Datasheet
1Mb / 4P
   Dual N-Channel MOSFET
KX4N03W KEXIN-KX4N03W Datasheet
1Mb / 6P
   Dual N-Channel MOSFET
SI9926DY-HF KEXIN-SI9926DY-HF Datasheet
572Kb / 2P
   Dual N-Channel MOSFET
logo
Micro Commercial Compon...
MCS8804 MCC-MCS8804 Datasheet
580Kb / 4P
   Dual N-Channel MOSFET
logo
Guangdong Kexin Industr...
AO4822 KEXIN-AO4822 Datasheet
2Mb / 5P
   Dual N-Channel MOSFET
AO4822A-HF KEXIN-AO4822A-HF Datasheet
2Mb / 5P
   Dual N-Channel MOSFET
AO4822-HF KEXIN-AO4822-HF Datasheet
2Mb / 5P
   Dual N-Channel MOSFET
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com