Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LMR12010XMKE-NOPB Datasheet(PDF) 24 Page - Texas Instruments

Part # LMR12010XMKE-NOPB
Description  Input Voltage Range of 3V to 20V, Output Voltage Range of 0.8V to 17V
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LMR12010XMKE-NOPB Datasheet(HTML) 24 Page - Texas Instruments

Back Button LMR12010XMKE-NOPB Datasheet HTML 17Page - Texas Instruments LMR12010XMKE-NOPB Datasheet HTML 18Page - Texas Instruments LMR12010XMKE-NOPB Datasheet HTML 19Page - Texas Instruments LMR12010XMKE-NOPB Datasheet HTML 20Page - Texas Instruments LMR12010XMKE-NOPB Datasheet HTML 21Page - Texas Instruments LMR12010XMKE-NOPB Datasheet HTML 22Page - Texas Instruments LMR12010XMKE-NOPB Datasheet HTML 23Page - Texas Instruments LMR12010XMKE-NOPB Datasheet HTML 24Page - Texas Instruments LMR12010XMKE-NOPB Datasheet HTML 25Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 24 / 25 page
background image


Similar Part No. - LMR12010XMKE-NOPB

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMR12010XMKE NSC-LMR12010XMKE Datasheet
417Kb / 16P
   SIMPLE SWITCHER짰 20Vin, 1A Step-Down Voltage Regulator in SOT-23
logo
Texas Instruments
LMR12010XMKE TI1-LMR12010XMKE Datasheet
381Kb / 18P
[Old version datasheet]   LMR12010 SIMPLE SWITCHER 짰 20Vin, 1A Step-Down Voltage Regulator in
LMR12010XMKE/NOPB TI-LMR12010XMKE/NOPB Datasheet
1Mb / 26P
[Old version datasheet]   SIMPLE SWITCHER 20Vin, 1A Step-Down Voltage Regulator in SOT-23
More results

Similar Description - LMR12010XMKE-NOPB

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMR62014 TI-LMR62014 Datasheet
1Mb / 22P
[Old version datasheet]   Input Voltage Range of 2.7V to 14V, Output Voltage up to 20V
LMR14203 TI-LMR14203 Datasheet
804Kb / 16P
[Old version datasheet]   Input Voltage Range of 4.5V to 42V, Output Voltage Range of 0.765V to 34V
logo
Maxim Integrated Produc...
MAX17108EVKIT MAXIM-MAX17108EVKIT Datasheet
313Kb / 8P
   6V to 20V AVDD Input Voltage Range
Rev 0; 10/08
logo
Texas Instruments
LM2852 TI-LM2852 Datasheet
1Mb / 25P
[Old version datasheet]   Input Voltage Range of 2.85 to 5.5V, Factory EEPROM Set OUTPUT Voltages from 0.8V to 3.3V in 100mV increments
PT4482N TI-PT4482N Datasheet
157Kb / 7P
[Old version datasheet]   36V to 75V Input Voltage Range Programmable Output Voltage Range: 1.3V to 3.5V
logo
Maxim Integrated Produc...
MAX14727EVKIT MAXIM-MAX14727EVKIT Datasheet
666Kb / 8P
   3V to 28V Operating Voltage Range
Rev 0; 7/17
logo
Hotchip Technology Co.,...
HT2535S HOTCHIP-HT2535S Datasheet
1Mb / 10P
   Total voltage input within the range of 5 % of total voltage input.
logo
Hi-Sincerity Mocroelect...
H177 HSMC-H177 Datasheet
207Kb / 6P
   Wide range of supply voltage: 3.5V to 28V.
logo
List of Unclassifed Man...
CD4066BCN ETC2-CD4066BCN Datasheet
115Kb / 9P
   Wide supply voltage range 3V to 15V
logo
International Rectifier
IR3473 IRF-IR3473 Datasheet
909Kb / 22P
   6A Highly Integrated SupIRBuck Input Voltage Range: 3V to 27V
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com