Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD8208 Datasheet(PDF) 5 Page - Analog Devices

Part # AD8208
Description  High Voltage, Precision Difference Amplifier
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8208 Datasheet(HTML) 5 Page - Analog Devices

  AD8208 Datasheet HTML 1Page - Analog Devices AD8208 Datasheet HTML 2Page - Analog Devices AD8208 Datasheet HTML 3Page - Analog Devices AD8208 Datasheet HTML 4Page - Analog Devices AD8208 Datasheet HTML 5Page - Analog Devices AD8208 Datasheet HTML 6Page - Analog Devices AD8208 Datasheet HTML 7Page - Analog Devices AD8208 Datasheet HTML 8Page - Analog Devices AD8208 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
AD8208
Rev. A | Page 5 of 16
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
–IN 1
GND 2
A1 3
A2 4
+IN
8
VS
7
NC
6
OUT
5
NC = NO CONNECT
AD8208
TOP VIEW
(Not to Scale)
Figure 2. Pin Configuration
1
2
3
4
5
6
8
Figure 3. Metallization Photograph
Table 3. Pin Function Descriptions
Coordinates
Pin No.
Mnemonic
X
Y
Description
1
−IN
−322
+563
Inverting Input
2
GND
−321
+208
Ground
3
A1
−321
−51
Preamplifier (A1) Output
4
A2
−321
−214
Buffer (A2) Input
5
OUT
+321
−388
Buffer (A2) Output
6
VS
+322
+363
Supply
7
NC
No Connect
8
+IN
+322
+561
Noninverting Input


Similar Part No. - AD8208

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8208 AD-AD8208 Datasheet
344Kb / 20P
   High Voltage, Precision Difference Amplifier
Rev. C
AD8208WBRMZ AD-AD8208WBRMZ Datasheet
344Kb / 20P
   High Voltage, Precision Difference Amplifier
Rev. C
AD8208WBRMZ-R7 AD-AD8208WBRMZ-R7 Datasheet
344Kb / 20P
   High Voltage, Precision Difference Amplifier
Rev. C
AD8208WBRMZ-RL AD-AD8208WBRMZ-RL Datasheet
344Kb / 20P
   High Voltage, Precision Difference Amplifier
Rev. C
AD8208WBRZ AD-AD8208WBRZ Datasheet
344Kb / 20P
   High Voltage, Precision Difference Amplifier
Rev. C
More results

Similar Description - AD8208

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8209 AD-AD8209_16 Datasheet
364Kb / 16P
   High Voltage, Precision Difference Amplifier
AD8202-KGD AD-AD8202-KGD Datasheet
143Kb / 8P
   High Voltage, Precision Difference Amplifier
Rev. 0
AD8209 AD-AD8209 Datasheet
318Kb / 16P
   High Voltage, Precision Difference Amplifier
REV. 0
AD8209A AD-AD8209A Datasheet
454Kb / 15P
   High Voltage, Precision Difference Amplifier
AD8208 AD-AD8208_V01 Datasheet
344Kb / 20P
   High Voltage, Precision Difference Amplifier
Rev. C
logo
Texas Instruments
LMP8275 TI1-LMP8275 Datasheet
392Kb / 15P
[Old version datasheet]   Precision Voltage Difference Amplifier
LMP8270 TI1-LMP8270 Datasheet
438Kb / 17P
[Old version datasheet]   Precision Voltage Difference Amplifier
LMP8272 TI1-LMP8272 Datasheet
357Kb / 16P
[Old version datasheet]   Precision Voltage Difference Amplifier
LMP8276 TI1-LMP8276 Datasheet
412Kb / 16P
[Old version datasheet]   Bidirectional Precision Voltage Difference Amplifier
LMP8271 TI1-LMP8271 Datasheet
449Kb / 17P
[Old version datasheet]   Bidirectional Precision Voltage Difference Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com