Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RN73CA100KBTDF Datasheet(PDF) 1 Page - Tyco Electronics

Part # RN73CA100KBTDF
Description  SMD High Power Precision Resistors
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

RN73CA100KBTDF Datasheet(HTML) 1 Page - Tyco Electronics

  RN73CA100KBTDF Datasheet HTML 1Page - Tyco Electronics RN73CA100KBTDF Datasheet HTML 2Page - Tyco Electronics RN73CA100KBTDF Datasheet HTML 3Page - Tyco Electronics RN73CA100KBTDF Datasheet HTML 4Page - Tyco Electronics RN73CA100KBTDF Datasheet HTML 5Page - Tyco Electronics RN73CA100KBTDF Datasheet HTML 6Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Key Features
I High precision -
TCR 5ppm/°C and
10ppm/°C
I Tolerance down to 0.01%
I Thin film (nichrome)
I Choice of packages
I Stable high frequency
performance
I Temperature range
-55°C to +155°C
Applications
I Communications
I Instrumentation
I Industrial controls
I Medical
Characteristics - Electrical
The RN73 series is a high stability precision chip resistor range offering various power
dissipations relating to chip size, TCR's down to 5ppm/°C and resistance tolerances to
0.01%. The resistor is produced with three sputtered layers giving optimum performance.
Values are restricted to the E96 and E24 value grids. The RN73 has accurate and uniform
physical dimensions to facilitate placement.
0402
0603
0805
Rated Power @ 70°C:
0.063W
0.063W
0.1W
Resistance Range (Ohms) Min:
49R9 49R9 49R9 49R9 49R9 49R9 24R9 24R9 24R9 4R7 24R9 4R7 24R9 24R9 24R9 4R3 24R9 4R3
Max:
5K0 15K
5K0
15K
5K0
15K
15K 100K 15K 332K 15K 332K 30K 200K 30K 511K
30K 511K
Tolerance (%):
0.01
0.05
0.1
0.01
0.05
0.1
0.01
0.05
0.1
Code Letter:
LA
B
L
A
B
L
A
B
Selection Series:
E24 & E96
E24 & E96
E24 & E96
Temp. Coefficient (ppm/°C):
5
10
5
10
5
10
5
10
5
10
5
10
5
10
5
10
5
10
Code Letter:
A
C
A
C
A
C
A
C
A
C
A
C
ACAC
A
C
Limiting Element Voltage:
25V
50V
100V
Max. Overload Voltage:
50V
100V
200V
Operating Temp. Range:
-55 to +155°C
-55 to +155°C
-55 to +155°C
Climatic Category (°C):
55/125/55
55/125/55
55/125/55
Insulation Resistance Dry Min:
1000MΩ
1000MΩ
1000MΩ
Stability:
0.5%
0.5%
0.5%
1206
1210
2010
Rated Power @ 70°C:
0.125W
0.2W
0.25W
Resistance Range (Ohms) Min:
24R9 24R9 24R9 4R7 24R9 4R7 24R9 24R9 24R9 4R7 24R9 4R7 24R9 24R9 24R9 4R7 24R9 4R7
Max:
50K 562K 50K
1M0 50K
1M0
50K 500K 50K
1M0
50K 1M0 100K 500K 100K 1M0 100K 1M0
Tolerance (%):
0.01
0.05
0.1
0.01
0.05
0.1
0.01
0.05
0.1
Code Letter:
LA
B
L
A
B
L
A
B
Selection Series:
E24 & E96
E24 & E96
E24 & E96
Temp. Coefficient (ppm/°C):
5
10
5
10
5
10
5
10
5
10
5
10
5
10
5
10
5
10
Code Letter:
A
C
A
C
A
C
A
C
A
C
A
C
ACAC
A
C
Limiting Element Voltage:
150V
150V
150V
Max. Overload Voltage:
300V
300V
300V
Operating Temp. Range:
-55 to +155°C
-55 to +155°C
-55 to +155°C
Climatic Category (°C):
55/125/55
55/125/55
55/125/55
Insulation Resistance Dry Min:
1000MΩ
1000MΩ
1000MΩ
Stability:
0.5%
0.5%
0.5%
SMD High Power Precision Resistors
Type RN73 Series
1773270 CIS BI 06/2011
Dimensions are in millimeters
Dimensions are shown for
For email, phone or live chat, go to: te.com/help
and inches unless otherwise
reference purposes only.
specified. Values in brackets
Specifications subject
are standard equivalents.
to change.


Similar Part No. - RN73CA100KBTDF

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
RN73C1E100KATDF ETC2-RN73C1E100KATDF Datasheet
271Kb / 5P
   SMD High Power Precision Resistors
RN73C1E100KATDF ETC2-RN73C1E100KATDF Datasheet
271Kb / 5P
   SMD High Power Precision Resistors
RN73C1E100KATG ETC2-RN73C1E100KATG Datasheet
271Kb / 5P
   SMD High Power Precision Resistors
RN73C1E100KATG ETC2-RN73C1E100KATG Datasheet
271Kb / 5P
   SMD High Power Precision Resistors
RN73C1E100KBTDF ETC2-RN73C1E100KBTDF Datasheet
271Kb / 5P
   SMD High Power Precision Resistors
More results

Similar Description - RN73CA100KBTDF

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
RP73 TEC-RP73 Datasheet
311Kb / 10P
   SMD High Power Precision Resistors
logo
Tyco Electronics
RP73PF2A41R2BTDF MACOM-RP73PF2A41R2BTDF Datasheet
199Kb / 6P
   SMD High Power Precision Resistors
logo
List of Unclassifed Man...
RN73C2A825RBTDF ETC2-RN73C2A825RBTDF Datasheet
271Kb / 5P
   SMD High Power Precision Resistors
RP73PF1J38R3BTDF ETC2-RP73PF1J38R3BTDF Datasheet
199Kb / 6P
   SMD High Power Precision Resistors
logo
Tyco Electronics
RP73D2B715RBTG MACOM-RP73D2B715RBTG Datasheet
199Kb / 6P
   SMD High Power Precision Resistors
logo
List of Unclassifed Man...
RN73C2A1K1BTDF ETC2-RN73C2A1K1BTDF Datasheet
271Kb / 5P
   SMD High Power Precision Resistors
logo
Tyco Electronics
1676474-2 MACOM-1676474-2 Datasheet
271Kb / 5P
   SMD High Power Precision Resistors
1773270 MACOM-1773270 Datasheet
271Kb / 5P
   SMD High Power Precision Resistors
logo
List of Unclassifed Man...
RP73PF1J1K91BTDF ETC2-RP73PF1J1K91BTDF Datasheet
199Kb / 6P
   SMD High Power Precision Resistors
RN73C2A105RBTG ETC2-RN73C2A105RBTG Datasheet
271Kb / 5P
   SMD High Power Precision Resistors
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com