Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM2940T-12.0 Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # LM2940T-12.0
Description  Dropout Voltage Typically 0.5V @IO = 1A, Output Current in Excess of 1A
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM2940T-12.0 Datasheet(HTML) 2 Page - Texas Instruments

  LM2940T-12.0 Datasheet HTML 1Page - Texas Instruments LM2940T-12.0 Datasheet HTML 2Page - Texas Instruments LM2940T-12.0 Datasheet HTML 3Page - Texas Instruments LM2940T-12.0 Datasheet HTML 4Page - Texas Instruments LM2940T-12.0 Datasheet HTML 5Page - Texas Instruments LM2940T-12.0 Datasheet HTML 6Page - Texas Instruments LM2940T-12.0 Datasheet HTML 7Page - Texas Instruments LM2940T-12.0 Datasheet HTML 8Page - Texas Instruments LM2940T-12.0 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 35 page
background image
GND
INPUT
N/C
GND
1
3
4
2
6
5
7
8
GND
N/C
VOUT
VOUT
N/C
LM2940-N, LM2940C
SNVS769I – MARCH 2000 – REVISED APRIL 2013
www.ti.com
Connection Diagrams
Figure 1. TO-220 (NDE) Plastic Package
Figure 2. SOT-223 (DCY) 3-Lead
Front View
Front View
See Package Number NDE0003B
See Package Number DCY0004A
Figure 3. 16-Lead CDIP (NFE)
Figure 4. 16-Lead CLGA (NAC)
Top View
Top View
See Package Number NFE0016A
See Package Number NAC0016A
Figure 5. DDPAK/ TO-263 (KTT)
Figure 6. Side View
Top View
See Package Number KTT0003B
Pin 2 and pin 7 are fused to center DAP
Pin 5 and 6 need to be tied together on PCB board
Figure 7. WSON (NGN) 8-Lead
Top View
See Package Number NGN0008A
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
2
Submit Documentation Feedback
Copyright © 2000–2013, Texas Instruments Incorporated
Product Folder Links: LM2940-N LM2940C


Similar Part No. - LM2940T-12.0

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM2940T-12.0 TI1-LM2940T-12.0 Datasheet
2Mb / 35P
[Old version datasheet]   LM2940-N/LM2940C 1A Low Dropout Regulator
LM2940T-12.0 TI1-LM2940T-12.0 Datasheet
2Mb / 37P
[Old version datasheet]   1A Low Dropout Regulator
LM2940T-12.0/NOPB TI1-LM2940T-12.0/NOPB Datasheet
2Mb / 35P
[Old version datasheet]   LM2940-N/LM2940C 1A Low Dropout Regulator
LM2940T-12.0/NOPB TI1-LM2940T-12.0/NOPB Datasheet
2Mb / 37P
[Old version datasheet]   1A Low Dropout Regulator
More results

Similar Description - LM2940T-12.0

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
KA7915TU ETC2-KA7915TU Datasheet
163Kb / 16P
   Output Current in Excess of 1A
logo
KIA Semiconductor Techn...
7805 KIA-7805 Datasheet
16Kb / 2P
   Output current in excess of 1A
logo
Toshiba Semiconductor
TA4800AF TOSHIBA-TA4800AF Datasheet
210Kb / 9P
   1A Output Current Low Dropout Voltage Regulator
logo
IK Semicon Co., Ltd
IL317L IKSEMICON-IL317L_16 Datasheet
1Mb / 17P
   Output Current in Excess of 100mA
IL317 IKSEMICON-IL317_16 Datasheet
303Kb / 6P
   Output Current in Excess of 1.5 Ampere
logo
Fairchild Semiconductor
KA78RXXC FAIRCHILD-KA78RXXC Datasheet
196Kb / 20P
   1A Output Low Dropout Voltage Regulators
KA78R05C FAIRCHILD-KA78R05C Datasheet
189Kb / 20P
   1A Output Low Dropout Voltage Regulators
logo
Wall Industries,Inc.
DCNSR WALL-DCNSR_16 Datasheet
440Kb / 5P
   1A Output Current
logo
Toshiba Semiconductor
TA79005SB TOSHIBA-TA79005SB_07 Datasheet
601Kb / 13P
   Output Current of 1A, Three-Terminal Negative Voltage Regulators
logo
First Components Intern...
FGM78R05 FCI-FGM78R05 Datasheet
206Kb / 7P
   1A / 5V Output low dropout voltage regulator;
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com