Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RN73C2A90K9BTDF Datasheet(PDF) 4 Page - Tyco Electronics

Part # RN73C2A90K9BTDF
Description  SMD High Power Precision Resistors
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

RN73C2A90K9BTDF Datasheet(HTML) 4 Page - Tyco Electronics

  RN73C2A90K9BTDF Datasheet HTML 1Page - Tyco Electronics RN73C2A90K9BTDF Datasheet HTML 2Page - Tyco Electronics RN73C2A90K9BTDF Datasheet HTML 3Page - Tyco Electronics RN73C2A90K9BTDF Datasheet HTML 4Page - Tyco Electronics RN73C2A90K9BTDF Datasheet HTML 5Page - Tyco Electronics RN73C2A90K9BTDF Datasheet HTML 6Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
Recommend Land Pattern
Type
A
B
C
RN73 1E (0402)
0.5
0.5
0.60 ±0.2
RN73 1J (0603)
0.8
1.0
0.90 ±0.2
RN73 2A (0805)
1.0
1.0
1.35 ±0.2
RN73 2B (1206)
2.0
1.15
1.70 ±0.2
RN73 2E (1210)
2.0
1.15
2.50 ±0.2
RN73 2H (2010)
3.6
1.4
2.50 ±0.2
RN73 3A (2512)
4.9
1.6
3.10 ±0.2
Packaging Quantity & Reel Specifications
Type
øA
øB
øC
W
T
Paper
Embossed
Tape (EA)
Plastic Tape (EA)
RN73 1E (0402)
178.0 ±1.0
60.0 +1.0
13.5 ± 0.7
9.5 ±1.0
11.5 ±1.0
*250 / 1000 / 5000
-
RN73 1J (0603)
178.0 ±1.0
60.0 +1.0
13.5 ± 0.7
9.5 ±1.0
11.5 ±1.0
*250 / 1000 / 5000
-
RN73 2A (0805)
178.0 ±1.0
60.0 +1.0
13.5 ± 0.7
9.5 ±1.0
11.5 ±1.0
*250 / 1000 / 5000
-
RN73 2B (1206)
178.0 ±1.0
60.0 +1.0
13.5 ± 0.7
9.5 ±1.0
11.5 ±1.0
*250 / 1000 / 5000
-
RN73 2E (1210)
178.0 ±1.0
60.0 +1.0
13.5 ± 0.7
9.5 ±1.0
11.5 ±1.0
*250 / 1000 / 5000
-
RN73 2H (2010)
178.0 ±1.0
60.0 +1.0
13.5 ± 0.7
13.5 ±1.0
15.5 ±1.0
-
4000
RN73 3A (2512)
178.0 ±1.0
60.0 +1.0
13.5 ± 0.7
13.5 ±1.0
15.5 ±1.0
-
4000
* 250 piece packs supplied in sealed bags of cut tape length
SMD High Power Precision Resistors
Type RN73 Series
1773270 CIS BI 06/2011
Dimensions are in millimeters
Dimensions are shown for
For email, phone or live chat, go to: te.com/help
and inches unless otherwise
reference purposes only.
specified. Values in brackets
Specifications subject
are standard equivalents.
to change.


Similar Part No. - RN73C2A90K9BTDF

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
RN73C2A100KATDF ETC2-RN73C2A100KATDF Datasheet
271Kb / 5P
   SMD High Power Precision Resistors
RN73C2A100KATDF ETC2-RN73C2A100KATDF Datasheet
271Kb / 5P
   SMD High Power Precision Resistors
RN73C2A100KATG ETC2-RN73C2A100KATG Datasheet
271Kb / 5P
   SMD High Power Precision Resistors
RN73C2A100KATG ETC2-RN73C2A100KATG Datasheet
271Kb / 5P
   SMD High Power Precision Resistors
RN73C2A100KBTDF ETC2-RN73C2A100KBTDF Datasheet
271Kb / 5P
   SMD High Power Precision Resistors
More results

Similar Description - RN73C2A90K9BTDF

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
RP73 TEC-RP73 Datasheet
311Kb / 10P
   SMD High Power Precision Resistors
logo
Tyco Electronics
RP73PF2A41R2BTDF MACOM-RP73PF2A41R2BTDF Datasheet
199Kb / 6P
   SMD High Power Precision Resistors
logo
List of Unclassifed Man...
RN73C2A825RBTDF ETC2-RN73C2A825RBTDF Datasheet
271Kb / 5P
   SMD High Power Precision Resistors
RP73PF1J38R3BTDF ETC2-RP73PF1J38R3BTDF Datasheet
199Kb / 6P
   SMD High Power Precision Resistors
logo
Tyco Electronics
RP73D2B715RBTG MACOM-RP73D2B715RBTG Datasheet
199Kb / 6P
   SMD High Power Precision Resistors
logo
List of Unclassifed Man...
RN73C2A1K1BTDF ETC2-RN73C2A1K1BTDF Datasheet
271Kb / 5P
   SMD High Power Precision Resistors
logo
Tyco Electronics
1676474-2 MACOM-1676474-2 Datasheet
271Kb / 5P
   SMD High Power Precision Resistors
1773270 MACOM-1773270 Datasheet
271Kb / 5P
   SMD High Power Precision Resistors
logo
List of Unclassifed Man...
RP73PF1J1K91BTDF ETC2-RP73PF1J1K91BTDF Datasheet
199Kb / 6P
   SMD High Power Precision Resistors
RN73C2A105RBTG ETC2-RN73C2A105RBTG Datasheet
271Kb / 5P
   SMD High Power Precision Resistors
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com