Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CT-1205CL-SMT Datasheet(PDF) 1 Page - CUI INC

Part # CT-1205CL-SMT
Description  MAGNETIC BUZZER INDICATOR
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

CT-1205CL-SMT Datasheet(HTML) 1 Page - CUI INC

  CT-1205CL-SMT Datasheet HTML 1Page - CUI INC CT-1205CL-SMT Datasheet HTML 2Page - CUI INC CT-1205CL-SMT Datasheet HTML 3Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
date
05/03/2013
page
1 of 3
cui.com
MODEL:
CT-1205CL-SMT │ DESCRIPTION: MAGNETIC BUZZER INDICATOR
FEATURES
• surface mount
• washable
• internally driven
RoHS
SPECIFICATIONS
parameter
conditions/description
min
typ
max
units
rated voltage
5
Vdc
operating voltage
4
7
Vdc
current consumption
30
mA
rated frequency
2,000
2,400
2,800
Hz
sound pressure level
at 10 cm (A-weight), rated voltage
88
92
dBA
dimensions
12.8 x 12.8 x 7.1
mm
weight
2g
material
PPS (S-206)
terminal
SMT type (Sn plating)
operating temperature
-30
70
°C
storage temperature
-40
85
°C
RoHS
yes
Note:
Add suffix “-TR” to the model for tape & reel packaging
SOLDERABILITY
parameter
conditions/description
min
typ
max
units
reflow soldering
see reflow profile
260
°C
Time[sec]
Peak Temp
217°C
260°C
60~180sec
60~150sec
255°C
20~40sec
°C
150°C
200°C


Similar Part No. - CT-1205CL-SMT

ManufacturerPart #DatasheetDescription
logo
CUI INC
CT-1205CL-SMT-TR CUI-CT-1205CL-SMT-TR Datasheet
467Kb / 4P
   MAGNETIC BUZZER INDICATOR
02/11/2022
logo
CUI Devices
CT-1205CL-SMT-TR CUID-CT-1205CL-SMT-TR Datasheet
429Kb / 4P
   MAGNETIC BUZZER INDICATOR
08/05/2022
More results

Similar Description - CT-1205CL-SMT

ManufacturerPart #DatasheetDescription
logo
CUI INC
CMI-1275C-050 CUI-CMI-1275C-050 Datasheet
400Kb / 4P
   MAGNETIC BUZZER INDICATOR
CMI-9653S-SMT CUI-CMI-9653S-SMT Datasheet
535Kb / 4P
   MAGNETIC BUZZER INDICATOR
CX-0905C CUI-CX-0905C_V01 Datasheet
365Kb / 3P
   MAGNETIC BUZZER INDICATOR
03/18/2020
CMI-1210-5-95T CUI-CMI-1210-5-95T Datasheet
406Kb / 4P
   MAGNETIC BUZZER INDICATOR
11/24/2021
CT-1205CL-SMT-TR CUI-CT-1205CL-SMT-TR Datasheet
467Kb / 4P
   MAGNETIC BUZZER INDICATOR
02/11/2022
CMI-1295IC-1285T CUI-CMI-1295IC-1285T Datasheet
348Kb / 4P
   MAGNETIC BUZZER INDICATOR
11/13/2019
CMI-1614C-120 CUI-CMI-1614C-120_V01 Datasheet
397Kb / 4P
   MAGNETIC BUZZER INDICATOR
11/22/2019
logo
CUI Devices
CMI-9655S-SMT-TR CUID-CMI-9655S-SMT-TR Datasheet
418Kb / 4P
   MAGNETIC BUZZER INDICATOR
12/15/2022
CMI-1265-88-SMT-TR CUID-CMI-1265-88-SMT-TR Datasheet
308Kb / 4P
   MAGNETIC BUZZER INDICATOR
08/05/2022
CMI-1275-85T CUID-CMI-1275-85T Datasheet
328Kb / 4P
   MAGNETIC BUZZER INDICATOR
08/05/2022
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com