Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM2575-12BN Datasheet(PDF) 8 Page - Micrel Semiconductor

Part # LM2575-12BN
Description  52kHz Simple 1A Buck Regulator
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

LM2575-12BN Datasheet(HTML) 8 Page - Micrel Semiconductor

Back Button LM2575-12BN Datasheet HTML 4Page - Micrel Semiconductor LM2575-12BN Datasheet HTML 5Page - Micrel Semiconductor LM2575-12BN Datasheet HTML 6Page - Micrel Semiconductor LM2575-12BN Datasheet HTML 7Page - Micrel Semiconductor LM2575-12BN Datasheet HTML 8Page - Micrel Semiconductor LM2575-12BN Datasheet HTML 9Page - Micrel Semiconductor LM2575-12BN Datasheet HTML 10Page - Micrel Semiconductor LM2575-12BN Datasheet HTML 11Page - Micrel Semiconductor LM2575-12BN Datasheet HTML 12Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
Micrel, Inc.
LM2575
May 2009
8
M9999-051209-B
Typical Characteristics (continued)
Normalized
Feedback Voltage*
25
20
15
10
5
0
-5
-10
-15
-20
-25
-75 -50 -25 0 25 50 75 100125150
VIN = 12V
ILOAD= 200mA
Normalized toTJ = 25 C
Feedback Voltage
vs Duty Cycle*
DUTY CYCLE ( %)
20
15
10
5
0
-5
-10
-15
-20
ILOAD = 200 mA
VIN = 40V
VIN = 7V
020
40
60
80
100
* Adjustable version only


Similar Part No. - LM2575-12BN

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
LM2575-12BN MICREL-LM2575-12BN Datasheet
104Kb / 9P
   52kHz Simple 1A Buck Regulator
LM2575-12BN MICREL-LM2575-12BN Datasheet
158Kb / 12P
   52kHz Simple 1A Buck Regulator
More results

Similar Description - LM2575-12BN

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
LM2575 MICREL-LM2575_09 Datasheet
158Kb / 12P
   52kHz Simple 1A Buck Regulator
LM2575 MICREL-LM2575 Datasheet
104Kb / 9P
   52kHz Simple 1A Buck Regulator
LM2574 MICREL-LM2574 Datasheet
67Kb / 5P
   52kHz Simple 0.5A Buck Regulator
LM2574 MICREL-LM2574_05 Datasheet
192Kb / 8P
   52kHz Simple 0.5A Buck Regulator
LM2576 MICREL-LM2576_05 Datasheet
64Kb / 9P
   52kHz Simple 3A Buck Regulator
LM2576-5.0WU MICREL-LM2576-5.0WU Datasheet
64Kb / 9P
   52kHz Simple 3A Buck Regulator
LM2576-5.0WT MICREL-LM2576-5.0WT Datasheet
58Kb / 9P
   52kHz Simple 3A Buck Regulator
LM2574 MICREL-LM2574 Datasheet
41Kb / 8P
   52KHZ SIMPLE 0.5A BUCK REGULATOR
LM2576 MICREL-LM2576 Datasheet
89Kb / 8P
   52kHz Simple 3A Buck Voltage Regulator
MIC4575 MICREL-MIC4575_09 Datasheet
531Kb / 15P
   200kHz Simple 1A Buck Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com