Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD5063 Datasheet(PDF) 2 Page - Analog Devices

Part # AD5063
Description  Fully Accurate 16-Bit VOUT nanoDAC SPI Interface 2.7 V to 5.5 V in an MSOP
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5063 Datasheet(HTML) 2 Page - Analog Devices

  AD5063_09 Datasheet HTML 1Page - Analog Devices AD5063_09 Datasheet HTML 2Page - Analog Devices AD5063_09 Datasheet HTML 3Page - Analog Devices AD5063_09 Datasheet HTML 4Page - Analog Devices AD5063_09 Datasheet HTML 5Page - Analog Devices AD5063_09 Datasheet HTML 6Page - Analog Devices AD5063_09 Datasheet HTML 7Page - Analog Devices AD5063_09 Datasheet HTML 8Page - Analog Devices AD5063_09 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
AD5063
Rev. C | Page 2 of 2
0
TABLE OF CONTENTS
Features .............................................................................................. 1
Applications....................................................................................... 1
Functional Block Diagram .............................................................. 1
General Description ......................................................................... 1
Product Highlights ........................................................................... 1
Revision History ............................................................................... 2
Specifications..................................................................................... 3
Timing Characteristics ................................................................ 5
Absolute Maximum Ratings............................................................ 6
ESD Caution.................................................................................. 6
Pin Configuration and Function Descriptions............................. 7
Typical Performance Characteristics ............................................. 8
Terminology .................................................................................... 12
Theory of Operation ...................................................................... 13
DAC Architecture....................................................................... 13
Reference Buffer ......................................................................... 13
Serial Interface ............................................................................ 13
Input Shift Register .................................................................... 13
SYNC Interrupt .......................................................................... 13
Power-On to Midscale ............................................................... 14
Software Reset............................................................................. 14
Power-Down Modes .................................................................. 14
Microprocessor Interfacing....................................................... 14
Applications..................................................................................... 16
Choosing a Reference for the AD5063.................................... 16
Bipolar Operation Using the AD5063 ..................................... 16
Using the AD5063
with a Galvanically Isolated Interface Chip ............................ 17
Power Supply Bypassing and Grounding................................ 17
Outline Dimensions ....................................................................... 18
Ordering Guide .......................................................................... 18
REVISION HISTORY
8/09—Rev. B to Rev. C
Changes to Features Section............................................................ 1
Changes to Output Voltage Settling Time Parameter, Table 2 ... 3
Updated Outline Dimensions ....................................................... 18
Changes to Ordering Guide .......................................................... 18
3/06—Rev. A to Rev. B
Updated Format..................................................................Universal
Change to Features ........................................................................... 1
Change to Figure 1 ........................................................................... 1
Changes to Specifications ................................................................ 3
Change to Absolute Maximum Ratings......................................... 6
Change to Reference Buffer Section ............................................ 13
Change to Serial Interface Section ............................................... 13
Change to Table 6 ........................................................................... 14
Change to Bipolar Operation Using the AD5063 Section ........ 16
7/05—Rev. 0 to Rev. A
Changes to Galvanically Isolated Chip Section .......................... 17
Changes to Figure 38...................................................................... 17
4/05—Revision 0: Initial Version


Similar Part No. - AD5063_09

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD50631 AD-AD50631 Datasheet
617Kb / 24P
   Fully Accurate, 16-Bit, Unbuffered VOUT, Quad SPI Interface, 2.7 V to 5.5 V nanoDAC in a TSSOP
REV. A
AD5063BRM-1 AD-AD5063BRM-1 Datasheet
825Kb / 17P
   Full Accurate 16 Bit Vout nanoDac, 2.7V- 5.5V, in a Sot 23
Rev. PrB
AD5063 AD-AD5063_15 Datasheet
350Kb / 20P
   Fully Accurate 16-Bit VOUT nanoDAC SPI Interface 2.7 V to 5.5 V in an MSOP
REV. C
More results

Similar Description - AD5063_09

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD5063 AD-AD5063_15 Datasheet
350Kb / 20P
   Fully Accurate 16-Bit VOUT nanoDAC SPI Interface 2.7 V to 5.5 V in an MSOP
REV. C
AD5062 AD-AD5062_15 Datasheet
464Kb / 20P
   Fully Accurate 16-Bit VOUT nanoDAC SPI Interface 2.7 V to 5.5 V, in an SOT-23
REV. A
AD5060 AD-AD5060_15 Datasheet
461Kb / 24P
   Fully Accurate 14-/16-Bit VOUT nanoDAC SPI Interface 2.7 V to 5.5 V, in an SOT-23
REV. A
AD5040 AD-AD5040_15 Datasheet
461Kb / 24P
   Fully Accurate 14-/16-Bit VOUT nanoDAC SPI Interface 2.7 V to 5.5 V, in an SOT-23
REV. A
AD5060ARJZ-1500RL7 AD-AD5060ARJZ-1500RL7 Datasheet
461Kb / 24P
   Fully Accurate 14-/16-Bit VOUT nanoDAC??SPI Interface 2.7 V to 5.5 V, in an SOT-23
REV. A
AD5060BRJZ-1500RL7 AD-AD5060BRJZ-1500RL7 Datasheet
461Kb / 24P
   Fully Accurate 14-/16-Bit VOUT nanoDAC??SPI Interface 2.7 V to 5.5 V, in an SOT-23
REV. A
AD5061 AD-AD5061_15 Datasheet
451Kb / 20P
   16-Bit VOUT nanoDAC SPI Interface 2.7 V to 5.5 V, in an SOT-23
REV. B
AD5066 AD-AD5066_15 Datasheet
617Kb / 24P
   Fully Accurate, 16-Bit, Unbuffered VOUT, Quad SPI Interface, 2.7 V to 5.5 V nanoDAC in a TSSOP
REV. A
AD5066BRUZ AD-AD5066BRUZ Datasheet
617Kb / 24P
   Fully Accurate, 16-Bit, Unbuffered VOUT, Quad SPI Interface, 2.7 V to 5.5 V nanoDAC in a TSSOP
REV. A
AD5064 AD-AD5064_15 Datasheet
2Mb / 28P
   Fully Accurate, 12-/14-/16-Bit VOUT nanoDAC, Quad, SPI Interface, 4.5 V to 5.5 V in TSSOP
Rev. F
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com