Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD737 Datasheet(PDF) 5 Page - Analog Devices

Part # AD737
Description  Low Cost, Low Power, True RMS-to-DC Converter
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD737 Datasheet(HTML) 5 Page - Analog Devices

  AD737_12 Datasheet HTML 1Page - Analog Devices AD737_12 Datasheet HTML 2Page - Analog Devices AD737_12 Datasheet HTML 3Page - Analog Devices AD737_12 Datasheet HTML 4Page - Analog Devices AD737_12 Datasheet HTML 5Page - Analog Devices AD737_12 Datasheet HTML 6Page - Analog Devices AD737_12 Datasheet HTML 7Page - Analog Devices AD737_12 Datasheet HTML 8Page - Analog Devices AD737_12 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 24 page
background image
Data Sheet
AD737
Rev. I | Page 5 of 24
Parameter
Test Conditions/
Comments
AD737A, AD737J
AD737K
AD737J-5
Unit
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
3 dB Bandwidth
VIN = 1 mV rms
5
5
5
kHz
VIN = 10 mV rms
55
55
55
kHz
VIN = 100 mV rms
170
170
170
kHz
VIN = 200 mV rms
190
190
190
kHz
Low-Z Input
(Pin 1)
1% Additional
Error
VIN = 1 mV rms
1
1
1
kHz
VIN = 10 mV rms
6
6
6
kHz
VIN = 40 mV rms
25
kHz
VIN = 100 mV rms
90
90
90
kHz
VIN = 200 mV rms
90
90
90
kHz
3 dB Bandwidth
VIN = 1 mV rms
5
5
5
kHz
VIN = 10 mV rms
55
55
55
kHz
VIN = 100 mV rms
350
350
350
kHz
VIN = 200 mV rms
460
460
460
kHz
POWER-DOWN
MODE
Disable Voltage
0
0
V
Input Current,
PD Enabled
VPD = VS
11
11
µA
POWER SUPPLY
Operating
Voltage Range
+2.8/
−3.2
±5
±16.5
+2.8/
−3.2
±5
±16.5
±2.5
±5
±16.5
V
Current
No input
120
160
120
160
120
160
µA
Rated input
170
210
170
210
170
210
µA
Powered down
25
40
25
40
25
40
µA
1
POR is % of reading.
2
Nonlinearity is defined as the maximum deviation (in percent error) from a straight line connecting the readings at 0 V and at 200 mV rms.
3
After fourth-order error correction using the equation
y = − 0.31009x4− 0.21692x3− 0.06939x2 + 0.99756x + 11.1 × 10−6
where y is the corrected result and x is the device output between 0.01 V and 0.3 V.
4
Crest factor error is specified as the additional error resulting from the specific crest factor, using a 200 mV rms signal as a reference. The crest factor is defined as
VPEAK/V rms.
5
DC offset does not limit ac resolution.
6
Value is measured
with respect to COM.


Similar Part No. - AD737_12

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD737 AD-AD737_15 Datasheet
499Kb / 24P
   Low Cost, Low Power, True RMS-to-DC Converter
Rev. I
More results

Similar Description - AD737_12

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8436 AD-AD8436_13 Datasheet
747Kb / 24P
   Low Cost, Low Power, True RMS-to-DC Converter
REV. B
AD737 AD-AD737 Datasheet
149Kb / 8P
   Low Cost, Low Power, True RMS-to-DC Converter
REV. C
AD736 AD-AD736_15 Datasheet
480Kb / 20P
   Low Cost, Low Power, True RMS-to-DC Converter
Rev. I
AD737 AD-AD737_15 Datasheet
499Kb / 24P
   Low Cost, Low Power, True RMS-to-DC Converter
Rev. I
AD8436 AD-AD8436_17 Datasheet
762Kb / 21P
   Low Cost, Low Power, True RMS-to-DC Converter
AD736 AD-AD736 Datasheet
218Kb / 8P
   Low Cost, Low Power, True RMS-to-DC Converter
REV. C
AD736 AD-AD736_12 Datasheet
480Kb / 20P
   Low Cost, Low Power, True RMS-to-DC Converter
Rev. I
logo
Burr-Brown (TI)
4341 BURR-BROWN-4341 Datasheet
331Kb / 4P
   LOW COST TRUE RMS-TO-DC CONVERTER
logo
Analog Devices
AD636 AD-AD636 Datasheet
157Kb / 8P
   Low Level, True RMS-to-DC Converter
REV. B
AD636 AD-AD636_15 Datasheet
677Kb / 17P
   Low Level, True RMS-to-DC Converter
Rev. E
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com