Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

9-1411325-2 Datasheet(PDF) 47 Page - Tyco Electronics

Part # 9-1411325-2
Description  GET.64 Interconnection System
Download  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

9-1411325-2 Datasheet(HTML) 47 Page - Tyco Electronics

Back Button 9-1411325-2 Datasheet HTML 43Page - Tyco Electronics 9-1411325-2 Datasheet HTML 44Page - Tyco Electronics 9-1411325-2 Datasheet HTML 45Page - Tyco Electronics 9-1411325-2 Datasheet HTML 46Page - Tyco Electronics 9-1411325-2 Datasheet HTML 47Page - Tyco Electronics 9-1411325-2 Datasheet HTML 48Page - Tyco Electronics 9-1411325-2 Datasheet HTML 49Page - Tyco Electronics 9-1411325-2 Datasheet HTML 50Page - Tyco Electronics 9-1411325-2 Datasheet HTML 51Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 64 page
background image
Sealed Receptacle Housings 4-Rows with CPA
GET.64 Interconnection System
Housings and Connectors
Section Catalog 1307992-2.
Revised 4-2010.
Main Catalog 1654400-1
Chapter 6 – Issued 4-2010.
All specifications subject to change. Consult TE Connectivity for latest specifications.
6-47
Technical Features
No. of Positions:
20 Position Assy
(depop 24 pos.)
with 5 Shorting Bars
Housing Material:
PA66 GF35
Wire Size Range:
0.22–0.75 mm2
Product Specifications:
114-13150
114-13060
Application Specification:
408-8598
Part Numbers
Receptacle
Cover
Locking
Cover
Mating
Mating PCB Header
Housing
Device
and Lever
Pin Housing
Right-Angle
Vertical
Sealed Receptacle Housings 4-Rows with CPA
No. of
Positions
Keying
Options
Housing
Color
5-1924672-1 / -9
1-1924672-0 / -9
A
2-1924672-0 / -7
––
8-1419157-9
20
2-1924672-9 / -7
3-1924672-2 / -7
B
2-1924672-8 / -7
––
0-1438322-3
3-1924672-0 / -7
-
30.6
36.6
2.54
27.6
see Customer
Drawing
see Customer
Drawing


Similar Part No. - 9-1411325-2

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
9-141 ETC2-9-141 Datasheet
5Mb / 282P
   High-Speed Interconnect Technology
9-141-34W ETC2-9-141-34W Datasheet
5Mb / 282P
   High-Speed Interconnect Technology
9-141-W ETC2-9-141-W Datasheet
5Mb / 282P
   High-Speed Interconnect Technology
9-141-Y ETC2-9-141-Y Datasheet
5Mb / 282P
   High-Speed Interconnect Technology
logo
Tyco Electronics
9-1414964-1 MACOM-9-1414964-1 Datasheet
376Kb / 5P
   Single Nano Relay (THT ??THR)
More results

Similar Description - 9-1411325-2

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
1654400-1 TEC-1654400-1 Datasheet
5Mb / 64P
   GET.64 Interconnection System
4-2010.
logo
Tyco Electronics
5-1375582-7 MACOM-5-1375582-7 Datasheet
4Mb / 98P
   AMPMODU Interconnection System
1-146134-7 MACOM-1-146134-7 Datasheet
12Mb / 321P
   AMPMODU Interconnection System
1-146261-7 MACOM-1-146261-7 Datasheet
12Mb / 321P
   AMPMODU Interconnection System
1-102974-0 MACOM-1-102974-0 Datasheet
12Mb / 321P
   AMPMODU Interconnection System
4-146260-0 MACOM-4-146260-0 Datasheet
12Mb / 321P
   AMPMODU Interconnection System
1-146139-5 MACOM-1-146139-5 Datasheet
12Mb / 321P
   AMPMODU Interconnection System
103309-1 MACOM-103309-1 Datasheet
12Mb / 321P
   AMPMODU Interconnection System
767054-1 MACOM-767054-1 Datasheet
945Kb / 28P
   STEP-Z Interconnection System
539630-1 MACOM-539630-1 Datasheet
3Mb / 40P
   SOLARLOK Photovoltaic Interconnection System
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com