Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TDB6HK135N16LOF Datasheet(PDF) 1 Page - Infineon Technologies AG

Part # TDB6HK135N16LOF
Description  Netz-Thyristor-Modul Phase Control Thyristor Module
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TDB6HK135N16LOF Datasheet(HTML) 1 Page - Infineon Technologies AG

  TDB6HK135N16LOF Datasheet HTML 1Page - Infineon Technologies AG TDB6HK135N16LOF Datasheet HTML 2Page - Infineon Technologies AG TDB6HK135N16LOF Datasheet HTML 3Page - Infineon Technologies AG TDB6HK135N16LOF Datasheet HTML 4Page - Infineon Technologies AG TDB6HK135N16LOF Datasheet HTML 5Page - Infineon Technologies AG TDB6HK135N16LOF Datasheet HTML 6Page - Infineon Technologies AG TDB6HK135N16LOF Datasheet HTML 7Page - Infineon Technologies AG TDB6HK135N16LOF Datasheet HTML 8Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Technische Information / Technical Information
Netz-Thyristor-Modul
Phase Control Thyristor Module TT B6C 135 N 16
1)
(ISOPACK)
NB6
Elektrische Eigenschaften / Electrical properties
Höchstzulässige Werte / Maximum rated values
Periodische Vorwärts- und Rückwärts-Spitzensperrspannung Tvj = - 40°C...Tvj max
VDRM, VRRM
1600
V
repetitive peak forward off-state and reverse voltages
Vorwärts-Stoßspitzensperrspannung
Tvj = - 40°C...Tvj max
VDSM
1600
V
non-repetitive peak forward off-state voltage
Rückwärts-Stoßspitzensperrspannung
Tvj = + 25°C...Tvj max
VRSM
1600
V
non-repetitive peak reverse voltage
Durchlaßstrom-Grenzeffektivwert (pro Element)
ITRMSM
100
A
RMS on-state current (per chip)
Ausgangsstrom
TC = 85°C
Id
135
A
output current
TC = 67°C
173
A
TA = 45°C, KM 11
49
A
TA = 45°C, KM 33
69
A
TA = 35°C, KM 14 (VL = 45l/s)
119
A
TA = 35°C, KM 33 (VL = 90l/s)
139
A
Stoßstrom-Grenzwert
Tvj = 25°C, tp = 10ms
ITSM
1000
A
surge current
Tvj = Tvj max, tp = 10ms
870
A
Grenzlastintegral
Tvj = 25°C, tp = 10ms
I²t
5000
A²s
I²t-value
Tvj = Tvj max, tp = 10ms
3780
A²s
Kritische Stromsteilheit
DIN IEC 747-6
(di/dt)cr
120
A/µs
critical rate of rise of on-state current
f = 50Hz, iGM = 0,6A, diG/dt = 0,6A/µs
Kritische Spannungssteilheit
Tvj = Tvj max, vD = 0,67 VDRM
(dv/dt)cr
critical rate of rise of off-state voltage
8. Kennbuchstabe / 8th letter F
1000
V/µs
Charakteristische Werte / Characteristic values
Durchlaßspannung
Tvj = Tvj max, iT = 150A
vT
max.
1,81
V
on-state voltage
Schleusenspannung
Tvj = Tvj max
V(TO)
0,95
V
threshold voltage
Ersatzwiderstand
Tvj =Tvj max
rT
4,3
m
slope resistance
Zündstrom
Tvj = 25°C, vD = 6V
IGT
max.
150
mA
gate trigger current
Zündspannung
Tvj = 25°C, vD = 6V
VGT
max.
2,5
V
gate trigger voltage
Nicht zündender Steuerstrom
Tvj = Tvj max, vD = 6V
IGD
max.
5,0
mA
gate non-trigger current
Tvj = Tvj max, vD = 0,5 VDRM
max.
2,5
mA
Nicht zündende Steuerspannung
Tvj = Tvj max, vD = 0,5 VDRM
VGD
max.
0,2
V
gate non-trigger voltage
Haltestrom
Tvj = 25°C, vD = 6V, RA = 5Ω
IH
max.
200
mA
holding current
Einraststrom
Tvj = 25°C, vD = 6V, RGK ≥ 20Ω
IL
max.
600
mA
latching current
iGM = 0,6A, diG/dt = 0,6A/µs, tg = 10µs
Vorwärts- und Rückwärts-Sperrstrom
Tvj = Tvj max
iD, iR
max.
10
mA
forward off-state and reverse currents
vD = VDRM, vR = VRRM
1) gilt auch für / also valid for TD B6HK 135 N 16
BIP PPE4
rev. 2
21. Okt 05
A 06/05
Seite/page 1(6)


Similar Part No. - TDB6HK135N16LOF

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TDB6HK180N16RR INFINEON-TDB6HK180N16RR Datasheet
484Kb / 9P
   Al2O3 Substrate with Low Thermal Resistance
2013-08-19 revision:2.0
TDB6HK180N16RR-B11 INFINEON-TDB6HK180N16RR-B11 Datasheet
239Kb / 8P
   IGBT-Module
2007-06-29 revision:2.0
TDB6HK180N16RR_B11 INFINEON-TDB6HK180N16RR_B11 Datasheet
239Kb / 8P
   IGBT-Module
2007-06-29 revision:2.0
More results

Similar Description - TDB6HK135N16LOF

ManufacturerPart #DatasheetDescription
logo
eupec GmbH
TT140N EUPEC-TT140N Datasheet
411Kb / 13P
   Netz-Thyristor-Modul Phase Control Thyristor Module
logo
Infineon Technologies A...
TD162N16KOF INFINEON-TD162N16KOF Datasheet
416Kb / 13P
   Netz-Thyristor-Modul Phase Control Thyristor Module
04.07.02 revision:1
logo
eupec GmbH
TT106N EUPEC-TT106N Datasheet
404Kb / 13P
   Netz-Thyristor-Modul Phase Control Thyristor Module
TZ150N EUPEC-TZ150N Datasheet
461Kb / 13P
   Netz-Thyristor-Modul Phase Control Thyristor Module
TT70N EUPEC-TT70N_02 Datasheet
417Kb / 13P
   Netz-Thyristor-Modul Phase Control Thyristor Module
logo
Infineon Technologies A...
ETT420N22P60 INFINEON-ETT420N22P60 Datasheet
429Kb / 11P
   Netz-Thyristor-Modul Phase Control Thyristor Module
2018-07-30 Revision: 3.1
TT104N INFINEON-TT104N Datasheet
755Kb / 11P
   Netz-Thyristor-Modul Phase Control Thyristor Module
2020-05-29 Revision: 3.3
TT570N18KOF INFINEON-TT570N18KOF Datasheet
550Kb / 11P
   Netz-Thyristor-Modul Phase Control Thyristor Module
2021-02-12 Revision: 3.1
TT92N INFINEON-TT92N Datasheet
755Kb / 11P
   Netz-Thyristor-Modul Phase Control Thyristor Module
2020-05-29 Revision: 3.3
logo
eupec GmbH
TZ375N EUPEC-TZ375N Datasheet
460Kb / 13P
   Netz-Thyristor-Modul Phase Control Thyristor Module
logo
Infineon Technologies A...
TT600N16KOF INFINEON-TT600N16KOF_16 Datasheet
431Kb / 11P
   Netz-Thyristor-Modul Phase Control Thyristor Module
2016-11-25 Revision: 3.3
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com