Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADP1196 Datasheet(PDF) 4 Page - Analog Devices

Part # ADP1196
Description  5 V, 3 A Logic Controlled High-Side or Low-Side Load Switch
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP1196 Datasheet(HTML) 4 Page - Analog Devices

  ADP1196 Datasheet HTML 1Page - Analog Devices ADP1196 Datasheet HTML 2Page - Analog Devices ADP1196 Datasheet HTML 3Page - Analog Devices ADP1196 Datasheet HTML 4Page - Analog Devices ADP1196 Datasheet HTML 5Page - Analog Devices ADP1196 Datasheet HTML 6Page - Analog Devices ADP1196 Datasheet HTML 7Page - Analog Devices ADP1196 Datasheet HTML 8Page - Analog Devices ADP1196 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
ADP1196
Data Sheet
Rev. 0 | Page 4 of 12
ABSOLUTE MAXIMUM RATINGS
Table 2.
Parameter
Rating
VIN to GND
−0.3 V to +6.5 V
VOUT to GND
−0.3 V to VIN
VB_EN to GND
−0.3 V to +6.5 V
Continuous Drain Current
TA = 25°C
±4 A
TA = 85°C
±2.22 A
Continuous Diode Current
−50 mA
Storage Temperature Range
−65°C to +150°C
Operating Junction Temperature Range
−40°C to +105°C
Soldering Conditions
JEDEC J-STD-020
Stresses above those listed under Absolute Maximum Ratings
may cause permanent damage to the device. This is a stress
rating only; functional operation of the device at these or any
other conditions above those indicated in the operational
section of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect
device reliability.
THERMAL RESISTANCE
Table 3. Typical θJA and ΨJB Values
Package Type
θJA
ΨJB
Unit
6-Ball, 0.5 mm Pitch WLCSP
260
58
°C/W
ESD CAUTION


Similar Part No. - ADP1196

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADP1190 AD-ADP1190 Datasheet
329Kb / 12P
   Integrated 500 mA Load Switch with Quad Signal Switch
REV. 0
ADP1190A AD-ADP1190A Datasheet
290Kb / 12P
   Integrated 500 mA Load Switch with Quad Signal Switch
ADP1190AACBZ-R7 AD-ADP1190AACBZ-R7 Datasheet
290Kb / 12P
   Integrated 500 mA Load Switch with Quad Signal Switch
ADP1190ACBZ-R7 AD-ADP1190ACBZ-R7 Datasheet
329Kb / 12P
   Integrated 500 mA Load Switch with Quad Signal Switch
REV. 0
logo
List of Unclassifed Man...
ADP1191 ETC-ADP1191 Datasheet
72Kb / 4P
   PRECISION SEMICONDUCTOR PRESSURE SENSOR
More results

Similar Description - ADP1196

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADP196 AD-ADP196 Datasheet
402Kb / 13P
   5 V, 3 A, Logic Controlled High-Side Power Switch
REV. 0
ADP196 AD-ADP196 Datasheet
387Kb / 12P
   5 V, 3 A, Logic Controlled High-Side Power Switch
REV. 0
ADP197 AD-ADP197 Datasheet
269Kb / 16P
   5 V, 3 A Logic Controlled High-Side Power Switch Mobile phones
REV. 0
ADP198 AD-ADP198 Datasheet
419Kb / 16P
   Logic Controlled, 1 A, High-Side Load
REV. D
ADP1290 AD-ADP1290 Datasheet
414Kb / 12P
   12 V, 2 A Logic Controlled High-Side Power Switch
logo
NXP Semiconductors
NX5P2924C PHILIPS-NX5P2924C Datasheet
465Kb / 20P
   Logic controlled high-side power switch
Rev. 1-7 July 2015
NX3P190 PHILIPS-NX3P190_15 Datasheet
990Kb / 14P
   Logic controlled high-side power switch
Rev. 5-14 January 2014
NX5P1100 NXP-NX5P1100 Datasheet
672Kb / 20P
   Logic controlled high-side power switch
Rev. 1 ??21 March 2014
NX5P2924 NXP-NX5P2924 Datasheet
305Kb / 17P
   Logic controlled high-side power switch
Rev. 1 ??24 February 2014
NX5P2924D NXP-NX5P2924D Datasheet
506Kb / 23P
   Logic controlled high-side power switch
Rev. 1.0 ??21 June 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com