Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADM2209EARUZ Datasheet(PDF) 5 Page - Analog Devices

Part # ADM2209EARUZ
Description  EMI-/EMC-Compliant 615 kV ESD Protected, Dual RS-232 Port with Standby
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM2209EARUZ Datasheet(HTML) 5 Page - Analog Devices

  ADM2209EARUZ Datasheet HTML 1Page - Analog Devices ADM2209EARUZ Datasheet HTML 2Page - Analog Devices ADM2209EARUZ Datasheet HTML 3Page - Analog Devices ADM2209EARUZ Datasheet HTML 4Page - Analog Devices ADM2209EARUZ Datasheet HTML 5Page - Analog Devices ADM2209EARUZ Datasheet HTML 6Page - Analog Devices ADM2209EARUZ Datasheet HTML 7Page - Analog Devices ADM2209EARUZ Datasheet HTML 8Page - Analog Devices ADM2209EARUZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
REV. 0
ADM2209E
–5–
Test Circuits
PULSE
GENERATOR
VIN
CL
RL
VOUT
T
Figure 1. Test Circuit for Driver Propagation Delay and
Transition Time
VIN
1.5V
+3V
VOUT
–3V
0V
1.5V
3V
0V
VOL
VOH
+3V
–3V
0V
tPHL
tPLH
tr
tf
Figure 2. Driver Propagation Delay and Transition Time
Waveforms
PULSE
GENERATOR
VIN
CL
VOUT
R
Figure 3. Test Circuit for Receiver Propagation Delay and
Transition Time
VIN
1.5V
VOUT
1.5V
1.5V
+3V
VOL
VOH
tPHL
tPLH
tr
tf
20%
20%
1.5V
80%
80%
–3V
Figure 4. Receiver Propagation Delay and Transition Time
Waveforms
0V
3V
90%
10%
5ns
5ns
DRIVER
INPUT
–10V
+10V
+3V
–3V
200ns
200ns
RECEIVER
INPUT
Figure 5. Input Waveforms Used in AC Performance Tests


Similar Part No. - ADM2209EARUZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADM2209EARU AD-ADM2209EARU Datasheet
142Kb / 12P
   EMI-/EMC-Compliant -15 kV ESD Protected, Dual RS-232 Port with Standby
REV. 0
More results

Similar Description - ADM2209EARUZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADM2209E AD-ADM2209E Datasheet
142Kb / 12P
   EMI-/EMC-Compliant -15 kV ESD Protected, Dual RS-232 Port with Standby
REV. 0
ADM202E AD-ADM202E Datasheet
163Kb / 12P
   EMI/EMC Compliant, -15 kV ESD Protected, RS-232 Line Drivers/Receivers
REV. 0
ADM202E AD-ADM202E_V01 Datasheet
254Kb / 16P
   EMI/EMC-Compliant, ±15 kV, ESD-Protected RS-232 Line Drivers/Receivers
Rev. C
ADM2023E AD-ADM2023E Datasheet
254Kb / 16P
   EMI/EMC-Compliant, -15 kV, ESD-Protected RS-232 Line Drivers/Receivers
REV. C
ADM206E AD-ADM206E Datasheet
204Kb / 16P
   EMI/EMC Compliant, -15 kV ESD Protected, RS-232 Line Drivers/Receivers
REV. B
logo
Maxim Integrated Produc...
MAX3186 MAXIM-MAX3186 Datasheet
86Kb / 8P
   짹15kV ESD-Protected, EMC-Compliant, 230kbps RS-232 Serial Port for Modems
19-1077; Rev 0; 9/96
MAX3187 MAXIM-MAX3187 Datasheet
81Kb / 8P
   짹15kV ESD-Protected, EMC-Compliant, 230kbps, Dual RS-232 Serial Port for Motherboards/Desktops
19-1186; Rev 1; 10/98
logo
Analog Devices
ADM2209E AD-ADM2209E_15 Datasheet
146Kb / 12P
   Dual RS-232 Port with Standby
REV. 0
ADM213EARSZ-REEL AD-ADM213EARSZ-REEL Datasheet
464Kb / 20P
   EMI/EMC-Compliant, 짹15 kV ESDProtected, RS-232 Line Drivers/Receivers
Rev. E
ADM213EARZ-REEL AD-ADM213EARZ-REEL Datasheet
464Kb / 20P
   EMI/EMC-Compliant, 짹15 kV ESDProtected, RS-232 Line Drivers/Receivers
Rev. E
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com