Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DF23C-10DP-0.5V Datasheet(PDF) 5 Page - Hirose Electric

Part # DF23C-10DP-0.5V
Description  0.5mm Pitch Low-Profile Board-to-Board/Board-to-FPC Connectors
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

DF23C-10DP-0.5V Datasheet(HTML) 5 Page - Hirose Electric

  DF23C-10DP-0.5V Datasheet HTML 1Page - Hirose Electric DF23C-10DP-0.5V Datasheet HTML 2Page - Hirose Electric DF23C-10DP-0.5V Datasheet HTML 3Page - Hirose Electric DF23C-10DP-0.5V Datasheet HTML 4Page - Hirose Electric DF23C-10DP-0.5V Datasheet HTML 5Page - Hirose Electric DF23C-10DP-0.5V Datasheet HTML 6Page - Hirose Electric DF23C-10DP-0.5V Datasheet HTML 7Page - Hirose Electric  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
A242
DF23 Series
0.5mm Pitch Low-Profile Board-to-Board/Board-to-FPC Connectors
■Reel Dimensions
G±0.5
H±1
Product name label
Depth of 1.5
diameter
Note 1: This side feed hole is added to embossed tape where the D dimension is 32.0 min. wide.
Note 2: (53) packaging code embossed tape is without the bottom surface protrusion.
H
21.5
21.5
21.5
21.5
21.5
21.5
29.5
29.5
29.5
29.5
37.5
E
----
----
----
----
----
----
----
----
----
----
28.4
F
G
07.5
07.5
07.5
07.5
07.5
07.5
11.5
11.5
11.5
11.5
14.2
17.5
17.5
17.5
17.5
17.5
17.5
25.5
25.5
25.5
25.5
33.5
D
16.0
16.0
16.0
16.0
16.0
16.0
24.0
24.0
24.0
24.0
32.0
Product No.
DF23C-10DS-0.5V(**)
DF23C-12DS-0.5V(**)
DF23C-14DS-0.5V(**)
DF23C-16DS-0.5V(**)
DF23C-18DS-0.5V(**)
DF23C-20DS-0.5V(**)
DF23C-22DS-0.5V(**)
DF23C-30DS-0.5V(**)
DF23C-40DS-0.5V(**)
DF23C-50DS-0.5V(**)
DF23C-60DS-0.5V(**)
Unit: mm
BEmbossed Career Tape Dimensions
■Receptacles
Unreeling direction
(Note.1)
(Note.2)
12±0.1
2±0.1
4±0.1
R0.75
+
0.1
0
R0.75
+0.1
0
0.3±0.1
1.6±0.15
Y-Y
X-X
Y
Y
XX
The product information in this catalog is for reference only. Please request the Engineering Drawing for the most current and accurate design information.
All non-RoHS products have been discontinued, or will be discontinued soon. Please check the products status on the Hirose website RoHS search at www.hirose-connectors.com, or contact your Hirose sales representative.


Similar Part No. - DF23C-10DP-0.5V

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
DF23C-10DP-0.5V HIROSE-DF23C-10DP-0.5V Datasheet
184Kb / 8P
   0.5mm Pitch Low-Profile Board-to-Board/Board-to-FPC Connectors
More results

Similar Description - DF23C-10DP-0.5V

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
DF23C-10DS-0.5V HIROSE-DF23C-10DS-0.5V Datasheet
184Kb / 8P
   0.5mm Pitch Low-Profile Board-to-Board/Board-to-FPC Connectors
DF174.0-20DS-0.5V57 HIROSE-DF174.0-20DS-0.5V57 Datasheet
201Kb / 9P
   0.5mm Pitch Board to Board Connector
DF17-26DS-0.5V HIROSE-DF17-26DS-0.5V Datasheet
285Kb / 7P
   0.5mm Pitch Board to Board Connector
DF40C2.0-30DS-0.4V51 HIROSE-DF40C2.0-30DS-0.4V51 Datasheet
1Mb / 16P
   0.4 mm Contact Pitch Board-to-Board /Board-to-FPC Connectors
logo
SUYIN USA, INC.
500002FB SUYIN-USA-500002FB Datasheet
132Kb / 1P
   0.5mm PITCH BOARD TO BOARD CONNECTOR
logo
Hirose Electric
DF12A-20DS-0.5V HIROSE-DF12A-20DS-0.5V Datasheet
255Kb / 6P
   0.5mm Pitch SMT Board to Board Connector
DF12A3.0-30DS-0.5V81 HIROSE-DF12A3.0-30DS-0.5V81 Datasheet
227Kb / 11P
   0.5mm Pitch SMT Board to Board Connector
logo
List of Unclassifed Man...
DF12-30DS-0-5V ETC-DF12-30DS-0-5V Datasheet
227Kb / 11P
   0.5mm Pitch SMT Board to Board Connector
logo
Hirose Electric
DF18B-20DS-0.4V HIROSE-DF18B-20DS-0.4V Datasheet
433Kb / 8P
   0.4mm Contact Pitch, 1.5mm above the board, Board-to-Board / Board-to-FPC Connectors
DF12E3.0-20DP-0.5V81 HIROSE-DF12E3.0-20DP-0.5V81 Datasheet
227Kb / 11P
   0.5mm Pitch SMT Board to Board Connector
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com