Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD8346ARUZ Datasheet(PDF) 8 Page - Analog Devices

Part # AD8346ARUZ
Description  0.8 GHz to 2.5 GHz Quadrature Modulator
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8346ARUZ Datasheet(HTML) 8 Page - Analog Devices

Back Button AD8346ARUZ Datasheet HTML 4Page - Analog Devices AD8346ARUZ Datasheet HTML 5Page - Analog Devices AD8346ARUZ Datasheet HTML 6Page - Analog Devices AD8346ARUZ Datasheet HTML 7Page - Analog Devices AD8346ARUZ Datasheet HTML 8Page - Analog Devices AD8346ARUZ Datasheet HTML 9Page - Analog Devices AD8346ARUZ Datasheet HTML 10Page - Analog Devices AD8346ARUZ Datasheet HTML 11Page - Analog Devices AD8346ARUZ Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
AD8346
Rev. A | Page 8 of 20
–7
–8
–9
–10
–11
–12
–13
–14
–15
VP = 5V
VP = 3V
VP = 5.5V
VP = 2.7V
TEMPERATURE (°C)
–40
–20
0
203040
506070
80
–30
–10
10
Figure 13. SSB POUT vs. Temperature. FLO = 1900 MHz, I and Q inputs driven in
quadrature with differential amplitude of 2.00 V p-p at FBB = 100 kHz.
LO FREQUENCY (MHz)
–36
–38
–40
–42
–44
–46
–48
–50
–52
–54
1200
1600
2000
2400
800
1400
1800
2200
1000
T = 25°C
VP = 3V
VP = 5.5V
VP = 5V
VP = 2.7V
Figure 14. Carrier Feedthrough vs. FLO.
LO input level = –10 dBm.
LO FREQUENCY (MHz)
–32
–34
–36
–38
–40
–42
–44
–46
–48
1300
1700
2100
2500
900
1500
1900
2300
1100
T = 25°C
VP = 3V
VP = 2.7V
VP = 5V
VP = 5.5V
Figure 15. Sideband Suppression vs. FLO. VPOS = 2.7 V, I and Q inputs driven in
quadrature with differential amplitude of 2.00 V p-p at FBB = 100 kHz.
BASEBAND FREQUENCY (MHz)
–30
0
–32
–34
–36
–38
–40
–42
–44
2
4
6
8
10
12
14
16
18
20
VP = 3V
VP = 5.5V
VP = 2.7V
VP = 5V
Figure 16. Sideband Suppression vs. FBB. FLO = 1900 MHz, I and Q inputs
driven in quadrature with differential amplitude of 2.00 V p-p.
–35
–40
–45
–50
–55
–60
–65
–70
TEMPERATURE (°C)
–40
–20
0
20304050607080
–30
–10
10
VP = 5.5V
VP = 2.7V
VP = 3V
VP = 5V
Figure 17. Third Harmonic Distortion vs. Temperature.
FLO =1900 MHz, I and Q inputs driven in quadrature with
differential amplitude of 2.00 V p-p at FBB = 100 kHz.
FREQUENCY (MHz)
0
–2
–4
–6
–8
–10
–12
–14
800
1200
1600
2000
–20
2400
–16
–18
1400
1800
2200
1000
T = +25°C
T = +85°C
T = –40°C
Figure 18. Return Loss of LOIN Input vs. FLO.
VPOS = 5.0 V, LOIP pin ac-coupled to ground.


Similar Part No. - AD8346ARUZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8346ARUZ-REEL1 AD-AD8346ARUZ-REEL1 Datasheet
404Kb / 20P
   0.8 GHz to 2.5 GHz Quadrature Modulator
REV. A
AD8346ARUZ-REEL71 AD-AD8346ARUZ-REEL71 Datasheet
404Kb / 20P
   0.8 GHz to 2.5 GHz Quadrature Modulator
REV. A
More results

Similar Description - AD8346ARUZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8346EVAL AD-AD8346EVAL Datasheet
404Kb / 20P
   0.8 GHz to 2.5 GHz Quadrature Modulator
REV. A
AD8346 AD-AD8346_15 Datasheet
404Kb / 20P
   0.8 GHz to 2.5 GHz Quadrature Modulator
REV. A
AD8346 AD-AD8346 Datasheet
190Kb / 12P
   0.8 GHz-2.5 GHz Quadrature Modulator
REV. 0
logo
Texas Instruments
TRF3702 TI-TRF3702 Datasheet
655Kb / 36P
[Old version datasheet]   1.5-GHz to 2.5-GHz QUADRATURE MODULATOR
TRF3702 TI-TRF3702_07 Datasheet
489Kb / 35P
[Old version datasheet]   1.5-GHz to 2.5-GHz QUADRATURE MODULATOR
TRF3702_15 TI-TRF3702_15_15 Datasheet
767Kb / 39P
[Old version datasheet]   1.5-GHz to 2.5-GHz QUADRATURE MODULATOR
TRF370317 TI1-TRF370317_15 Datasheet
1Mb / 33P
[Old version datasheet]   0.4-GHz TO 4-GHz QUADRATURE MODULATOR
TRF3703 TI-TRF3703_08 Datasheet
746Kb / 25P
[Old version datasheet]   0.4-GHz TO 4-GHz QUADRATURE MODULATOR
TRF3701 TI-TRF3701 Datasheet
79Kb / 5P
[Old version datasheet]   0.6 GHz to 1.0 GHz QUADRATURE MODULATOR
TRF3703 TI-TRF3703_07 Datasheet
659Kb / 26P
[Old version datasheet]   0.4-GHz TO 4-GHz QUADRATURE MODULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com