Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BC847PNE6327 Datasheet(PDF) 10 Page - Infineon Technologies AG

Part # BC847PNE6327
Description  NPN/PNP Silicon AF Transistor Arrays
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BC847PNE6327 Datasheet(HTML) 10 Page - Infineon Technologies AG

Back Button BC847PNE6327 Datasheet HTML 2Page - Infineon Technologies AG BC847PNE6327 Datasheet HTML 3Page - Infineon Technologies AG BC847PNE6327 Datasheet HTML 4Page - Infineon Technologies AG BC847PNE6327 Datasheet HTML 5Page - Infineon Technologies AG BC847PNE6327 Datasheet HTML 6Page - Infineon Technologies AG BC847PNE6327 Datasheet HTML 7Page - Infineon Technologies AG BC847PNE6327 Datasheet HTML 8Page - Infineon Technologies AG BC847PNE6327 Datasheet HTML 9Page - Infineon Technologies AG BC847PNE6327 Datasheet HTML 10Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 10 / 10 page
background image
2011-10-05
10
BC846PN/UPN_BC847PN
Edition 2009-11-16
Published by
Infineon Technologies AG
81726 Munich, Germany
 2009 Infineon Technologies AG
All Rights Reserved.
Legal Disclaimer
The information given in this document shall in no event be regarded as a guarantee
of conditions or characteristics. With respect to any examples or hints given herein,
any typical values stated herein and/or any information regarding the application of
the device, Infineon Technologies hereby disclaims any and all warranties and
liabilities of any kind, including without limitation, warranties of non-infringement of
intellectual property rights of any third party.
Information
For further information on technology, delivery terms and conditions and prices,
please contact the nearest Infineon Technologies Office (<www.infineon.com>).
Warnings
Due to technical requirements, components may contain dangerous substances.
For information on the types in question, please contact the nearest Infineon
Technologies Office.
Infineon Technologies components may be used in life-support devices or systems
only with the express written approval of Infineon Technologies, if a failure of such
components can reasonably be expected to cause the failure of that life-support
device or system or to affect the safety or effectiveness of that device or system.
Life support devices or systems are intended to be implanted in the human body or
to support and/or maintain and sustain and/or protect human life. If they fail, it is
reasonable to assume that the health of the user or other persons may be
endangered.


Similar Part No. - BC847PNE6327

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
BC847PN SIEMENS-BC847PN Datasheet
229Kb / 6P
   NPN/PNP Silicon AF Transistor Array (For AF input stages and driver applications High current gain Low collector-emitter saturation voltage)
logo
Micro Commercial Compon...
BC847PN MCC-BC847PN Datasheet
350Kb / 5P
   PNP and NPN Small Signal Transistor 200mW
logo
Diodes Incorporated
BC847PN DIODES-BC847PN Datasheet
46Kb / 3P
   COMPLEMENTARY PAIR SMALL SIGNAL SURFACE MOUNT TRANSISTOR
DS30278 Rev. 2 - 2
BC847PN DIODES-BC847PN Datasheet
458Kb / 6P
   COMPLEMENTARY PAIR SMALL SIGNAL TRANSISTOR
logo
Infineon Technologies A...
BC847PN INFINEON-BC847PN Datasheet
59Kb / 6P
   NPN/PNP Silicon AF Transistor Array
Jul-02-2001
More results

Similar Description - BC847PNE6327

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BC846PN-E6327 INFINEON-BC846PN-E6327 Datasheet
853Kb / 10P
   NPN/PNP Silicon AF Transistor Arrays
2011-10-05
BC856S INFINEON-BC856S_11 Datasheet
854Kb / 10P
   PNP Silicon AF Transistor Arrays
2011-07-25
BC856S INFINEON-BC856S_08 Datasheet
849Kb / 10P
   PNP Silicon AF Transistor Arrays
2008-01-18
BC846S INFINEON-BC846S_08 Datasheet
852Kb / 10P
   NPN Silicon AF Transistor Arrays
2008-05-06
BC846SH6327XTSA1 INFINEON-BC846SH6327XTSA1 Datasheet
843Kb / 10P
   NPN Silicon AF Transistor Arrays
2012-04-04
BC846PN INFINEON-BC846PN Datasheet
59Kb / 6P
   NPN/PNP Silicon AF Transistor Array
2007-04-20
logo
Chenmko Enterprise Co. ...
CH817UPNPT CHENMKO-CH817UPNPT Datasheet
95Kb / 4P
   NPN/PNP Silicon AF Transistor Array
logo
Infineon Technologies A...
BC846UPN INFINEON-BC846UPN Datasheet
151Kb / 6P
   NPN/PNP Silicon AF Transistor Array
Aug-21-2002
BC847PN INFINEON-BC847PN Datasheet
59Kb / 6P
   NPN/PNP Silicon AF Transistor Array
Jul-02-2001
SMBTA06UPN INFINEON-SMBTA06UPN Datasheet
142Kb / 5P
   NPN/PNP Silicon AF Transistor Array
Aug-21-2002
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com