Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BC847PNE6327 Datasheet(PDF) 6 Page - Infineon Technologies AG

Part # BC847PNE6327
Description  NPN/PNP Silicon AF Transistor Arrays
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BC847PNE6327 Datasheet(HTML) 6 Page - Infineon Technologies AG

Back Button BC847PNE6327 Datasheet HTML 2Page - Infineon Technologies AG BC847PNE6327 Datasheet HTML 3Page - Infineon Technologies AG BC847PNE6327 Datasheet HTML 4Page - Infineon Technologies AG BC847PNE6327 Datasheet HTML 5Page - Infineon Technologies AG BC847PNE6327 Datasheet HTML 6Page - Infineon Technologies AG BC847PNE6327 Datasheet HTML 7Page - Infineon Technologies AG BC847PNE6327 Datasheet HTML 8Page - Infineon Technologies AG BC847PNE6327 Datasheet HTML 9Page - Infineon Technologies AG BC847PNE6327 Datasheet HTML 10Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
2011-10-05
6
BC846PN/UPN_BC847PN
Transition frequency fT = ƒ(IC)
VCE = 5 V, f = 100 MHz
10
10
10
10
EHP00363
f
mA
MHz
-1
0
1
2
5
T
3
10
10 2
1
10
5
5
5
Ι
C
Collector-base capacitance Ccb = ƒ(VCB)
Emitter-base capacitance Ceb = ƒ(VEB)
0
4
8
12
16
V
22
VCB(VEB
0
1
2
3
4
5
6
7
8
9
10
pF
12
CCB
CEB
Total power dissipation Ptot = ƒ(TS)
BC846PN, BC847PN
0
15
30
45
60
75
90 105 120 °C
150
TS
0
25
50
75
100
125
150
175
200
225
250
mW
300
Total power dissipation Ptot = ƒ(TS)
BC846UPN
0
15
30
45
60
75
90 105 120 °C
150
TS
0
25
50
75
100
125
150
175
200
225
250
mW
300


Similar Part No. - BC847PNE6327

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
BC847PN SIEMENS-BC847PN Datasheet
229Kb / 6P
   NPN/PNP Silicon AF Transistor Array (For AF input stages and driver applications High current gain Low collector-emitter saturation voltage)
logo
Micro Commercial Compon...
BC847PN MCC-BC847PN Datasheet
350Kb / 5P
   PNP and NPN Small Signal Transistor 200mW
logo
Diodes Incorporated
BC847PN DIODES-BC847PN Datasheet
46Kb / 3P
   COMPLEMENTARY PAIR SMALL SIGNAL SURFACE MOUNT TRANSISTOR
DS30278 Rev. 2 - 2
BC847PN DIODES-BC847PN Datasheet
458Kb / 6P
   COMPLEMENTARY PAIR SMALL SIGNAL TRANSISTOR
logo
Infineon Technologies A...
BC847PN INFINEON-BC847PN Datasheet
59Kb / 6P
   NPN/PNP Silicon AF Transistor Array
Jul-02-2001
More results

Similar Description - BC847PNE6327

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BC846PN-E6327 INFINEON-BC846PN-E6327 Datasheet
853Kb / 10P
   NPN/PNP Silicon AF Transistor Arrays
2011-10-05
BC856S INFINEON-BC856S_11 Datasheet
854Kb / 10P
   PNP Silicon AF Transistor Arrays
2011-07-25
BC856S INFINEON-BC856S_08 Datasheet
849Kb / 10P
   PNP Silicon AF Transistor Arrays
2008-01-18
BC846S INFINEON-BC846S_08 Datasheet
852Kb / 10P
   NPN Silicon AF Transistor Arrays
2008-05-06
BC846SH6327XTSA1 INFINEON-BC846SH6327XTSA1 Datasheet
843Kb / 10P
   NPN Silicon AF Transistor Arrays
2012-04-04
BC846PN INFINEON-BC846PN Datasheet
59Kb / 6P
   NPN/PNP Silicon AF Transistor Array
2007-04-20
logo
Chenmko Enterprise Co. ...
CH817UPNPT CHENMKO-CH817UPNPT Datasheet
95Kb / 4P
   NPN/PNP Silicon AF Transistor Array
logo
Infineon Technologies A...
BC846UPN INFINEON-BC846UPN Datasheet
151Kb / 6P
   NPN/PNP Silicon AF Transistor Array
Aug-21-2002
BC847PN INFINEON-BC847PN Datasheet
59Kb / 6P
   NPN/PNP Silicon AF Transistor Array
Jul-02-2001
SMBTA06UPN INFINEON-SMBTA06UPN Datasheet
142Kb / 5P
   NPN/PNP Silicon AF Transistor Array
Aug-21-2002
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com