Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD5173BRM2.5-RL7 Datasheet(PDF) 11 Page - Analog Devices

Part # AD5173BRM2.5-RL7
Description  256-Position, One-Time Programmable, Dual-Channel, I2C Digital Potentiometers
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5173BRM2.5-RL7 Datasheet(HTML) 11 Page - Analog Devices

Back Button AD5173BRM2.5-RL7 Datasheet HTML 7Page - Analog Devices AD5173BRM2.5-RL7 Datasheet HTML 8Page - Analog Devices AD5173BRM2.5-RL7 Datasheet HTML 9Page - Analog Devices AD5173BRM2.5-RL7 Datasheet HTML 10Page - Analog Devices AD5173BRM2.5-RL7 Datasheet HTML 11Page - Analog Devices AD5173BRM2.5-RL7 Datasheet HTML 12Page - Analog Devices AD5173BRM2.5-RL7 Datasheet HTML 13Page - Analog Devices AD5173BRM2.5-RL7 Datasheet HTML 14Page - Analog Devices AD5173BRM2.5-RL7 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 24 page
background image
AD5172/AD5173
Rev. H | Page 11 of 24
–30
–20
–10
0
10
20
30
40
50
128
96
32
64
0
160
192
224
256
CODE (DECIMAL)
RAB = 10kΩ
VDD = 2.7V
TA = –40°C TO +85°C, –40°C TO +125°C
VDD = 5.5V
TA = –40°C TO +85°C, –40°C TO +125°C
Figure 18. AD5172 Potentiometer Mode Tempco ΔVWB/ΔT vs. Code
–60
–54
–48
–42
–36
–30
–24
–18
–12
–6
0
FREQUENCY (Hz)
10k
1M
100k
10M
0x80
0x40
0x20
0x10
0x08
0x04
0x01
0x02
Figure 19. Gain vs. Frequency vs. Code, RAB = 2.5 kΩ
–60
–54
–48
–42
–36
–30
–24
–18
–12
–6
0
FREQUENCY (Hz)
1k
100k
10k
1M
0x80
0x40
0x20
0x10
0x08
0x04
0x01
0x02
Figure 20. Gain vs. Frequency vs. Code, RAB = 10 kΩ
–60
–54
–48
–42
–36
–30
–24
–18
–12
–6
0
FREQUENCY (Hz)
1k
100k
10k
1M
0x80
0x40
0x20
0x10
0x08
0x04
0x01
0x02
Figure 21. Gain vs. Frequency vs. Code, RAB = 50 kΩ
–60
–54
–48
–42
–36
–30
–24
–18
–12
–6
0
FREQUENCY (Hz)
1k
100k
10k
1M
0x80
0x40
0x20
0x10
0x08
0x04
0x01
0x02
Figure 22. Gain vs. Frequency vs. Code, RAB = 100 kΩ
–60
–54
–48
–42
–36
–30
–24
–18
–12
–6
0
FREQUENCY (Hz)
10k
1k
100k
1M
10M
100kΩ
60kHz
50kΩ
120kHz
10kΩ
570kHz
2.5kΩ
2.2MHz
Figure 23. −3 dB Bandwidth at Code = 0x80


Similar Part No. - AD5173BRM2.5-RL7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD5173BRM2.5-RL7 AD-AD5173BRM2.5-RL7 Datasheet
948Kb / 24P
   256-Position One-Time Programmable Dual-Channel I2C Digital Potentiometers
REV. A
More results

Similar Description - AD5173BRM2.5-RL7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD5172 AD-AD5172 Datasheet
948Kb / 24P
   256-Position One-Time Programmable Dual-Channel I2C Digital Potentiometers
REV. A
AD5243 AD-AD5243_16 Datasheet
834Kb / 20P
   Dual, 256-Position, I2C-Compatible Digital Potentiometers
AD5248 AD-AD5248_16 Datasheet
834Kb / 20P
   Dual, 256-Position, I2C-Compatible Digital Potentiometers
AD5243BRMZ100 AD-AD5243BRMZ100 Datasheet
803Kb / 20P
   Dual, 256-Position, I2C-Compatible Digital Potentiometers
REV. B
AD5241BR10 AD-AD5241BR10 Datasheet
394Kb / 16P
   I2C Compatible 256-Position Digital Potentiometers
REV. B
AD5241 AD-AD5241_09 Datasheet
550Kb / 20P
   I2C-Compatible, 256-Position Digital Potentiometers
REV. C
AD5170 AD-AD5170 Datasheet
900Kb / 24P
   256-Position Two-Time Programmable I2C Digital Potentiometer
REV. A
AD5251 AD-AD5251 Datasheet
566Kb / 28P
   Dual 64-/256-Position I2C Nonvolatile Memory Digital Potentiometers
AD5251 AD-AD5251_12 Datasheet
575Kb / 28P
   Dual 64-/256-Position I2C Nonvolatile Memory Digital Potentiometers
REV. D
AD5252 AD-AD5252 Datasheet
859Kb / 28P
   Dual 64-and 256-Position I2C Nonvolatile Memory Digital Potentiometers
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com