Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD5628BCBZ-1-RL7 Datasheet(PDF) 7 Page - Analog Devices

Part # AD5628BCBZ-1-RL7
Description  Octal, 12-/14-/16-Bit SPI Voltage Output denseDAC with 5 ppm/째C On-Chip Reference
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5628BCBZ-1-RL7 Datasheet(HTML) 7 Page - Analog Devices

Back Button AD5628BCBZ-1-RL7 Datasheet HTML 3Page - Analog Devices AD5628BCBZ-1-RL7 Datasheet HTML 4Page - Analog Devices AD5628BCBZ-1-RL7 Datasheet HTML 5Page - Analog Devices AD5628BCBZ-1-RL7 Datasheet HTML 6Page - Analog Devices AD5628BCBZ-1-RL7 Datasheet HTML 7Page - Analog Devices AD5628BCBZ-1-RL7 Datasheet HTML 8Page - Analog Devices AD5628BCBZ-1-RL7 Datasheet HTML 9Page - Analog Devices AD5628BCBZ-1-RL7 Datasheet HTML 10Page - Analog Devices AD5628BCBZ-1-RL7 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 32 page
background image
Data Sheet
AD5628/AD5648/AD5668
Rev. G | Page 7 of 32
TIMING CHARACTERISTICS
All input signals are specified with tr = tf = 1 ns/V (10% to 90% of VDD) and timed from a voltage level of (VIL + VIH)/2. See Figure 2.
VDD = 2.7 V to 5.5 V. All specifications TMIN to TMAX, unless otherwise noted.
Table 4.
Limit at TMIN, TMAX
Parameter
VDD = 2.7 V to 5.5 V
Unit
Conditions/Comments
t1 1
20
ns min
SCLK cycle time
t2
8
ns min
SCLK high time
t3
8
ns min
SCLK low time
t4
13
ns min
SYNC to SCLK falling edge set-up time
t5
4
ns min
Data set-up time
t6
4
ns min
Data hold time
t7
0
ns min
SCLK falling edge to SYNC rising edge
t8
15
ns min
Minimum SYNC high time
t9
13
ns min
SYNC rising edge to SCLK fall ignore
t10
0
ns min
SCLK falling edge to SYNC fall ignore
t11
10
ns min
LDAC pulse width low
t12
15
ns min
SCLK falling edge to LDAC rising edge
t13
5
ns min
CLR pulse width low
t14
0
ns min
SCLK falling edge to LDAC falling edge
t15
300
ns typ
CLR pulse activation time
1 Maximum SCLK frequency is 50 MHz at VDD = 2.7 V to 5.5 V. Guaranteed by design and characterization; not production tested.
t4
t3
SCLK
SYNC
DIN
t1
t2
t5
t6
t7
t8
DB31
t9
t10
t11
t12
LDAC1
LDAC2
t14
1ASYNCHRONOUS LDAC UPDATE MODE.
2SYNCHRONOUS LDAC UPDATE MODE.
CLR
t13
t15
VOUT
DB0
Figure 2. Serial Write Operation


Similar Part No. - AD5628BCBZ-1-RL7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD5628BRUZ-1 AD-AD5628BRUZ-1 Datasheet
306Kb / 24P
   Octal, 12-14-16 Bit Dac with 10ppm/째C Max On-Chip Reference in 14-Lead TSSOP
Rev. PrA
AD5628BRUZ-2 AD-AD5628BRUZ-2 Datasheet
306Kb / 24P
   Octal, 12-14-16 Bit Dac with 10ppm/째C Max On-Chip Reference in 14-Lead TSSOP
Rev. PrA
More results

Similar Description - AD5628BCBZ-1-RL7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD5629R AD-AD5629R Datasheet
1Mb / 32P
   Octal, 12-/16-Bit, I2C, denseDACs with 5 ppm/째C On-Chip Reference
REV. B
AD5624R AD-AD5624R_V01 Datasheet
843Kb / 28P
   Quad, 12-/14-/16-Bit nanoDACs with 5 ppm/째C On-Chip Reference
Rev. D
AD5672R AD-AD5672R Datasheet
865Kb / 34P
   Octal, 12-/16-Bit nanoDAC with ppm/째C Reference, SPI Interface
AD5625R AD-AD5625R_13 Datasheet
1Mb / 36P
   Quad, 12-/14-/16-Bit nanoDACs with 5 ppm/째C On-Chip Reference, I2C Interface
REV. C
AD5627R AD-AD5627R_07 Datasheet
1Mb / 32P
   Dual, 12-/14-/16-Bit nanoDACs짰 with 5 ppm/째C On-Chip Reference, I2C짰 Interface
REV. 0
AD5620 AD-AD5620_10 Datasheet
538Kb / 28P
   Single, 12-/14-/16-Bit nanoDAC with 5 ppm/째C On-Chip Reference in SOT-23
Rev. F
logo
Texas Instruments
DAC80508Z TI1-DAC80508Z Datasheet
2Mb / 53P
[Old version datasheet]   Octal, 16-, 14-, 12-Bit, SPI, Voltage Output DAC with Internal Reference
DAC80508 TI1-DAC80508 Datasheet
217Kb / 8P
[Old version datasheet]   Octal, 16-, 14-, 12-Bit, SPI, Voltage Output DAC with Internal Reference
DAC80508 TI1-DAC80508_18 Datasheet
2Mb / 55P
[Old version datasheet]   Octal, 16-, 14-, 12-Bit, SPI, Voltage Output DAC with Internal Reference
logo
Analog Devices
AD5624R AD-AD5624R_15 Datasheet
1Mb / 28P
   Quad, 12-/14-/16-Bit nanoDACs with 5 ppm/C On-Chip Reference
REV. C
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com