Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

AD5173BRM2.5 Datasheet(PDF) 23 Page - Analog Devices

Part No. AD5173BRM2.5
Description  256-Position, One-Time Programmable, Dual-Channel, I2C Digital Potentiometers
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5173BRM2.5 Datasheet(HTML) 23 Page - Analog Devices

Back Button AD5173BRM2.5 Datasheet HTML 16Page - Analog Devices AD5173BRM2.5 Datasheet HTML 17Page - Analog Devices AD5173BRM2.5 Datasheet HTML 18Page - Analog Devices AD5173BRM2.5 Datasheet HTML 19Page - Analog Devices AD5173BRM2.5 Datasheet HTML 20Page - Analog Devices AD5173BRM2.5 Datasheet HTML 21Page - Analog Devices AD5173BRM2.5 Datasheet HTML 22Page - Analog Devices AD5173BRM2.5 Datasheet HTML 23Page - Analog Devices AD5173BRM2.5 Datasheet HTML 24Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 23 / 24 page
background image
AD5172/AD5173
Rev. H | Page 23 of 24
OUTLINE DIMENSIONS
COMPLIANT TO JEDEC STANDARDS MO-187-BA
0.23
0.08
0.80
0.60
0.40
0.15
0.05
0.33
0.17
0.95
0.85
0.75
SEATING
PLANE
1.10 MAX
10
6
5
1
0.50 BSC
PIN 1
COPLANARITY
0.10
3.10
3.00
2.90
3.10
3.00
2.90
5.15
4.90
4.65
Figure 54. 10-Lead Mini Small Outline Package [MSOP]
(RM-10)
Dimensions shown in millimeters
ORDERING GUIDE
Model1
RAB (kΩ)
Temperature Range
Package Description
Package Option
Branding
AD5172BRM2.5
2.5
−40°C to +125°C
10-Lead MSOP
RM-10
DCY
AD5172BRM2.5-RL7
2.5
−40°C to +125°C
10-Lead MSOP
RM-10
DCY
AD5172BRMZ2.52
2.5
−40°C to +125°C
10-Lead MSOP
RM-10
DCR
AD5172BRM10
10
−40°C to +125°C
10-Lead MSOP
RM-10
DCZ
AD5172BRM10-RL7
10
−40°C to +125°C
10-Lead MSOP
RM-10
DCZ
AD5172BRMZ102
10
−40°C to +125°C
10-Lead MSOP
RM-10
DCT
AD5172BRMZ10-RL72
10
−40°C to +125°C
10-Lead MSOP
RM-10
DCT
AD5172BRM50
50
−40°C to +125°C
10-Lead MSOP
RM-10
DCX
AD5172BRMZ502
50
−40°C to +125°C
10-Lead MSOP
RM-10
DCU
AD5172BRMZ50-RL72
50
−40°C to +125°C
10-Lead MSOP
RM-10
DCU
AD5172BRM100
100
−40°C to +125°C
10-Lead MSOP
RM-10
DCW
AD5172BRMZ1002
100
−40°C to +125°C
10-Lead MSOP
RM-10
DCV
AD5172BRMZ100-RL72
100
−40°C to +125°C
10-Lead MSOP
RM-10
DCV
AD5173BRM2.5
2.5
−40°C to +125°C
10-Lead MSOP
RM-10
DCM
AD5173BRM2.5-RL7
2.5
−40°C to +125°C
10-Lead MSOP
RM-10
DCM
AD5173BRMZ2.52
2.5
−40°C to +125°C
10-Lead MSOP
RM-10
DCH
AD5173BRMZ2.5-RL72
2.5
−40°C to +125°C
10-Lead MSOP
RM-10
DCH
AD5173BRM10
10
−40°C to +125°C
10-Lead MSOP
RM-10
DCQ
AD5173BRM10-RL7
10
−40°C to +125°C
10-Lead MSOP
RM-10
DCQ
AD5173BRMZ102
10
−40°C to +125°C
10-Lead MSOP
RM-10
DCL
AD5173BRMZ10-RL72
10
−40°C to +125°C
10-Lead MSOP
RM-10
DCL
AD5173BRM50
50
−40°C to +125°C
10-Lead MSOP
RM-10
DCN
AD5173BRM50-RL7
50
−40°C to +125°C
10-Lead MSOP
RM-10
DCN
AD5173BRMZ502
50
−40°C to +125°C
10-Lead MSOP
RM-10
DCJ
AD5173BRMZ50-RL72
50
−40°C to +125°C
10-Lead MSOP
RM-10
DCJ
AD5173BRM100
100
−40°C to +125°C
10-Lead MSOP
RM-10
DCP
AD5173BRM100-RL7
100
−40°C to +125°C
10-Lead MSOP
RM-10
DCP
AD5173BRMZ1002
100
−40°C to +125°C
10-Lead MSOP
RM-10
DCK
1 The part has a YWW or #YWW label and an assembly lot number label on the bottom side of the package. The Y shows the year that the part was made; for example,
Y = 5 means the part was made in 2005. WW shows the work week that the part was made.
2 Z = RoHS Compliant Part.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn