Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM78M05CDTX Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # LM78M05CDTX
Description  Output Current in Excess of 0.5A, No External Components
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM78M05CDTX Datasheet(HTML) 8 Page - Texas Instruments

Back Button LM78M05CDTX Datasheet HTML 4Page - Texas Instruments LM78M05CDTX Datasheet HTML 5Page - Texas Instruments LM78M05CDTX Datasheet HTML 6Page - Texas Instruments LM78M05CDTX Datasheet HTML 7Page - Texas Instruments LM78M05CDTX Datasheet HTML 8Page - Texas Instruments LM78M05CDTX Datasheet HTML 9Page - Texas Instruments LM78M05CDTX Datasheet HTML 10Page - Texas Instruments LM78M05CDTX Datasheet HTML 11Page - Texas Instruments LM78M05CDTX Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 18 page
background image
LM341/LM78MXX
SNVS090E – MAY 2004 – REVISED AUGUST 2005
www.ti.com
APPLICATION INFORMATION
Note that the case temperature is measured at the point where the leads contact with the mounting pad surface
Figure 14. Cross-sectional view of Integrated Circuit Mounted on a printed circuit board.
The LM78MXX/LM341XX regulators have internal thermal shutdown to protect the device from over-heating.
Under all possible operating conditions, the junction temperature of the LM78MXX/LM341XX must be within the
range of 0°C to 125°C. A heatsink may be required depending on the maximum power dissipation and maximum
ambient temperature of the application. To determine if a heatsink is needed, the power dissipated by the
regulator, PD, must be calculated:
IIN = IL + IG
(1)
PD = (VIN−VOUT) IL + VINIG
(2)
Figure 15 shows the voltages and currents which are present in the circuit.
Figure 15. Power Dissipation Diagram
The next parameter which must be calculated is the maximum allowable temperature rise, TR(max):
θJA = TR (max)/PD
(3)
If the maximum allowable value for
θJA°C/w is found to be ≥60°C/W for TO-220 package or ≥92°C/W for PFM
package, no heatsink is needed since the package alone will dissipate enough heat to satisfy these
requirements. If the calculated value for
θJA fall below these limits, a heatsink is required.
As a design aid, Table 1 shows the value of the
θJA of PFM for different heatsink area. The copper patterns that
we used to measure these
θJA are shown at the end of the Application Note Section. Figure 16 reflects the same
test results as what are in the Table 1
Figure 17 shows the maximum allowable power dissipation vs. ambient temperature for the TO-252 device.
Figure 18 shows the maximum allowable power dissipation vs. copper area (in2) for the TO-252 device. Please
see AN-1028 (SNVA036) for power enhancement techniques to be used with TO-252 package.
8
Submit Documentation Feedback
Copyright © 2004–2005, Texas Instruments Incorporated
Product Folder Links: LM341/LM78MXX


Similar Part No. - LM78M05CDTX

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM78M05CDTX TI-LM78M05CDTX Datasheet
1Mb / 18P
[Old version datasheet]   Series 3-Terminal Positive Voltage Regulators
LM78M05CDTX TI1-LM78M05CDTX Datasheet
1Mb / 18P
[Old version datasheet]   3-Terminal Positive Voltage Regulators
LM78M05CDTX TI1-LM78M05CDTX Datasheet
1Mb / 22P
[Old version datasheet]   3-Terminal 500-mA Positive Voltage Regulators
LM78M05CDTX/NOPB TI-LM78M05CDTX/NOPB Datasheet
1Mb / 18P
[Old version datasheet]   Series 3-Terminal Positive Voltage Regulators
LM78M05CDTX/NOPB TI1-LM78M05CDTX/NOPB Datasheet
1Mb / 18P
[Old version datasheet]   3-Terminal Positive Voltage Regulators
More results

Similar Description - LM78M05CDTX

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
KA7915TU ETC2-KA7915TU Datasheet
163Kb / 16P
   Output Current in Excess of 1A
logo
KIA Semiconductor Techn...
7805 KIA-7805 Datasheet
16Kb / 2P
   Output current in excess of 1A
logo
IK Semicon Co., Ltd
IL317L IKSEMICON-IL317L_16 Datasheet
1Mb / 17P
   Output Current in Excess of 100mA
IL317 IKSEMICON-IL317_16 Datasheet
303Kb / 6P
   Output Current in Excess of 1.5 Ampere
logo
Maxim Integrated Produc...
MAX30034EVKIT MAXIM-MAX30034EVKIT Datasheet
908Kb / 9P
   High Peak Current in Excess of 4A
Rev 0; 8/16
logo
Texas Instruments
UA7900 TI1-UA7900 Datasheet
147Kb / 10P
[Old version datasheet]   No External Components
logo
IK Semicon Co., Ltd
ILA7052N IKSEMICON-ILA7052N Datasheet
149Kb / 3P
   No external components
ILA7053N IKSEMICON-ILA7053N Datasheet
330Kb / 6P
   No external components
ILA7056 IKSEMICON-ILA7056 Datasheet
148Kb / 4P
   No external components
logo
Texas Instruments
LM2940T-12.0 TI-LM2940T-12.0 Datasheet
2Mb / 35P
[Old version datasheet]   Dropout Voltage Typically 0.5V @IO = 1A, Output Current in Excess of 1A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com