Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CR1206-FX-3301ELF Datasheet(PDF) 1 Page - Bourns Electronic Solutions

Part # CR1206-FX-3301ELF
Description  Chip Resistors
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

CR1206-FX-3301ELF Datasheet(HTML) 1 Page - Bourns Electronic Solutions

  CR1206-FX-3301ELF Datasheet HTML 1Page - Bourns Electronic Solutions CR1206-FX-3301ELF Datasheet HTML 2Page - Bourns Electronic Solutions CR1206-FX-3301ELF Datasheet HTML 3Page - Bourns Electronic Solutions CR1206-FX-3301ELF Datasheet HTML 4Page - Bourns Electronic Solutions CR1206-FX-3301ELF Datasheet HTML 5Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
*RoHS Directive 2002/95/EC Jan 27 2003 including Annex
Specifications are subject to change without notice.
Customers should verify actual device performance in their specific applications.
CR0603/CR0805/CR1206 - Chip Resistors
Electrical Characteristics
Characteristic Data
Dimensional Drawing
Derating Curve
DIMENSIONS ARE:
MM
(INCHES)
Features
RoHS compliant*
Power rating at 70 °C: CR0603 - 0.10 W,
CR0805 - 0.125 W, CR1206 - 0.25 W
Tight tolerances of bottom electrode
width
Suitable for all types of soldering
processes
Three layer contacting process with
nickel barrier prevents leaching and
provides excellent solderability
Paper tape on reel for automatic
placement
Characteristic
Model
Model
Model
CR0603
CR0805
CR1206
Power Rating @ 70 °C
1/10 W
1/8 W
1/4 W
Operating Temperature Range
-55 °C to +155 °C
Derated to 0 Load at
+155 °C
Maximum Working Voltage
50 V
150 V
200 V
Maximum Overload Voltage
100 V
300 V
400 V
Resistance Range: 1 %, E-96 + E-24
10 ohms - 1 megohm
Resistance Range: 5 %, E-24
1 ohms - 10 megohms
Zero Ohm Jumper <0.01 ohms
Temperature Coefficient
Special value on request
1 %: ±100 ppm/°C
5 %: ±200 ppm/°C
1 ohm - 10 ohms: -200 ppm/°C to +500 ppm/°C
L
H
I
2
I
2
W
I
1
I
1
Overcoat
Resistor (Ru02
)
(Jumper chip is
a conductor)
Alumina Substrate
Internal Electrode (Ag-Pd)
Secondary Electrode (Nickel Plated)
External Electrode
(see Part Numbering - may be
ordered as solder-plated
or tin-plated)
Chip Dimensions
Dimension
Model
Model
Model
CR0603
CR0805
CR1206
L
1.60±0.10
2.00±0.15
3.20±0.25
(0.063±0.004)
(0.079±0.006)
(0.126±0.010)
W
0.80±0.10
1.25±0.15
1.60±0.15
(0.031±0.004)
(0.049±0.006)
(0.063±0.006)
H
0.45±0.10
0.50±0.10
0.60±0.15
(0.018±0.004)
(0.020±0.004)
(0.024±0.006)
I1
0.30±0.20
0.40±0.20
0.50±0.25
(0.012±0.008)
(0.016±0.008)
(0.020±0.010)
I2
0.30±0.20
0.40±0.20
0.50±0.20
(0.012±0.008)
(0.016±0.008)
(0.020±0.010)
3.0
2.0
1.0
0
10
100
1K
10K 100K 1M
Load Life 1000Hr
∆ R/R
(%)
3.0
2.0
1.0
0
10
100
1K
10K 100K 1M
Moisture Load Life 1000Hr
∆ R/R
(%)
Resistance Value (Ω)
Resistance Value (Ω)
1.0
0.5
0
-0.5
10
100
1K
10K 100K 1M
Short Time Overload
∆ R/R
(%)
Resistance Value (Ω)
100
80
60
40
20
0
-55
0
70
155
(°C) Ambient temperature
For Standard Values Used in Capacitors, Inductors, and Resistors, click here.


Similar Part No. - CR1206-FX-3301ELF

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
CR1206-FX-1003ELF BOURNS-CR1206-FX-1003ELF Datasheet
251Kb / 9P
   CR Series - Thick Film Chip Resistors
REV. 03/21
CR1206-FX-1003EPF BOURNS-CR1206-FX-1003EPF Datasheet
223Kb / 7P
   CR-PF Series Ultra-Low Lead Content Thick Film Resistor
REV. 07/20
CR1206-FX-1003GLF BOURNS-CR1206-FX-1003GLF Datasheet
251Kb / 9P
   CR Series - Thick Film Chip Resistors
REV. 03/21
CR1206-FX-1003GPF BOURNS-CR1206-FX-1003GPF Datasheet
223Kb / 7P
   CR-PF Series Ultra-Low Lead Content Thick Film Resistor
REV. 07/20
CR1206-FX-1500ELF BOURNS-CR1206-FX-1500ELF Datasheet
218Kb / 5P
   CR0603/CR0805/CR1206 - Chip Resistors
More results

Similar Description - CR1206-FX-3301ELF

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
CR0603 BOURNS-CR0603 Datasheet
186Kb / 5P
   Chip Resistors
CR2512-LF BOURNS-CR2512-LF Datasheet
287Kb / 2P
   Chip resistors
CR2010 BOURNS-CR2010 Datasheet
196Kb / 2P
   Chip Resistors
CHPREZTR BOURNS-CHPREZTR_14 Datasheet
260Kb / 5P
   Chip Resistors
CRM0805-FX-R100ELF BOURNS-CRM0805-FX-R100ELF Datasheet
300Kb / 3P
   Chip Resistors
CRL0603 BOURNS-CRL0603 Datasheet
124Kb / 1P
   Chip Resistors
CR2010 BOURNS-CR2010_08 Datasheet
230Kb / 2P
   Chip Resistors
CR0805 BOURNS-CR0805 Datasheet
287Kb / 2P
   Chip Resistors
CR0201-LF BOURNS-CR0201-LF Datasheet
294Kb / 2P
   Chip Resistors
CRL2010 BOURNS-CRL2010 Datasheet
124Kb / 1P
   Chip resistors
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com