Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MRF275G Datasheet(PDF) 6 Page - Motorola, Inc

Part No. MRF275G
Description  150 W, 28 V, 500 MHz N.CHANNEL MOS BROADBAND 100 - 500 MHz RF POWER FET
Download  12 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MOTOROLA [Motorola, Inc]
Homepage  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MRF275G Datasheet(HTML) 6 Page - Motorola, Inc

Back Button MRF275G Datasheet HTML 2Page - Motorola, Inc MRF275G Datasheet HTML 3Page - Motorola, Inc MRF275G Datasheet HTML 4Page - Motorola, Inc MRF275G Datasheet HTML 5Page - Motorola, Inc MRF275G Datasheet HTML 6Page - Motorola, Inc MRF275G Datasheet HTML 7Page - Motorola, Inc MRF275G Datasheet HTML 8Page - Motorola, Inc MRF275G Datasheet HTML 9Page - Motorola, Inc MRF275G Datasheet HTML 10Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
MRF275G
6
MOTOROLA RF DEVICE DATA
Figure 11. Series Equivalent Input/Output Impedance
ZOL* = Conjugate of the optimum load impedance
ZOL* = into which the device operates at a given
ZOL* = output power, voltage and frequency.
f = 500 MHz
ZOL*
Zo = 10 Ω
f = 500 MHz
400
225
VDD = 28 V, IDQ = 2 x 100 mA, Pout = 150 W
f
(MHz)
Zin
Ohms
ZOL*
Ohms
225
1.6 – j2.30
3.2 – j1.50
400
1.9 + j0.48
2.3 – j0.19
500
1.9 + j2.60
2.0 + j1.30
400
225
Zin
Note:
Input and output impedance values given are
measured from gate to gate and drain to
drain respectively.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn