Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MRF275G Datasheet(PDF) 5 Page - Motorola, Inc

Part No. MRF275G
Description  150 W, 28 V, 500 MHz N.CHANNEL MOS BROADBAND 100 - 500 MHz RF POWER FET
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MRF275G Datasheet(HTML) 5 Page - Motorola, Inc

  MRF275G Datasheet HTML 1Page - Motorola, Inc MRF275G Datasheet HTML 2Page - Motorola, Inc MRF275G Datasheet HTML 3Page - Motorola, Inc MRF275G Datasheet HTML 4Page - Motorola, Inc MRF275G Datasheet HTML 5Page - Motorola, Inc MRF275G Datasheet HTML 6Page - Motorola, Inc MRF275G Datasheet HTML 7Page - Motorola, Inc MRF275G Datasheet HTML 8Page - Motorola, Inc MRF275G Datasheet HTML 9Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
5
MRF275G
MOTOROLA RF DEVICE DATA
TYPICAL CHARACTERISTICS
Figure 8. Capacitance versus Drain–Source Voltage*
*Data shown applies only to one half of
device, MRF275G
100
VDS, DRAIN–SOURCE VOLTAGE (V)
1
10
Figure 9. Gate–Source Voltage versus
Case Temperature
25
TC, CASE TEMPERATURE (°C)
1.3
515
1.1
–25
175
0
10
75
125
Figure 10. DC Safe Operating Area
100
VDS, DRAIN–SOURCE VOLTAGE (V)
10
1000
0.8
1
0.9
20
1
100
1.2
25
VGS = 0 V
f = 1.0 MHz
200
VDD = 28 V
Coss
0.7
150
1
Ciss
Crss
30
ID = 4 A
3 A
2 A
0.1 A
50
0
100
10
TC = 25°C


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn