Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DTA124EM Datasheet(PDF) 2 Page - Rohm

Part # DTA124EM
Description  Built-In Biasing Resistors, R1 = R2 = 22k??
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

DTA124EM Datasheet(HTML) 2 Page - Rohm

  DTA124EM Datasheet HTML 1Page - Rohm DTA124EM Datasheet HTML 2Page - Rohm DTA124EM Datasheet HTML 3Page - Rohm DTA124EM Datasheet HTML 4Page - Rohm DTA124EM Datasheet HTML 5Page - Rohm DTA124EM Datasheet HTML 6Page - Rohm DTA124EM Datasheet HTML 7Page - Rohm DTA124EM Datasheet HTML 8Page - Rohm DTA124EM Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
www.rohm.com
© 2012 ROHM Co., Ltd. All rights reserved.
Data Sheet
DTA124E series
Absolute maximum ratings (Ta = 25
C)
Supply voltage
Input voltage
Output current
Collector current
Power dissipation
Junction temperature
Range of storage temperature
Electrical characteristics(Ta = 25
C)
*1 Characteristics of built-in transistor
*2 Each terminal mounted on a reference footprint
Parameter
Symbol
Values
Unit
VCC
50
V
VIN
40 to 10
V
IO
30
mA
IC(MAX.)
*1
100
mA
DTA124EM
DTA124EEB
DTA124EE
PD
*2
150
mW
DTA124EUB
DTA124EUA
DTA124EKA
200
mW
Tj
150
C
Tstg
55 to 150
C
Parameter
Symbol
Conditions
Unit
Min.
Typ.
Max.
Input voltage
VI(off)
VCC = 5V, IO = 100μA
--
V
VI(on)
VO = 0.2V, IO = 5mA
3
--
0.5
V
Input current
II
VI = 5V
--
0.36
mA
Output voltage
VO(on)
IO / II = 10mA / 0.5mA
-
0.1
0.3
A
DC current gain
GI
VO = 5V, IO = 5mA
56
---
Output current
IO(off)
VCC = 50V, VI = 0V
--
0.5
k
Resistance ratio
R2/R1
-
0.8
1
1.2
-
Input resistance
R1
-
15.4
22
28.6
MHz
Transition frequency
fT
*1
VCE = 10V, IE = 5mA,
f = 100MHz
-
250
-
2/10
2012.03 - Rev.A


Similar Part No. - DTA124EM

ManufacturerPart #DatasheetDescription
logo
Rohm
DTA124EM ROHM-DTA124EM Datasheet
878Kb / 3P
   DTA/DTC SERIES
DTA124EM ROHM-DTA124EM Datasheet
92Kb / 4P
   Digital transistors (built-in resistors)
DTA124EM ROHM-DTA124EM Datasheet
147Kb / 3P
   -100mA / -50V Digital transistors (with built-in resistors)
DTA124EM ROHM-DTA124EM Datasheet
279Kb / 11P
   PNP -100mA -50V Digital Transistors (Bias Resistor Built-in Transistors)
DTA124EM ROHM-DTA124EM Datasheet
79Kb / 3P
   -100mA / -50V Digital transistors (with built-in resistors)
More results

Similar Description - DTA124EM

ManufacturerPart #DatasheetDescription
logo
Rohm
DTC143EKAT146 ROHM-DTC143EKAT146 Datasheet
532Kb / 12P
   Built-In Biasing Resistors, R1 = R2 = 4.7kW.
UMA2NTR ROHM-UMA2NTR Datasheet
444Kb / 7P
   Built-In Biasing Resistors, R1 = R2 = 47kW.
logo
NTE Electronics
NTE2357 NTE-NTE2357 Datasheet
24Kb / 2P
   Silicon Complementary Transistors Digital w/2 Built-In 22k Bias Resistors
logo
Renesas Technology Corp
BB506C RENESAS-BB506C_11 Datasheet
105Kb / 9P
   Built in Biasing Circuit MOS FET IC
logo
SeCoS Halbleitertechnol...
SMUN52XXDW SECOS-SMUN52XXDW_15 Datasheet
483Kb / 8P
   Built-in Resistors Transistor
SMUN52XXDW SECOS-SMUN52XXDW Datasheet
483Kb / 8P
   Built-in Resistors Transistor
logo
Leshan Radio Company
DTC144EKA LRC-DTC144EKA Datasheet
76Kb / 2P
   Digital transistors(built-in resistors)
logo
Rohm
DTA123EM ROHM-DTA123EM Datasheet
88Kb / 4P
   Digital transistors (built-in resistors)
logo
Leshan Radio Company
LDTC114EET1 LRC-LDTC114EET1 Datasheet
206Kb / 3P
   Digital transistors (built-in resistors)
logo
KOA Speer Electronics, ...
WF5NC8G100K KOA-WF5NC8G100K Datasheet
257Kb / 2P
   thermal fuse built-in resistors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com