Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DTA124EETL Datasheet(PDF) 7 Page - Rohm

Part # DTA124EETL
Description  Built-In Biasing Resistors, R1 = R2 = 22k??
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

DTA124EETL Datasheet(HTML) 7 Page - Rohm

Back Button DTA124EETL Datasheet HTML 3Page - Rohm DTA124EETL Datasheet HTML 4Page - Rohm DTA124EETL Datasheet HTML 5Page - Rohm DTA124EETL Datasheet HTML 6Page - Rohm DTA124EETL Datasheet HTML 7Page - Rohm DTA124EETL Datasheet HTML 8Page - Rohm DTA124EETL Datasheet HTML 9Page - Rohm DTA124EETL Datasheet HTML 10Page - Rohm DTA124EETL Datasheet HTML 11Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
www.rohm.com
© 2012 ROHM Co., Ltd. All rights reserved.
Data Sheet
DTA124E series
Dimensions (Unit : mm)
Dimension in mm/inches
EMT3
Patterm of terminal position areas 
b1
D
e
b
x
S A
A
c
Q
A3
S
b3
e
b2
MIN
MAX
MIN
MAX
A
0.60
0.80
0.024
0.031
A1
0.00
0.10
0
0.004
A3
b
0.15
0.30
0.006
0.012
b1
0.25
0.40
0.01
0.016
c
0.10
0.20
0.004
0.008
D
1.50
1.70
0.059
0.067
E
0.70
0.90
0.028
0.035
e
HE
1.40
1.80
0.055
0.071
L1
0.10
-
0.004
-
Lp
0.15
-
0.006
-
Q
0.05
0.25
0.002
0.01
x
-
0.10
-
0.004
MIN
MAX
MIN
MAX
e1
b2
-
0.40
-
0.016
b3
-
0.50
-
0.02
l1
-
0.70
-
0.028
0.25
0.01
DIM
MILIMETERS
INCHES
1.10
0.04
DIM
MILIMETERS
INCHES
0.50
0.02
7/10
2012.03 - Rev.A


Similar Part No. - DTA124EETL

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
DTA124EET1 ONSEMI-DTA124EET1 Datasheet
211Kb / 12P
   Bias Resistor Transistor
May, 2000 ??Rev. 0
DTA124EET1 ONSEMI-DTA124EET1 Datasheet
142Kb / 12P
   PNP Silicon Surface Mount Transistors with Monolithic Bias Resistor Network
July, 2004 ??Rev. 4
DTA124EET1 ONSEMI-DTA124EET1 Datasheet
108Kb / 13P
   Bias Resistor Transistors
March, 2006 ??Rev. 6
DTA124EET1G ONSEMI-DTA124EET1G Datasheet
108Kb / 13P
   Bias Resistor Transistors
March, 2006 ??Rev. 6
DTA124EET1G ONSEMI-DTA124EET1G Datasheet
146Kb / 12P
   Digital Transistors (BRT) R1 = 22 k, R2 = 22 k
September, 2012 ??Rev. 1
More results

Similar Description - DTA124EETL

ManufacturerPart #DatasheetDescription
logo
Rohm
DTC143EKAT146 ROHM-DTC143EKAT146 Datasheet
532Kb / 12P
   Built-In Biasing Resistors, R1 = R2 = 4.7kW.
UMA2NTR ROHM-UMA2NTR Datasheet
444Kb / 7P
   Built-In Biasing Resistors, R1 = R2 = 47kW.
logo
NTE Electronics
NTE2357 NTE-NTE2357 Datasheet
24Kb / 2P
   Silicon Complementary Transistors Digital w/2 Built-In 22k Bias Resistors
logo
Renesas Technology Corp
BB506C RENESAS-BB506C_11 Datasheet
105Kb / 9P
   Built in Biasing Circuit MOS FET IC
logo
SeCoS Halbleitertechnol...
SMUN52XXDW SECOS-SMUN52XXDW_15 Datasheet
483Kb / 8P
   Built-in Resistors Transistor
SMUN52XXDW SECOS-SMUN52XXDW Datasheet
483Kb / 8P
   Built-in Resistors Transistor
logo
Leshan Radio Company
DTC144EKA LRC-DTC144EKA Datasheet
76Kb / 2P
   Digital transistors(built-in resistors)
logo
Rohm
DTA123EM ROHM-DTA123EM Datasheet
88Kb / 4P
   Digital transistors (built-in resistors)
logo
Leshan Radio Company
LDTC114EET1 LRC-LDTC114EET1 Datasheet
206Kb / 3P
   Digital transistors (built-in resistors)
logo
KOA Speer Electronics, ...
WF5NC8G100K KOA-WF5NC8G100K Datasheet
257Kb / 2P
   thermal fuse built-in resistors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com