Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

TCSCS1D107DAR Datasheet(PDF) 2 Page - Samsung semiconductor

Part No. TCSCS1D107DAR
Description  Miniaturized Tantalum Chip Capacitors
Download  6 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SAMSUNG [Samsung semiconductor]
Homepage  http://www.samsung.com/Products/Semiconductor
Logo 

TCSCS1D107DAR Datasheet(HTML) 2 Page - Samsung semiconductor

   
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
A
A
A
A
B
A
B
A
B
A
B
C
B
C
A
B
C
D
C
D
B
C
D
D
D
4.7
6.8
10
15
15
22
22
33
33
47
47
47
68
68
100
100
100
100
150
150
220
220
220
330
470
0.5
0.5
0.5
0.6
0.6
0.9
0.9
1.3
1.3
1.9
1.9
1.9
2.7
2.7
4.0
4.0
4.0
4.0
6.0
6.0
8.8
8.8
8.8
13.2
18.8
8
8
8
8
8
8
8
8
8
8
8
8
8
8
30
8
8
8
8
8
18
8
8
8
10
8.0
6.0
6.0
4.0
3.5
4.0
3.5
4.0
3.5
2.0
3.5
1.8
1.8
1.6
2.0
0.8
1.6
0.8
1.2
0.8
0.5
0.6
0.9
0.7
0.6
TCSCS0J335*AAR
TCSCS0J475*AAR
TCSCS0J685*AAR
TCSCS0J106*AAR
TCSCS0J106*BAR
TCSCS0J156*AAR
TCSCS0J156*BAR
TCSCS0J226*AAR
TCSCS0J226*BAR
TCSCS0J336*AAR
TCSCS0J336*BAR
TCSCS0J336*CAR
TCSCS0J476*AAR
TCSCS0J476*BAR
TCSCS0J476*CAR
TCSCS0J686*BAR
TCSCS0J686*CAR
TCSCS0J686*DAR
TCSCS0J107MBAR
TCSCS0J107*CAR
TCSCS0J107*DAR
TCSCS0J157*CAR
TCSCS0J157*DAR
TCSCS0J227*CAR
TCSCS0J227*DAR
TCSCS0J337*DAR
TCSCS0J477*DAR
A
A
A
A
B
A
B
A
B
A
B
C
A
B
C
B
C
D
B
C
D
C
D
C
D
D
D
3.3
4.7
6.8
10
10
15
15
22
22
33
33
33
47
47
47
68
68
68
100
100
100
150
150
220
220
330
470
0.5
0.5
0.5
0.6
0.6
0.9
0.9
1.4
1.4
2
2
2
3
3
3
4.3
4.3
4.3
6.3
6.3
6.3
9.5
9.5
13.9
13.9
20.8
29.6
8
8
8
8
8
8
8
8
8
6
8
8
12
8
8
8
8
8
10
8
8
8
8
8
8
8
10
8.0
6.0
6.0
4.0
3.5
4.0
3.5
2.0
3.5
2.0
3.0
1.8
2.0
1.3
1.6
3.5
1.2
0.8
0.8
0.8
0.8
1.3
0.9
0.6
0.7
0.5
0.3
Part Number
4 volt Rating
@+85℃(2.5 volt Rating@+125℃)
2.5 volt Rating
@+85℃(1.6 volt Rating@+125℃)
6.3 volt Rating
@+85℃(4 volt Rating@+125℃)
Case
Size
Capacitance
(
μF)
DC
Leakage
(
μA)@+25℃Max.
DF
(%)
@+25℃
120Hz Max.
ESR
(
Ω)@+25℃
100KHz Max.
TCSCS0G475*AAR
TCSCS0G685*AAR
TCSCS0G106*AAR
TCSCS0G156*AAR
TCSCS0G156*BAR
TCSCS0G226*AAR
TCSCS0G226*BAR
TCSCS0G336*AAR
TCSCS0G336*BAR
TCSCS0G476*AAR
TCSCS0G476*BAR
TCSCS0G476*CAR
TCSCS0G686*BAR
TCSCS0G686*CAR
TCSCS0G107*AAR
TCSCS0G107*BAR
TCSCS0G107*CAR
TCSCS0G107*DAR
TCSCS0G157*CAR
TCSCS0G157*DAR
TCSCS0G227MBAR
TCSCS0G227*CAR
TCSCS0G227*DAR
TCSCS0G337*DAR
TCSCS0G477*DAR
B
220
5.5
18
1.2
TCSCS0E227*BAR
Ratings & Part Number Reference


Html Pages

1  2  3  4  5  6 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn