Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

TCSCS1D107DAR Datasheet(PDF) 4 Page - Samsung semiconductor

Part No. TCSCS1D107DAR
Description  Miniaturized Tantalum Chip Capacitors
Download  6 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SAMSUNG [Samsung semiconductor]
Homepage  http://www.samsung.com/Products/Semiconductor
Logo 

TCSCS1D107DAR Datasheet(HTML) 4 Page - Samsung semiconductor

   
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
All technical data relates to an ambient temperature of +25℃.
Capacitance and DF are measured at 120Hz, 0.5V RMS with a maximum DC bias of 2.0 volts.
DCL is measured at rated voltage after 5 minutes.
*
Insert K for
±10% tolerance and M for ±20%.
TCSCS1D105*AAR
TCSCS1D155*AAR
TCSCS1D225*AAR
TCSCS1D335*AAR
TCSCS1D335*BAR
TCSCS1D475*AAR
TCSCS1D475*BAR
TCSCS1D685*BAR
TCSCS1D106*BAR
TCSCS1D106*CAR
TCSCS1D156*CAR
TCSCS1D226*BAR
TCSCS1D226*CAR
TCSCS1D226*DAR
TCSCS1D336*CAR
TCSCS1D336*DAR
TCSCS1D476*DAR
TCSCS1D686*DAR
TCSCS1D107*DAR
A
A
A
A
B
A
B
B
B
C
C
B
C
D
C
D
D
D
D
1.0
1.5
2.2
3.3
3.3
4.7
4.7
6.8
10
10
15
22
22
22
33
33
47
68
100
0.5
0.5
0.5
0.7
0.7
1.0
1.0
1.4
2.0
2.0
3.0
4.4
4.4
4.4
6.6
6.6
9.4
13.6
20.0
6
8
8
8
8
8
8
8
8
8
8
6
8
8
8
8
8
8
8
10.0
8.0
7.0
4.0
3.5
3.5
3.5
3.5
3.0
1.8
1.7
1.8
1.6
0.8
1.2
0.8
0.7
0.7
0.9
Part Number
20 volt Rating
@+85℃(13 volt Rating@+125℃)
25 volt Rating
@+85℃(16 volt Rating@+125℃)
Case
Size
Capacitance
(
μF)
DC
Leakage
(
μA)@+25℃Max.
DF
(%)
@+25℃
120Hz Max.
ESR
(
Ω)@+25℃
100KHz Max.
TCSCS1E684*AAR
TCSCS1E105*AAR
TCSCS1E155*AAR
TCSCS1E225*AAR
TCSCS1E225*BAR
TCSCS1E335*AAR
TCSCS1E335*BAR
TCSCS1E475*BAR
TCSCS1E685*BAR
TCSCS1E685*CAR
TCSCS1E106*BAR
TCSCS1E106*CAR
TCSCS1E156*CAR
TCSCS1E156*DAR
TCSCS1E226*CAR
TCSCS1E226*DAR
TCSCS1E336*DAR
A
A
A
A
B
A
B
B
B
C
B
C
C
D
C
D
D
0.68
1.0
1.5
2.2
2.2
3.3
3.3
4.7
6.8
6.8
10
10
15
15
22
22
33
0.5
0.5
0.5
0.6
0.6
0.8
0.8
1.2
1.7
1.7
2.5
2.5
3.7
3.7
5.5
5.5
8.2
6
6
8
8
8
6
8
8
8
8
8
8
8
8
8
8
8
10.0
8.0
8.0
6.0
4.5
3.7
3.5
3.0
2.8
1.9
1.8
1.5
1.5
1.0
1.2
0.8
0.7
35 volt Rating
@+85℃(22 volt Rating@+125℃)
TCSCS1V474*AAR
TCSCS1V684*AAR
TCSCS1V105*AAR
TCSCS1V155*AAR
TCSCS1V155*BAR
TCSCS1V225*BAR
TCSCS1V335*BAR
TCSCS1V475*CAR
TCSCS1V685*CAR
TCSCS1V106*CAR
TCSCS1V106*DAR
TCSCS1V156*CAR
TCSCS1V156*DAR
TCSCS1V226*DAR
TCSCS1V336MDAR
A
A
A
A
B
B
B
C
C
C
D
C
D
D
D
0.47
0.68
1.0
1.5
1.5
2.2
3.3
4.7
6.8
10
10
15
15
22
33
0.5
0.5
0.5
0.5
0.5
0.7
1.2
1.6
2.3
3.5
3.5
5.3
5.2
7.7
11.5
6
6
6
8
8
8
8
8
8
8
8
8
8
8
6
12.0
10.0
7.5
7.5
5.0
4.2
3.5
2.5
2.0
1.6
1.0
1.4
0.8
0.9
0.9


Html Pages

1  2  3  4  5  6 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn