Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

843003AGLF Datasheet(PDF) 1 Page - Integrated Device Technology

Part # 843003AGLF
Description  FEMTOCLOCKS??CRYSTAL-TO-3.3V LVPECL FREQUENCY SYNTHESIZER
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

843003AGLF Datasheet(HTML) 1 Page - Integrated Device Technology

  843003AGLF Datasheet HTML 1Page - Integrated Device Technology 843003AGLF Datasheet HTML 2Page - Integrated Device Technology 843003AGLF Datasheet HTML 3Page - Integrated Device Technology 843003AGLF Datasheet HTML 4Page - Integrated Device Technology 843003AGLF Datasheet HTML 5Page - Integrated Device Technology 843003AGLF Datasheet HTML 6Page - Integrated Device Technology 843003AGLF Datasheet HTML 7Page - Integrated Device Technology 843003AGLF Datasheet HTML 8Page - Integrated Device Technology 843003AGLF Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 21 page
background image
FEMTOCLOCKS™ CRYSTAL-TO-3.3V LVPECL
FREQUENCY SYNTHESIZER
ICS843003
IDT™ / ICS™ LVPECL FREQUENCY SYNTHESIZER
1
ICS843003AG REV. A OCTOBER 23, 2008
General Description
The ICS843003 is a 3 differential output LVPECL
Synthesizer designed to generate Ethernet refer-
ence clock frequencies and is a member of the
HiPerClocks™family of high performance clock
solutions from IDT. Using a 31.25MHz or
26.041666MHz, 18pF parallel resonant crystal, the following
frequencies can be generated based on the settings of 4 fre-
quency select pins (DIV_SEL[A1:A0], DIV_SEL[B1:B0]): 625MHz,
312.5MHz, 156.25MHz, and 125MHz. The 843003 has 2 output
banks, Bank A with 1 differential LVPECL output pair and Bank B
with 2 differential LVPECL output pairs.
The two banks have their own dedicated frequency select pins and
can be independently set for the frequencies mentioned above.
The ICS843003 uses IDT’s 3rd generation low phase noise VCO
technology and can achieve 1ps or lower typical rms phase jitter,
easily meeting Ethernet jitter requirements. The ICS843003 is
packaged in a small 24-pin TSSOP package.
Features
Three 3.3V LVPECL outputs on two banks, A Bank with one
LVPECL pair and B Bank with 2 LVPECL output pairs
Using a 31.25MHz or 26.041666 crystal, the two output banks
can be independently set for 625MHz, 312.5MHz, 156.25MHz
or 125MHz
Selectable crystal oscillator interface
or LVCMOS/LVTTL single-ended input
VCO range: 560MHz – 700MHz
RMS phase jitter @ 156.25MHz (1.875MHz - 20MHz):
0.51ps (typical)
Offset
Noise Power
100Hz ................ -96.8 dBc/Hz
1kHz .................. -119.1 dBc/Hz
10kHz ................ -126.4 dBc/Hz
100kHz .............. -127.0 dBc/Hz
Full 3.3V supply mode
0°C to 70°C ambient operating temperature
Industrial temperature available upon request
Available in both standard (RoHS 5) and lead-free (RoHS 6)
packages
HiPerClockS™
ICS
Pin Assignment
ICS843003
24-Lead TSSOP
4.4mm x 7.8mm x 0.925mm
package body
G Package
1
2
3
4
5
6
7
8
9
10
11
12
24
23
22
21
20
19
18
17
16
15
14
13
DIV_SELB0
VCO_SEL
MR
VCCO_A
QA0
nQA0
OEB
OEA
FB_DIV
VCCA
VCC
DIV_SELA0
DIV_SELB1
VCCO_B
nQB0
QB0
nQB1
QB1
XTAL_SEL
TEST_CLK
XTAL_IN
XTAL_OUT
VEE
DIV_SELA1
Block Diagram
0
1
0
1
Phase
Detector
VCO
625MHz
0 = ÷20 (default)
1 = ÷24
0 0
÷1
0 1
÷2 (default)
1 0
÷4
1 1
÷5
0 0
÷1
0 1
÷2
1 0
÷4 (default)
1 1
÷5
FB_DIV
OSC
QA0
nQA0
QB0
nQB0
QB1
nQB1
2
2
Pullup
Pulldown
Pulldown:Pullup
Pullup
Pulldown
Pulldown
Pullup
Pullup:Pulldown
Pullup
OEA
DIV_SELA[1:0]
VCO_SEL
TEST_CLK
MR
OEB
DIV_SELB[1:0]
FB_DIV
XTAL_OUT
XTAL_SEL
XTAL_IN


Similar Part No. - 843003AGLF

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
843003 IDT-843003 Datasheet
378Kb / 21P
   FemtoClocks Crystal-to-3.3V LVPECL Frequency Synthesizer
logo
Renesas Technology Corp
843003 RENESAS-843003 Datasheet
571Kb / 22P
   FemtoClocks™ Crystal-to-3.3V LVPECL Frequency Synthesizer
4/7/15
logo
Integrated Device Techn...
843003I-01 IDT-843003I-01 Datasheet
233Kb / 17P
   FemtoClock Crystal-to-3.3V LVPECL Frequency Synthesizer
logo
Renesas Technology Corp
843003I-01 RENESAS-843003I-01 Datasheet
431Kb / 18P
   FemtoClock® Crystal-to-3.3V LVPECL Frequency Synthesizer
DECEMBER 8, 2014
logo
Filtran LTD
843003JT15N FILTRAN-843003JT15N Datasheet
152Kb / 4P
   MULTILAYER Ceramic Chip Inductor
More results

Similar Description - 843003AGLF

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS843003 ICST-ICS843003 Datasheet
295Kb / 17P
   FEMTOCLOCKS CRYSTAL-TO-3.3V LVPECL FREQUENCY SYNTHESIZER
logo
Integrated Device Techn...
ICS843003I-09 IDT-ICS843003I-09 Datasheet
702Kb / 17P
   FEMTOCLOCKS??CRYSTAL-TO-3.3V LVPECL FREQUENCY SYNTHESIZER
logo
Integrated Circuit Syst...
ICS843252 ICST-ICS843252 Datasheet
196Kb / 15P
   FEMTOCLOCKS??CRYSTAL-TO-3.3V LVPECL FREQUENCY SYNTHESIZER
logo
Integrated Device Techn...
843256I IDT-843256I Datasheet
272Kb / 17P
   FemtoClocks Crystal-to-3.3V LVPECL Frequency Synthesizer
logo
Integrated Circuit Syst...
ICS843001-21 ICST-ICS843001-21 Datasheet
191Kb / 15P
   FEMTOCLOCKS??CRYSTAL-TO-3.3V LVPECL FREQUENCY SYNTHESIZER
logo
Integrated Device Techn...
843003 IDT-843003 Datasheet
378Kb / 21P
   FemtoClocks Crystal-to-3.3V LVPECL Frequency Synthesizer
ICS843242 IDT-ICS843242 Datasheet
287Kb / 16P
   FEMTOCLOCKS??CRYSTAL-TO-3.3V LVPECL FREQUENCY SYNTHESIZER
logo
Integrated Circuit Syst...
ICS843204I ICST-ICS843204I Datasheet
109Kb / 12P
   FEMTOCLOCKS??CRYSTAL-TO-3.3V LVPECL FREQUENCY SYNTHESIZER
ICS843002-01 ICST-ICS843002-01 Datasheet
238Kb / 16P
   FEMTOCLOCKS??CRYSTAL-TO-3.3V LVPECL FREQUENCY SYNTHESIZER
ICS843002 ICST-ICS843002 Datasheet
309Kb / 16P
   FEMTOCLOCKS??CRYSTAL-TO-3.3V LVPECL FREQUENCY SYNTHESIZER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com