Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

TCSCS1D226BAR Datasheet(PDF) 3 Page - Samsung semiconductor

Part No. TCSCS1D226BAR
Description  Miniaturized Tantalum Chip Capacitors
Download  6 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SAMSUNG [Samsung semiconductor]
Homepage  http://www.samsung.com/Products/Semiconductor
Logo 

TCSCS1D226BAR Datasheet(HTML) 3 Page - Samsung semiconductor

   
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
18
19
Precautions in using
Tantalum Capacitors
4 Characteristics
Explanation
SCN Series
SCS Series
SCS-P Series
SCM Series
SCF Series
SCE Series
Taping
Specification
Marking
Specification
SCL Series
PCS Series
PCL Series
Part Number
10 volt Rating
@+85℃(6.3 volt Rating@+125℃)
Case
Size
Capacitance
(
μF)
DC
Leakage
(
μA)@+25℃Max.
DF
(%)
@+25℃
120Hz Max.
ESR
(
Ω)@+25℃
100KHz Max.
TCSCS1A225*AAR
TCSCS1A335*AAR
TCSCS1A475*AAR
TCSCS1A685*AAR
TCSCS1A685*BAR
TCSCS1A106*AAR
TCSCS1A106*BAR
TCSCS1A156*AAR
TCSCS1A156*BAR
TCSCS1A226*AAR
TCSCS1A226*BAR
TCSCS1A226*CAR
TCSCS1A336*AAR
TCSCS1A336*BAR
TCSCS1A336*CAR
TCSCS1A476MAAR
TCSCS1A476*BAR
TCSCS1A476*CAR
TCSCS1A476*DAR
TCSCS1A686*CAR
TCSCS1A686*DAR
TCSCS1A107*CAR
TCSCS1A107*DAR
TCSCS1A157*DAR
TCSCS1A227*DAR
A
A
A
A
B
A
B
A
B
A
B
C
A
B
C
A
B
C
D
C
D
C
D
D
D
2.2
3.3
4.7
6.8
6.8
10
10
15
15
22
22
22
33
33
33
47
47
47
47
68
68
100
100
150
220
0.5
0.5
0.5
0.7
0.7
1
1
1.5
1.5
2.2
2.2
2.2
3.3
3.3
3.3
9.4
4.7
4.7
4.7
6.8
6.8
10
10
15
22
8
8
8
8
8
8
8
8
8
8
8
8
12
8
8
20
8
8
8
8
8
8
8
8
8
8.0
6.0
6.0
6.0
3.5
2.0
3.5
4.0
3.5
2.0
3.0
1.8
2.0
1.8
1.6
3.0
1.6
1.2
0.8
0.9
0.8
1.2
0.7
0.8
0.4
A
A
A
A
B
A
B
A
B
B
C
B
C
B
C
D
C
D
C
D
D
D
1.5
2.2
3.3
4.7
4.7
6.8
6.8
10
10
15
15
22
22
33
33
33
47
47
68
68
100
150
0.5
0.5
0.5
0.7
0.7
1.0
1.0
1.6
1.6
2.4
2.4
3.5
3.5
5.3
5.3
5.3
7.5
7.5
10.9
10.9
16
24
8
8
8
8
8
8
8
8
8
8
8
8
8
8
8
8
8
8
8
8
8
8
8.0
6.0
6.0
4.0
3.5
3.5
3.5
3.0
3.5
3.0
1.8
2.3
1.6
1.4
1.5
0.8
1.4
0.8
1.4
0.8
0.7
0.4
16 volt Rating
@+85℃(10 volt Rating@+125℃)
TCSCS1C155*AAR
TCSCS1C225*AAR
TCSCS1C335*AAR
TCSCS1C475*AAR
TCSCS1C475*BAR
TCSCS1C685*AAR
TCSCS1C685*BAR
TCSCS1C106*AAR
TCSCS1C106*BAR
TCSCS1C156*BAR
TCSCS1C156*CAR
TCSCS1C226*BAR
TCSCS1C226*CAR
TCSCS1C336*BAR
TCSCS1C336*CAR
TCSCS1C336*DAR
TCSCS1C476*CAR
TCSCS1C476*DAR
TCSCS1C686*CAR
TCSCS1C686*DAR
TCSCS1C107*DAR
TCSCS1C157*DAR


Html Pages

1  2  3  4  5  6 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn