Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

TCSCS1D226BAR Datasheet(PDF) 1 Page - Samsung semiconductor

Part No. TCSCS1D226BAR
Description  Miniaturized Tantalum Chip Capacitors
Download  6 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SAMSUNG [Samsung semiconductor]
Homepage  http://www.samsung.com/Products/Semiconductor
Logo 

TCSCS1D226BAR Datasheet(HTML) 1 Page - Samsung semiconductor

   
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
16
17
Capacitance
Dissipation Factor (Tan
δ)
Rated Voltage(VR)
Category Voltage(V)
Range
Tolerance
T
≤85℃
85
℃〈 T≤125℃
Surge Voltage(V)
Operating Temperature
T
≤85℃
85
℃〈 T≤125℃
Leakage Current
Refer to Specification
-55
℃ to 125℃
6.3
4.0
8.0
5.0
2.5
1.6
3.1
2
Refer to Specification
0.47
㎌ to 680㎌
±20%(M), ±10%(K)
10.0
6.3
13.0
8.0
16.0
10.0
20.0
13.0
20.0
13.0
25.0
16.0
25.0
16.0
32.0
20.0
35.0
22.0
44.0
28.0
( ): Under Development
0.15
0.22
0.33
0.47
0.68
1.0
1.5
2.2
3.3
4.7
6.8
10
15
22
33
47
68
100
150
220
330
470
680
154
224
334
474
684
105
155
225
335
475
685
106
156
226
336
476
686
107
157
227
337
477
687
4V(0G)
A
A
A
A, B
A, B
A, B
A, B, C
B, C
A, B,C, D
C, D
B, C, D
D
D
2.5V(0E)
B
6.3V(0J)
A
A
A
A, B
A, B
A, B
A, B, C
A, B, C
B, C, D
B, C, D
C, D
C, D
D
D
Cap.(
㎌)
R. V
10V(1A)
A
A
A
A, B
A, B
A, B
A, B, C
A, B, C
A, B, C, D
C, D
(B), C, D
D
D
16V(1C)
A
A
A
A, B
A, B
A, B
B, C
B, C
B, C, D
C, D
C, D
D
D
20V(1D)
A
A
A
A, B
A, B
B
B, C
C
B, C, D
C, D
D
D
D
25V(1E)
A
A
A
A, B
A, B
B
B, C
B, C
C, D
C, D
D
35V(1V)
A
A
A
A, B
B
B
C
C
C, D
C, D
D
D
Miniaturized tantalum chip capacitors with extened capacitance.
(Reduced size 1/2 to 1/3 in comparison with SCN.)
·Molded case available in four case codes.
·New low profile size.
·Compatible with automatic pick and place equipment.
·Meets or exceeds EIA standard 535BAAC.
·Environment-Friendly(Pb-free) tantalum capacitor.
Feature
Specifications
Standard Value and Case Size
SCS
(Miniaturized Tantalum
Chip Capacitors)
Precautions in using
Tantalum Capacitors
4 Characteristics
Explanation
SCN Series
SCS Series
SCS-P Series
SCM Series
SCF Series
SCE Series
Taping
Specification
Marking
Specification
SCL Series
PCS Series
PCL Series


Html Pages

1  2  3  4  5  6 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn