Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DF11EP-TA2428HC Datasheet(PDF) 10 Page - Hirose Electric

Part # DF11EP-TA2428HC
Description  2mm Double-Row Connector (Product Compliant to UL/CSA Standard)
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

DF11EP-TA2428HC Datasheet(HTML) 10 Page - Hirose Electric

Back Button DF11EP-TA2428HC Datasheet HTML 6Page - Hirose Electric DF11EP-TA2428HC Datasheet HTML 7Page - Hirose Electric DF11EP-TA2428HC Datasheet HTML 8Page - Hirose Electric DF11EP-TA2428HC Datasheet HTML 9Page - Hirose Electric DF11EP-TA2428HC Datasheet HTML 10Page - Hirose Electric DF11EP-TA2428HC Datasheet HTML 11Page - Hirose Electric DF11EP-TA2428HC Datasheet HTML 12Page - Hirose Electric DF11EP-TA2428HC Datasheet HTML 13Page - Hirose Electric DF11EP-TA2428HC Datasheet HTML 14Page - Hirose Electric  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
112
DF11 Seriesq2mm Double-Row Connector (Product Compliant to UL/CSA Standard)
sIn-line Adaptor
sIn-line Adaptor Panel Cutouts
Note1: Please use the non-radius surface in the panel hooking area.
Note2: Applicable panel thickness is 1.6 to 1.0mm (A slight backlash will occur in the thickness other than 1.6 and 1.2mm.)
Part Number
CL No.
Unit: mm
DF11- 4DEP-2A
DF11- 6DEP-2A
DF11- 8DEP-2A
DF11-10DEP-2A
DF11-12DEP-2A
DF11-14DEP-2A
DF11-16DEP-2A
DF11-18DEP-2A
DF11-20DEP-2A
DF11-22DEP-2A
DF11-24DEP-2A
DF11-26DEP-2A
DF11-28DEP-2A
DF11-30DEP-2A
DF11-32DEP-2A
543-0698-1
543-0699-4
543-0700-1
543-0701-4
543-0702-7
543-0703-0
543-0704-2
543-0705-5
543-0706-8
543-0707-0
543-0708-3
543-0709-6
543-0710-5
543-0711-8
543-0712-0
4
6
8
10
12
14
16
18
20
22
24
26
28
30
32
11.0
13.0
15.0
17.0
19.0
21.0
23.0
25.0
27.0
29.0
31.0
33.0
35.0
37.0
39.0
9.2
11.2
13.2
15.2
17.2
19.2
21.2
23.2
25.2
27.2
29.2
31.2
33.2
35.2
37.2
Number of Contacts
A
B
6.0
8.0
10.0
12.0
14.0
16.0
18.0
20.0
22.0
24.0
26.0
28.0
30.0
32.0
34.0
C
2.0
4.0
6.0
8.0
10.0
12.0
14.0
16.0
18.0
20.0
22.0
24.0
26.0
28.0
30.0
D
9.4
11.4
13.4
15.4
17.4
19.4
21.4
23.4
25.4
27.4
29.4
31.4
33.4
35.4
37.4
E
6.3
8.3
10.3
12.3
14.3
16.3
18.3
20.3
22.3
24.3
26.3
28.3
30.3
32.3
34.3
F
Note1: Delivered per bag unit (100 pcs.). Please order products per bag unit.
The product information in this catalog is for reference only. Please request the Engineering Drawing for the most current and accurate design information.


Similar Part No. - DF11EP-TA2428HC

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
DF11 ETC2-DF11 Datasheet
403Kb / 7P
   REGELBARE HF-UND ZF-PENTODE
logo
Schurter Inc.
DF11 SCHURTER-DF11 Datasheet
536Kb / 6P
   IEC Appliance Inlet C14 or C18 with recessed Circuit Breaker TA45
DF11 SCHURTER-DF11 Datasheet
1Mb / 5P
   IEC Appliance Inlet C14 with recessed Circuit Breaker TA45
DF11 SCHURTER-DF11 Datasheet
634Kb / 7P
   IEC Appliance Inlet C14 or C18 with recessed Circuit Breaker TA45
DF11 SCHURTER-DF11 Datasheet
383Kb / 2P
   US Power Supply Cord with IEC Connector C13, V-Lock, straight
More results

Similar Description - DF11EP-TA2428HC

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
DF11-2428SCFA ETC2-DF11-2428SCFA Datasheet
535Kb / 14P
   2mm Double-Row Connector (Product Compliant to UL/CSA Standard)
logo
Hirose Electric
DF11-4DS-2R26 HIROSE-DF11-4DS-2R26 Datasheet
444Kb / 12P
   2mm Double-Row Connector (Product Compliant to UL/CSA Standard)
DF11 HIROSE-DF11 Datasheet
551Kb / 14P
   2mm Double-Row Connector (Product Compliant to UL/CSA Standard)
DF11-4DS-2R26 HIROSE-DF11-4DS-2R26_1 Datasheet
450Kb / 14P
   2mm Double-Row Connector (Product Compliant to UL/CSA Standard)
DF11-8DP-2DS52 HIROSE-DF11-8DP-2DS52 Datasheet
535Kb / 14P
   2mm Double-Row Connector (Product Compliant to UL/CSA Standard)
DF11-16DP-2DSA01 HIROSE-DF11-16DP-2DSA01 Datasheet
547Kb / 14P
   2mm Double-Row Connector (Product Compliant to UL/CSA Standard)
MDF6-4DS-3.5C HIROSE-MDF6-4DS-3.5C Datasheet
201Kb / 5P
   3.5mm Pitch Miniature Double Row Connector for Secondary Power (Product Compliant to UL/CSA Standard)
MDF6 HIROSE-MDF6 Datasheet
178Kb / 5P
   3.5mm Pitch Miniature Double Row Connector for Secondary Power (Product Compliant to UL/CSA Standard)
DF2-2P-2.5C HIROSE-DF2-2P-2.5C Datasheet
140Kb / 4P
   2.5mm Pitch Connector Directly Mounted on Board (Product Compliant to UL/CSA Standard)
DF3-2S-2R26 HIROSE-DF3-2S-2R26_1 Datasheet
345Kb / 13P
   2mm Pitch Connector for Discrete Wire Connection(Product approved by UL CSA Standard)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com