Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

TCSCS1D685BAR Datasheet(PDF) 6 Page - Samsung semiconductor

Part No. TCSCS1D685BAR
Description  Miniaturized Tantalum Chip Capacitors
Download  6 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SAMSUNG [Samsung semiconductor]
Homepage  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

TCSCS1D685BAR Datasheet(HTML) 6 Page - Samsung semiconductor

  TCSCS1D685BAR Datasheet HTML 1Page - Samsung semiconductor TCSCS1D685BAR Datasheet HTML 2Page - Samsung semiconductor TCSCS1D685BAR Datasheet HTML 3Page - Samsung semiconductor TCSCS1D685BAR Datasheet HTML 4Page - Samsung semiconductor TCSCS1D685BAR Datasheet HTML 5Page - Samsung semiconductor TCSCS1D685BAR Datasheet HTML 6Page - Samsung semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
All technical data relates to an ambient temperature of +25℃.
Capacitance and DF are measured at 120Hz, 0.5V RMS with a maximum DC bias of 2.0 volts.
DCL is measured at rated voltage after 5 minutes.
*
Insert K for
±10% tolerance and M for ±20%.
P
P
P
P
P
P
P
P
P
P
0.22
0.47
0.68
1
2.2
3.3
4.7
6.8
10
22
0.5
0.5
0.5
0.5
0.5
0.5
0.5
0.5
0.5
0.9
4
4
4
6
6
6
8
6
8
8
25
25
20
20
15
8
9
8
6
3
TCSCS0J224*PAR
TCSCS0J474*PAR
TCSCS0J684*PAR
TCSCS0J105*PAR
TCSCS0J225*PAR
TCSCS0J335*PAR
TCSCS0J475*PAR
TCSCS0J685*PAR
TCSCS0J106*PAR
TCSCS0J226MPAR
TCSCS0J336MPAR
P
P
P
P
P
P
P
P
P
P
P
0.22
0.47
0.68
1
2.2
3.3
4.7
6.8
10
22
33
0.5
0.5
0.5
0.5
0.5
0.5
0.5
0.5
0.6
1.4
2.1
4
4
4
6
6
6
8
6
8
8
18
25
25
20
20
15
8
9
8
5
4
2
Part Number
4 volt Rating
@+85℃(2.5 volt Rating@+125℃)
6.3 volt Rating
@+85℃(4 volt Rating@+125℃)
10 volt Rating
@+85℃(6.3 volt Rating@+125℃)
Case
Size
Capacitance
(
μF)
DC
Leakage
(
μA)@+25℃Max.
DF
(%)
@+25℃
120Hz Max.
ESR
(
Ω)@+25℃
100KHz Max.
TCSCS1A224*PAR
TCSCS1A474*PAR
TCSCS1A684*PAR
TCSCS1A105*PAR
TCSCS1A225*PAR
TCSCS1A335*PAR
TCSCS1A475*PAR
TCSCS1A106*PAR
P
P
P
P
P
P
P
P
0.22
0.47
0.68
1
2.2
3.3
4.7
10
0.5
0.5
0.5
0.5
0.5
0.5
0.5
1.0
4
4
4
6
6
6
8
8
25
25
20
20
15
8
4
6
16 volt Rating
@+85℃(10 volt Rating@+125℃)
20 volt Rating
@+85℃(13 volt Rating@+125℃)
TCSCS1C224*PAR
TCSCS1C474*PAR
TCSCS1C684*PAR
TCSCS1C105*PAR
TCSCS1C225*PAR
P
P
P
P
P
0.22
0.47
0.68
1.0
2.2
0.5
0.5
0.5
0.5
0.5
6
6
6
6
6
25
25
20
20
6.5
TCSCS1D474*PAR
TCSCS1D684*PAR
P
P
0.47
0.68
0.5
0.5
4
4
25
20
TCSCS0G224*PAR
TCSCS0G474*PAR
TCSCS0G684*PAR
TCSCS0G105*PAR
TCSCS0G225*PAR
TCSCS0G335*PAR
TCSCS0G475*PAR
TCSCS0G685*PAR
TCSCS0G106*PAR
TCSCS0G226*PAR
Ratings & Part Number Reference


Html Pages

1  2  3  4  5  6 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn