Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

TCSCS1D685BAR Datasheet(PDF) 5 Page - Samsung semiconductor

Part No. TCSCS1D685BAR
Description  Miniaturized Tantalum Chip Capacitors
Download  6 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SAMSUNG [Samsung semiconductor]
Homepage  http://www.samsung.com/Products/Semiconductor
Logo 

TCSCS1D685BAR Datasheet(HTML) 5 Page - Samsung semiconductor

   
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
20
21
0.22
0.33
0.47
0.68
1.0
1.5
2.2
3.3
4.7
6.8
10
15
22
33
47
100
224
334
474
684
105
155
225
335
475
685
106
156
226
336
476
107
P
P
P
P
P
P
P
P
P
P
(P)
4V(0G)
P
P
P
P
P
P
P
P
P
P
P
(P)
(P)
6.3V(0J)
Cap.(
㎌)
R . V
P
P
P
P
P
P
P
P
(P)
(P)
10V(1A)
P
P
P
P
P
16V(1C)
( ): Under Development
P
P
20V(1D)
Reduced to about 1/3 the cubic volume of the SCN.
·
New low profile case size.
(0805 size tantalum chip capacitors)
·
Compatible with automatic pick and place equipment.
·
Meets or exceeds EIA standard 535BAAC.
Feature
Specifications
Standard value and case size
Capacitance
Dissipation Factor (Tan
δ)
Rated Voltage(VR)
Category Voltage(V)
Range
Tolerance
T
≤85℃
85
℃〈 T≤125℃
Surge Voltage(V)
Operating Temperature
T
≤85℃
85
℃〈 T≤125℃
Leakage Current
between 0.01CV and 0.5
㎂, whichever is larger
-55
℃ to 125℃
6.3
4.0
8.0
5.0
4.0
2.5
5.2
3.2
Refer to Specification
0.22
㎌ to 22㎌
±20%(M), ±10%(K)
10.0
6.3
13.0
8.0
16.0
10.0
20.0
13.0
20.0
13.0
25.0
16.0
25.0
16.0
32.0
20.0
35.0
22.0
44.0
28.0
SCS - P CASE
(2012 Size Tantalum
Chip Capacitors)
Precautions in using
Tantalum Capacitors
4 Characteristics
Explanation
SCN Series
SCS Series
SCS-P Series
SCM Series
SCF Series
SCE Series
Taping
Specification
Marking
Specification
SCL Series
PCS Series
PCL Series


Html Pages

1  2  3  4  5  6 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn