Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DF12B-60DS-0.5V Datasheet(PDF) 9 Page - Hirose Electric

Part # DF12B-60DS-0.5V
Description  0.5mm Pitch SMT Board to Board Connector
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

DF12B-60DS-0.5V Datasheet(HTML) 9 Page - Hirose Electric

Back Button DF12B-60DS-0.5V Datasheet HTML 4Page - Hirose Electric DF12B-60DS-0.5V Datasheet HTML 5Page - Hirose Electric DF12B-60DS-0.5V Datasheet HTML 6Page - Hirose Electric DF12B-60DS-0.5V Datasheet HTML 7Page - Hirose Electric DF12B-60DS-0.5V Datasheet HTML 8Page - Hirose Electric DF12B-60DS-0.5V Datasheet HTML 9Page - Hirose Electric DF12B-60DS-0.5V Datasheet HTML 10Page - Hirose Electric DF12B-60DS-0.5V Datasheet HTML 11Page - Hirose Electric DF12B-60DS-0.5V Datasheet HTML 12Page - Hirose Electric  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
A201
DF12 Seriesq0.5mm Pitch SMT Board to Board Connector
BEmbossed Carrier tape Dimensions
qReceptacle
qHeader
Connector
AB
C
D
E
F
G
DF12# (3.0) -10DS-0.5V
16
7.5
12
2.6
0.30
17.5 21.5
DF12# (3.0) -14DS-0.5V
16
7.5
12
2.6
0.38
17.5 21.5
DF12# (3.0) -20DS-0.5V
16
7.5
12
2.6
0.38
17.5 21.5
DF12# (3.0) -30DS-0.5V
24
11.5
12
2.6
0.38
25.5 29.5
DF12# (3.0) -32DS-0.5V
24
11.5
12
2.6
0.38
25.5 29.5
DF12# (3.0) -36DS-0.5V
24
11.5
12
2.6
0.38
25.5 29.5
DF12# (3.0) -40DS-0.5V
24
11.5
12
2.6
0.38
25.5 29.5
DF12# (3.0) -50DS-0.5V
24
11.5
12
2.6
0.38
25.5 29.5
DF12# (3.0) -60DS-0.5V
32
14.2
12
2.6
0.38
33.5 37.5
DF12# (3.0) -80DS-0.5V
44
20.2
12
2.6
0.38
45.5 49.5
DF12# (3.0) -10DP-0.5V
16
7.5
12
2.6
0.30
17.5 21.5
DF12# (3.0) -14DP-0.5V
16
7.5
12
2.6
0.38
17.5 21.5
DF12# (3.0) -20DP-0.5V
16
7.5
12
2.6
0.38
17.5 21.5
DF12# (3.0) -30DP-0.5V
24
11.5
12
2.6
0.38
25.5 29.5
DF12# (3.0) -32DP-0.5V
24
11.5
12
2.6
0.38
25.5 29.5
DF12# (3.0) -36DP-0.5V
24
11.5
12
2.6
0.38
25.5 29.5
DF12# (3.0) -40DP-0.5V
24
11.5
12
2.6
0.38
25.5 29.5
DF12# (3.0) -50DP-0.5V
24
11.5
12
2.6
0.38
25.5 29.5
DF12# (3.0) -60DP-0.5V
32
14.2
12
2.6
0.38
33.5 37.5
DF12# (3.0) -80DP-0.5V
44
20.2
12
2.6
0.38
45.5 49.5
DF12#-20DS-0.5V
16
7.5
12
3.1
0.38
17.5 21.5
DF12#-30DS-0.5V
24
11.5
12
3.1
0.38
25.5 29.5
DF12#-32DS-0.5V
24
11.5
12
3.1
0.30
25.5 29.5
DF12#-36DS-0.5V
24
11.5
8
3.1
0.30
25.5 29.5
DF12#-40DS-0.5V
24
11.5
12
3.1
0.38
25.5 29.5
DF12#-50DS-0.5V
24
11.5
8
3.1
0.30
25.5 29.5
DF12#-60DS-0.5V
32
14.2
12
3.1
0.38
33.5 37.5
Connector
A
B
C
D
E
F
G
DF12# (3.5) -20DP-0.5V
16
7.5
12
3.1
0.38 17.5
21.5
DF12# (3.5) -30DP-0.5V
24
11.5
12
3.1
0.38 25.5
29.5
DF12# (3.5) -36DP-0.5V
24
11.5
8
3.1
0.30 25.5
29.5
DF12# (3.5) -40DP-0.5V
24
11.5
12
3.1
0.38 25.5
29.5
DF12# (3.5) -50DP-0.5V
24
11.5
8
3.1
0.30 25.5
29.5
DF12# (3.5) -60DP-0.5V
32
14.2
12
3.1
0.38 33.5
37.5
DF12# (3.5) -20DP-0.5V
16
7.5
12
3.6
0.38 17.5
21.5
DF12# (4.0) -30DP-0.5V
24
11.5
12
3.6
0.38 25.5
29.5
DF12# (4.0) -32DP-0.5V
24
11.5
12
3.6
0.30 25.5
29.5
DF12# (4.0) -36DP-0.5V
24
11.5
8
3.6
0.30 25.5
29.5
DF12# (4.0) -40DP-0.5V
24
11.5
12
3.6
0.38 25.5
29.5
DF12# (4.0) -50DP-0.5V
24
11.5
8
3.6
0.30 25.5
29.5
DF12# (4.0) -60DP-0.5V
32
14.2
12
3.6
0.38 33.5
37.5
DF12# (5.0) -20DP-0.5V
16
7.5
12
4.6
0.38 17.5
21.5
DF12# (5.0) -30DP-0.5V
24
11.5
12
4.6
0.38 25.5
29.5
DF12# (5.0) -36DP-0.5V
24
11.5
12
4.6
0.38 25.5
29.5
DF12# (5.0) -40DP-0.5V
24
11.5
12
4.6
0.38 25.5
29.5
DF12# (5.0) -50DP-0.5V
24
11.5
8
4.6
0.30 25.5
29.5
DF12# (5.0) -60DP-0.5V
32
14.2
12
4.6
0.38 33.5
37.5
The product information in this catalog is for reference only. Please request the Engineering Drawing for the most current and accurate design information.
All non-RoHS products have been discontinued, or will be discontinued soon. Please check the products status on the Hirose website RoHS search at www.hirose-connectors.com, or contact your Hirose sales representative.


Similar Part No. - DF12B-60DS-0.5V

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
DF12B-60DS-0.5V HIROSE-DF12B-60DS-0.5V Datasheet
255Kb / 6P
   0.5mm Pitch SMT Board to Board Connector
DF12B-60DS-0.5V HIROSE-DF12B-60DS-0.5V Datasheet
227Kb / 11P
   0.5mm Pitch SMT Board to Board Connector
More results

Similar Description - DF12B-60DS-0.5V

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
DF12A-20DS-0.5V HIROSE-DF12A-20DS-0.5V Datasheet
255Kb / 6P
   0.5mm Pitch SMT Board to Board Connector
DF12A3.0-30DS-0.5V81 HIROSE-DF12A3.0-30DS-0.5V81 Datasheet
227Kb / 11P
   0.5mm Pitch SMT Board to Board Connector
logo
List of Unclassifed Man...
DF12-30DS-0-5V ETC-DF12-30DS-0-5V Datasheet
227Kb / 11P
   0.5mm Pitch SMT Board to Board Connector
logo
Hirose Electric
DF12E3.0-20DP-0.5V81 HIROSE-DF12E3.0-20DP-0.5V81 Datasheet
227Kb / 11P
   0.5mm Pitch SMT Board to Board Connector
DF123.0-50DP-0.5V86 HIROSE-DF123.0-50DP-0.5V86 Datasheet
227Kb / 11P
   0.5mm Pitch SMT Board to Board Connector
DF16-14DS-0.5V HIROSE-DF16-14DS-0.5V Datasheet
236Kb / 6P
   0.5mm Pitch SMT Board to Board Connector
logo
Harwin Plc
M58-250R HARWIN-M58-250R Datasheet
309Kb / 2P
   FEMALE 0.5mm PITCH BOARD TO BOARD VERTICAL SMT
M58-350R HARWIN-M58-350R Datasheet
209Kb / 2P
   MALE 0.5mm PITCH BOARD TO BOARD VERTICAL SMT
logo
Hirose Electric
DF174.0-20DS-0.5V57 HIROSE-DF174.0-20DS-0.5V57 Datasheet
201Kb / 9P
   0.5mm Pitch Board to Board Connector
DF17-26DS-0.5V HIROSE-DF17-26DS-0.5V Datasheet
285Kb / 7P
   0.5mm Pitch Board to Board Connector
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com