Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DF1B-16P-2.5DS(01) Datasheet(PDF) 2 Page - Hirose Electric

Part # DF1B-16P-2.5DS(01)
Description  2.5mm Pitch Connector for Discrete Wire Connection (Product Compliant with UL/CSA Standard)
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

DF1B-16P-2.5DS(01) Datasheet(HTML) 2 Page - Hirose Electric

  DF1B-16P-2.5DS(01) Datasheet HTML 1Page - Hirose Electric DF1B-16P-2.5DS(01) Datasheet HTML 2Page - Hirose Electric DF1B-16P-2.5DS(01) Datasheet HTML 3Page - Hirose Electric DF1B-16P-2.5DS(01) Datasheet HTML 4Page - Hirose Electric DF1B-16P-2.5DS(01) Datasheet HTML 5Page - Hirose Electric DF1B-16P-2.5DS(01) Datasheet HTML 6Page - Hirose Electric DF1B-16P-2.5DS(01) Datasheet HTML 7Page - Hirose Electric DF1B-16P-2.5DS(01) Datasheet HTML 8Page - Hirose Electric DF1B-16P-2.5DS(01) Datasheet HTML 9Page - Hirose Electric Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 19 page
background image
B184
DF1B Seriesq2.5mm Pitch Connector for Discrete Wire Connection (Product Compliant with UL/CSA Standard)
K Single Row Type
Socket (Cable Side)
K Double Row Type
K Double Row Type
K Single Row Type
In-line Connection Product (Cable to Cable Connection) : Full Lock Type
Socket (Cable Side)
Socket (Cable Side)
Socket (Cable Side)
DF1B-*S-2.5R
DF1B-*DS-2.5RC
DF1B-*ES-2.5RC
DF1B-*DES-2.5RC
BApplicable Combination
Straight Through hole Type
Pin header
Right angle Through hole Type
Pin header
Panel Mount Type
In-line plug (Cable side)
Straight Through hole Type
Pin header
Right angle Through hole Type
Pin header
Panel Mount Type
In-line plug (Cable side)
In-line plug (Cable side)
In-line plug (Cable side)
DF1B(Z)-*P-2.5DSA
DF1B(Z)-*P-2.5DS
DF1BA-*EP-2.5RC
DF1B(Z)-*DP-2.5DSA
DF1B(Z)-*DP-2.5DS
DF1BA-*DEP-2.5RC
DF1B-*EP-2.5RC
DF1B-*DEP-2.5RC


Similar Part No. - DF1B-16P-2.5DS(01)

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
DF1B-16P-2.5DSA(01) HIROSE-DF1B-16P-2.5DSA(01) Datasheet
386Kb / 19P
   2.5mm Pitch Connector for Discrete Wire Connection (Product Compliant with UL/CSA Standard)
More results

Similar Description - DF1B-16P-2.5DS(01)

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
DF1B-2S-2.5R HIROSE-DF1B-2S-2.5R Datasheet
544Kb / 17P
   2.5mm Pitch Connector for Discrete Wire Connection (Product Compliant with UL/CSA Standard)
DF1B-2S2.5RC HIROSE-DF1B-2S2.5RC Datasheet
411Kb / 19P
   2.5mm Pitch Connector for Discrete Wire Connection (Product Compliant with UL/CSA Standard)
logo
Murata Manufacturing Co...
DF1B-34DEP-2.5RC MURATA-DF1B-34DEP-2.5RC Datasheet
364Kb / 19P
   2.5mm Pitch Connector for Discrete Wire Connection (Product Compliant with UL/CSA Standard)
logo
Hirose Electric
DF1B HIROSE-DF1B Datasheet
386Kb / 19P
   2.5mm Pitch Connector for Discrete Wire Connection (Product Compliant with UL/CSA Standard)
DF3-2S-2R26 HIROSE-DF3-2S-2R26_1 Datasheet
345Kb / 13P
   2mm Pitch Connector for Discrete Wire Connection(Product approved by UL CSA Standard)
DF3-2428SC HIROSE-DF3-2428SC Datasheet
329Kb / 13P
   2mm Pitch Connector for Discrete Wire Connection(Product approved by UL CSA Standard)
DF3 HIROSE-DF3 Datasheet
683Kb / 14P
   2mm Pitch Connector for Discrete Wire Connection(Product approved by UL CSA Standard)
DF3-2S-2R26 HIROSE-DF3-2S-2R26 Datasheet
417Kb / 12P
   2mm Pitch Connector for Discrete Wire Connection(Product approved by UL CSA Standard)
DF3Z-3P-2V20 HIROSE-DF3Z-3P-2V20 Datasheet
329Kb / 13P
   2mm Pitch Connector for Discrete Wire Connection(Product approved by UL CSA Standard)
logo
List of Unclassifed Man...
DF3Z-5P-2V ETC2-DF3Z-5P-2V Datasheet
345Kb / 13P
   2mm Pitch Connector for Discrete Wire Connection(Product approved by UL CSA Standard)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com