Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DF1B-14P-2.5DS(01) Datasheet(PDF) 9 Page - Hirose Electric

Part # DF1B-14P-2.5DS(01)
Description  2.5mm Pitch Connector for Discrete Wire Connection (Product Compliant with UL/CSA Standard)
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

DF1B-14P-2.5DS(01) Datasheet(HTML) 9 Page - Hirose Electric

Back Button DF1B-14P-2.5DS(01) Datasheet HTML 5Page - Hirose Electric DF1B-14P-2.5DS(01) Datasheet HTML 6Page - Hirose Electric DF1B-14P-2.5DS(01) Datasheet HTML 7Page - Hirose Electric DF1B-14P-2.5DS(01) Datasheet HTML 8Page - Hirose Electric DF1B-14P-2.5DS(01) Datasheet HTML 9Page - Hirose Electric DF1B-14P-2.5DS(01) Datasheet HTML 10Page - Hirose Electric DF1B-14P-2.5DS(01) Datasheet HTML 11Page - Hirose Electric DF1B-14P-2.5DS(01) Datasheet HTML 12Page - Hirose Electric DF1B-14P-2.5DS(01) Datasheet HTML 13Page - Hirose Electric Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 19 page
background image
B191
DF1B Seriesq2.5mm Pitch Connector for Discrete Wire Connection (Product Compliant with UL/CSA Standard)
s Double Row Straight Pin Header
qBoard Through-hole Diameter:Ø1.1+0
+0.1
Unit: mm
Note 1.The quantity at the specific No. "None" is delivered by the bag unit (100 pcs.). If needed, please order the product per bag.
Note 2.The 4 and 6 contact connector contains the concave portion to prevent miss-insertion in the center area at one point, which is
different from the above figure.
Part Number
DF1BZ- 4DP-2.5DSA
DF1BZ- 6DP-2.5DSA
DF1BZ- 8DP-2.5DSA
DF1BZ-10DP-2.5DSA
DF1BZ-12DP-2.5DSA
DF1BZ-14DP-2.5DSA
DF1BZ-16DP-2.5DSA
DF1BZ-18DP-2.5DSA
DF1BZ-20DP-2.5DSA
DF1BZ-22DP-2.5DSA
DF1BZ-24DP-2.5DSA
DF1BZ-26DP-2.5DSA
DF1BZ-28DP-2.5DSA
DF1BZ-30DP-2.5DSA
DF1BZ-34DP-2.5DSA
DF1BZ-36DP-2.5DSA
DF1BZ-40DP-2.5DSA
Tin plated
Gold plated
CL No.
541-2017-0
541-2018-3
541-2019-6
541-2020-5
541-2021-8
541-2022-0
541-2023-3
541-2024-6
541-2025-9
541-2026-1
541-2027-4
541-2028-7
541-2029-0
541-2030-9
541-2031-1
541-2032-4
541-2033-7
Part Number
DF1B- 4DP-2.5DSA(01)
DF1B- 6DP-2.5DSA(01)
DF1B- 8DP-2.5DSA(01)
DF1B-10DP-2.5DSA(01)
DF1B-12DP-2.5DSA(01)
DF1B-14DP-2.5DSA(01)
DF1B-16DP-2.5DSA(01)
DF1B-18DP-2.5DSA(01)
DF1B-20DP-2.5DSA(01)
DF1B-22DP-2.5DSA(01)
DF1B-24DP-2.5DSA(01)
DF1B-26DP-2.5DSA(01)
DF1B-28DP-2.5DSA(01)
DF1B-30DP-2.5DSA(01)
DF1B-34DP-2.5DSA(01)
DF1B-36DP-2.5DSA(01)
DF1B-40DP-2.5DSA(01)
CL No.
541-0651-5-01
541-0652-8-01
541-0653-0-01
541-0616-4-01
541-0617-7-01
541-0618-0-01
541-0619-2-01
541-0620-1-01
541-0621-4-01
541-0622-7-01
541-0623-0-01
541-0624-2-01
541-0625-5-01
541-0626-8-01
541-0628-3-01
541-0629-6-01
541-0631-8-01
Number of Contacts
4
6
8
10
12
14
16
18
20
22
24
26
28
30
34
36
40
B
2.5
5.0
7.5
10.0
12.5
15.0
17.5
20.0
22.5
25.0
27.5
30.0
32.5
35.0
40.0
42.5
47.5
A
7.5
10.0
12.5
15.0
17.5
20.0
22.5
25.0
27.5
30.0
32.5
35.0
37.5
40.0
45.0
47.5
52.5
RoHS
YES


Similar Part No. - DF1B-14P-2.5DS(01)

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
DF1B-14P-2.5DSA(01) HIROSE-DF1B-14P-2.5DSA(01) Datasheet
386Kb / 19P
   2.5mm Pitch Connector for Discrete Wire Connection (Product Compliant with UL/CSA Standard)
More results

Similar Description - DF1B-14P-2.5DS(01)

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
DF1B-2S-2.5R HIROSE-DF1B-2S-2.5R Datasheet
544Kb / 17P
   2.5mm Pitch Connector for Discrete Wire Connection (Product Compliant with UL/CSA Standard)
DF1B-2S2.5RC HIROSE-DF1B-2S2.5RC Datasheet
411Kb / 19P
   2.5mm Pitch Connector for Discrete Wire Connection (Product Compliant with UL/CSA Standard)
logo
Murata Manufacturing Co...
DF1B-34DEP-2.5RC MURATA-DF1B-34DEP-2.5RC Datasheet
364Kb / 19P
   2.5mm Pitch Connector for Discrete Wire Connection (Product Compliant with UL/CSA Standard)
logo
Hirose Electric
DF1B HIROSE-DF1B Datasheet
386Kb / 19P
   2.5mm Pitch Connector for Discrete Wire Connection (Product Compliant with UL/CSA Standard)
DF3-2S-2R26 HIROSE-DF3-2S-2R26_1 Datasheet
345Kb / 13P
   2mm Pitch Connector for Discrete Wire Connection(Product approved by UL CSA Standard)
DF3-2428SC HIROSE-DF3-2428SC Datasheet
329Kb / 13P
   2mm Pitch Connector for Discrete Wire Connection(Product approved by UL CSA Standard)
DF3 HIROSE-DF3 Datasheet
683Kb / 14P
   2mm Pitch Connector for Discrete Wire Connection(Product approved by UL CSA Standard)
DF3-2S-2R26 HIROSE-DF3-2S-2R26 Datasheet
417Kb / 12P
   2mm Pitch Connector for Discrete Wire Connection(Product approved by UL CSA Standard)
DF3Z-3P-2V20 HIROSE-DF3Z-3P-2V20 Datasheet
329Kb / 13P
   2mm Pitch Connector for Discrete Wire Connection(Product approved by UL CSA Standard)
logo
List of Unclassifed Man...
DF3Z-5P-2V ETC2-DF3Z-5P-2V Datasheet
345Kb / 13P
   2mm Pitch Connector for Discrete Wire Connection(Product approved by UL CSA Standard)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com