Electronic Components Datasheet Search |
|
FX2-032S-1.27DSL(71) Datasheet(PDF) 2 Page - Hirose Electric |
|
FX2-032S-1.27DSL(71) Datasheet(HTML) 2 Page - Hirose Electric |
2 / 28 page A86 FX2 Series ●1.27mm Pitch Multi-function Two Piece Connector 3. Board to board type q Flux swell prevention The straight through hole type takes the complete flux tight action from the board back side at solder dipping. The type is prepared, corresponding to whether or not cleaning is required. w Stack height 12mm to 16mm The board stack height can be set to every 1 mm unit up to 12 to 16mm. e Mis-insertion preventive mechanism The mating area is designed in a mechanism so as to prevent mis-insertion, and complete countermeasures have been taken against wrenching. 4. Board to cable type q Complete lock with easy operation Employing the inner lock system, complete lock and eject actions can be performed with easy operation. w Applicable cable The applicable cable is the <UL2651>AWG#28 flat cable (7/0.127mm), and the jacket size is 0.9±0.1mm. 5. SMT type Strength security with metaltab The right angle type is equipped with metaltab to secure soldering strength, and constructed so as to fix by screws. The straight type can choose whether or not metaltab are required. ■Applications Computers, peripheral equipments, various machines etc. ■Product Specifications Rating Current rating 0.5A Operating Temperature Range -55ç to +85ç (Note 1) Storage Temperature Range -10ç to +60ç (Note 2) Voltage rating 125V AC Operating Humidity Range 40 to 80% Storage Humidity Range 40 to 70% (Note 2) Item Specification Condition 1. Insulation Resistance 1000M ohms min 250V DC 2. Withstanding Voltage No flashover or insulation breakdown. 300V AC/1 minute 3. Contact Resistance 45m ohms max. 100mA 4. Vibration No electrical discontinuity of 1μs or more Frequency: 10 to 55 Hz, single amplitude of 0.75 mm, 2 hours in each of the 3 directions. 5. Humidity (Steady state) Contact resistance: 55m ohms max. Insulation resistance: 100M ohms min. 96 hours at temperature of 40ç and humidity of 90% to 95% Contact resistance: 55m ohms max. (-55ç: 30 minutes →15 to 35ç: 2 to 3 minutes → 6. Temperature Cycle Insulation resistance: 100M ohms min. (-85ç: 30 minutes →15 to 35ç: 2 to 3 minutes) 5 cycles No damage, cracks, or parts looseness. 7. Durability (Mating/un-mating) Contact resistance: 55 m ohms max. 500 cycles SMT Type Reflow: At the recommended temperature profile 8. Resistance to soldering heat No deformation of components affecting performance. Manual soldering: 360ç for 5 seconds DIP Type Solder bath: 260ç for 10 seconds Manual soldering: 360ç for 5 seconds Note 1: Includes temperature rise caused by current flow. Note 2: The term "storage" refers to products stored for long period of time prior to mounting and use. Operating Temperature Range and Humidity range covers non conducting condition of installed connectors in storage, shipment or during transportation. Note 3: Information contained in this catalog represents general requirements for this Series.Contact us for the drawings and specifications for a specific part number shown. ■Material Parts Material Finish Remark Insulator Dip type Polyamid Black Socket PBT/Polyamid UL94V-0 SMT type PPS Light brown Contact Receptacle Phosphor bronze Socket Selective gold plated ________ Header Phosphor bronze or brass ■Stacking Variation Receptacle Header Dip type SMT type FX2C-*S-1.27DSA(L) FX2CA-*S-1.27DSA(L) FX2C2-*S-1.27DSA(L) FX2CA2-*S-1.27DSA(L) FX2-*S-1.27SV(L) FX2C-*P-1.27DSA(L) FX2CA-*P-1.27DSA(L) FX2CA1-*P-1.27DSA(L) FX2CA2-*P-1.27DSA(L) FX2-*P-1.27SV(L) Dip type SMT type 12.0 13.0 14.0 12.1 14.0 15.0 16.0 14.1 12.2 13.2 14.2 12.3 Unit:mm The product information in this catalog is for reference only. Please request the Engineering Drawing for the most current and accurate design information. All non-RoHS products have been discontinued, or will be discontinued soon. Please check the products status on the Hirose website RoHS search at www.hirose-connectors.com, or contact your Hirose sales representative. |
Similar Part No. - FX2-032S-1.27DSL(71) |
|
Similar Description - FX2-032S-1.27DSL(71) |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |