Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

N25Q032A13E1241F Datasheet(PDF) 34 Page - Micron Technology

Part # N25Q032A13E1241F
Description  32-Mbit 3 V, multiple I/O, 4-Kbyte subsector erase, XiP enabled, serial flash memory with 108 MHz SPI bus interface
Download  153 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRON [Micron Technology]
Direct Link  http://www.micron.com
Logo MICRON - Micron Technology

N25Q032A13E1241F Datasheet(HTML) 34 Page - Micron Technology

Back Button N25Q032A13E1241F Datasheet HTML 30Page - Micron Technology N25Q032A13E1241F Datasheet HTML 31Page - Micron Technology N25Q032A13E1241F Datasheet HTML 32Page - Micron Technology N25Q032A13E1241F Datasheet HTML 33Page - Micron Technology N25Q032A13E1241F Datasheet HTML 34Page - Micron Technology N25Q032A13E1241F Datasheet HTML 35Page - Micron Technology N25Q032A13E1241F Datasheet HTML 36Page - Micron Technology N25Q032A13E1241F Datasheet HTML 37Page - Micron Technology N25Q032A13E1241F Datasheet HTML 38Page - Micron Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 153 page
background image
Volatile and Non Volatile Registers
N25Q032 - 3 V
34/153
Micron Technology, Inc., reserves the right to change products or specifications without notice.
©2010 Micron Technology, Inc. All rights reserved.
The Top/Bottom (TB) bit is used in conjunction with the Block Protect (BP2, BP1, BP0) bits
to determine if the protected area defined by the Block Protect bits starts from the top or the
bottom of the memory array:
When TB is reset to '0' (default value), the area protected by the Block Protect bits
starts from the top of the memory array.
When TB is set to '1', the area protected by the Block Protect bits starts from the bottom
of the memory array.
The TB bit cannot be written when the SRWD bit is set to '1' and the W pin is driven Low.
6.1.5
SRWD bit
The Status Register Write Disable (SRWD) bit is operated in conjunction with the Write
Protect (W/VPP) signal. The Status Register Write Disable (SRWD) bit and the Write Protect
(W/VPP) signal allow the device to be put in the hardware protected mode (when the Status
Register Write Disable (SRWD) bit is set to '1', and Write Protect ((W/VPP) is driven Low). In
this mode, the non-volatile bits of the Status Register (TB, BP2, BP1, BP0) become read-
only bits and the Write Status Register (WRSR) instruction is no longer accepted for
execution.
6.2
Non Volatile Configuration Register
The Non Volatile Configuration Register (NVCR) bits affects the default memory
configuration after power-on. It can be used to make the memory start in the configuration to
fit the application requirements.
The device is delivered with Non Volatile Configuration Register (NVCR) bits all erased to 1
(FFFFh).
The purpose of the NVCR is to define the default memory settings after the power-on
sequence related to many features:
The number of dummy clock cycle for fast read instructions,
XIP mode configurations,
output driver strengths,
Reset (or Hold) disabling
Multiple I/O protocol enabling.
The NVCR can be read by the Read Non Volatile Configuration Register (RDNVCR)
instruction and written by the Write Non Volatile Configuration Register (WRNVCR) in all the
3 available SPI protocols. See the sections that follow as well as Table 3.: Non-Volatile
Configuration Register.


Similar Part No. - N25Q032A13E1241F

ManufacturerPart #DatasheetDescription
logo
Micron Technology
N25Q032A13E1240x MICRON-N25Q032A13E1240x Datasheet
884Kb / 82P
   SPI-compatible serial bus interface
More results

Similar Description - N25Q032A13E1241F

ManufacturerPart #DatasheetDescription
logo
Numonyx B.V
N25Q128 NUMONYX-N25Q128_1 Datasheet
5Mb / 180P
   128-Mbit 3 V, multiple I/O, 4-Kbyte subsector erase on boot sectors,XiP enabled, serial flash memory with 108 MHz SPI bus interface
N25Q128 NUMONYX-N25Q128 Datasheet
5Mb / 185P
   128-Mbit, 1.8 V, multiple I/O, 4-Kbyte subsector erase on boot sectors, XiP enabled, serial flash memory with 108 MHz SPI bus interface
logo
Micron Technology
N25Q128A11B1241F MICRON-N25Q128A11B1241F Datasheet
5Mb / 185P
   128-Mbit, 1.8 V, multiple I/O, 4-Kbyte subsector erase on boot sectors, XiP enabled, serial flash memory with 108 MHz SPI bus interface
logo
STMicroelectronics
M25PX32 STMICROELECTRONICS-M25PX32 Datasheet
550Kb / 63P
   32-Mbit, dual I/O, 4-Kbyte subsector erase, serial Flash memory with 75 MHz SPI bus interface
logo
Numonyx B.V
M25PX32 NUMONYX-M25PX32 Datasheet
1Mb / 65P
   32-Mbit, dual I/O, 4-Kbyte subsector erase, serial Flash memory with 75 MHz SPI bus interface
logo
Micron Technology
M25PX16SOVZM6TP MICRON-M25PX16SOVZM6TP Datasheet
1Mb / 65P
   16-Mbit, dual I/O, 4-Kbyte subsector erase, serial Flash memory with 75 MHz SPI bus interface
logo
Numonyx B.V
M25PX64-VMF6TP NUMONYX-M25PX64-VMF6TP Datasheet
1Mb / 70P
   64-Mbit, dual I/O, 4-Kbyte subsector erase, serial flash memory with 75 MHz SPI bus interface
M25PX16-VMN6TP NUMONYX-M25PX16-VMN6TP Datasheet
1Mb / 65P
   16-Mbit, dual I/O, 4-Kbyte subsector erase, serial Flash memory with 75 MHz SPI bus interface
M25PX64 NUMONYX-M25PX64 Datasheet
1Mb / 66P
   64-Mbit, dual I/O, 4-Kbyte subsector erase, serial flash memory with 75 MHz SPI bus interface
logo
SPANSION
S25FL032P0XMFI013 SPANSION-S25FL032P0XMFI013 Datasheet
3Mb / 69P
   32-Mbit CMOS 3.0 Volt Flash Memory with 104-MHz SPI (Serial Peripheral Interface) Multi I/O Bus
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com